Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ES0503 Datasheet(PDF) 1 Page - Bruckewell Technology LTD

No. de pieza ES0503
Descripción Electrónicos  Low Capacitance TVS Array
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  BWTECH [Bruckewell Technology LTD]
Página de inicio  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

ES0503 Datasheet(HTML) 1 Page - Bruckewell Technology LTD

  ES0503 Datasheet HTML 1Page - Bruckewell Technology LTD ES0503 Datasheet HTML 2Page - Bruckewell Technology LTD ES0503 Datasheet HTML 3Page - Bruckewell Technology LTD ES0503 Datasheet HTML 4Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Bruckewell Technology Corp., Ltd.
Low Capacitance TVS Array
ES0504/ES0503
General Description
ES0504/ES0503 are surge rated diode arrays designed to protect
high-speed data interfaces. This series has been specifically
designed to protect sensitive components which are connected to
data and transmission lines from overvoltage caused by
ESD (electrostatic discharge), CDE (Cable Discharge
Events), and EFT (electrical fast transients).
The unique design incorporates surge rated, low capacitance
steering diodes and a TVS diode in a single package. During
transient conditions, the steering diodes direct the transient to
either the positive side of the power supply line or to ground.
The internal TVS diode prevents over-voltage on the power line,
protecting any downstream components. The low capacitance
array configuration allows the user to protect four high-speed data
or transmission lines. The low inductance construction minimizes
voltage overshoot during high current surges.
Applications
• USB 2.0
• USB OTG
• Monitors and Flat Panel Displays
• Digital Visual Interface (DVI)
• High-Definition Multimedia Interface (HDMI)
• Gigabit Ethernet
• SIM Ports
• IEEE 1394 Fire wire Ports
SOT363-6
Features
• Array of surge rated diodes with internalTVS
Diode
• Small package (2.4 x 2.2mm) saves board
space
• Protects up to four I/O lines & power line
• Low capacitance (<3pF) for high-speed
interfaces
• No insertion loss to 2.0GHz
• Low leakage current and clamping voltage
• Low operating voltage: 5.0V/3.3V
• Solid-state silicon-avalanche technology
IEC61000-4-2(ESD) 15kV(air), 8kV(Contact)
IEC61000-4-4(EFT) 40A(5/50ns)
IEC61000-4-5(Surge)24A(8/20us),Level2(Line-Gro
und)& Level 2(Line- Line)


Número de pieza similar - ES0503

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
EMP-Centauri s.r.o.
ES05-15 EMP-CENTAURI-ES05-15 Datasheet
512Kb / 1P
   UTP/coaxial ethernet switch 4in / 2out
logo
Bruckewell Technology L...
ES0542 BWTECH-ES0542 Datasheet
420Kb / 4P
   Low Capacitance TVS Array
logo
Xian Semipower Electron...
ES05AF SEMIPOWER-ES05AF Datasheet
130Kb / 3P
   Surface Mount Superfast Recovery Rectifier
logo
DONGGUAN YOU FENG WEI E...
ES05AF YFWDIODE-ES05AF Datasheet
443Kb / 3P
   Surface Mount Superfast Recovery Rectifier
ES05AF-SMAF YFWDIODE-ES05AF-SMAF Datasheet
443Kb / 3P
   Surface Mount Superfast Recovery Rectifier
More results

Descripción similar - ES0503

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
PCL01-6 ETC-PCL01-6 Datasheet
142Kb / 4P
   LOW CAPACITANCE TVS ARRAY
logo
Bruckewell Technology L...
ES0542 BWTECH-ES0542 Datasheet
420Kb / 4P
   Low Capacitance TVS Array
logo
Protek Devices
RSB6.8G PROTEC-RSB6.8G Datasheet
59Kb / 4P
   LOW CAPACITANCE TVS ARRAY
VSMF05LC PROTEC-VSMF05LC Datasheet
67Kb / 4P
   LOW CAPACITANCE TVS ARRAY
ESOT12LCC-1 PROTEC-ESOT12LCC-1 Datasheet
72Kb / 3P
   LOW CAPACITANCE TVS ARRAY
LCA05C PROTEC-LCA05C_07 Datasheet
84Kb / 5P
   LOW CAPACITANCE TVS ARRAY
PLC03-3.3 PROTEC-PLC03-3.3 Datasheet
72Kb / 4P
   LOW CAPACITANCE TVS ARRAY
ESOT24LCC-2 PROTEC-ESOT24LCC-2 Datasheet
92Kb / 3P
   LOW CAPACITANCE TVS ARRAY
VSB06P05LCI PROTEC-VSB06P05LCI Datasheet
105Kb / 4P
   LOW CAPACITANCE TVS ARRAY
logo
Semtech Corporation
RCLAMP3654PA SEMTECH-RCLAMP3654PA Datasheet
166Kb / 9P
   Low Capacitance TVS Array
logo
Protek Devices
DSOT0502 PROTEC-DSOT0502 Datasheet
524Kb / 6P
   LOW CAPACITANCE TVS ARRAY
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com