Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

02009-DSH-001-D Datasheet(PDF) 6 Page - M/A-COM Technology Solutions, Inc.

No. de Pieza. 02009-DSH-001-D
Descripción  Pin Pre-amplifier with AGC for 3.3V Fiber Optic Applications to 622 Mbps
Descarga  19 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  MA-COM [M/A-COM Technology Solutions, Inc.]
Página de inicio  http://www.macomtech.com
Logo 

02009-DSH-001-D Datasheet(HTML) 6 Page - M/A-COM Technology Solutions, Inc.

Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
02009-DSH-001-D
Mindspeed Technologies™
1
Mindspeed Proprietary and Confidential
1.0 Functional Description
1.1
Overview
The MC2009 is a low-noise, transimpedance amplifier with AGC, manufactured in low-cost CMOS. Its wide
dynamic range, differential output and high PIN bias make it well suited for telecommunications, especially OC-12/
STM-4. However, the MC2009 is intended to meet the needs of both Telecom and Datacom users.
The MC2009 is available in die form. For optimum system performance die should be mounted in close proximity
with the photodetector.
The MC2009 is designed to be used with the Mindspeed MC2044C Postamplifier IC. When combined with a pho-
todiode, the chip set forms a high performance, low cost 3.3V receiver.
Figure 1-1.
M02009 Block Diagram
DC
Restore
2.5 k
Phase
Splitter
B.I.S.T.
EN
AGC
PINA
PINK
MON
DOUT
DOUT
2.6 V
1 V
DC Shift


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn