Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

PI2EQX3201BL Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

No. de Pieza. PI2EQX3201BL
Descripción  3.0Gbps 2 Differential Channel SATA i/m ReDriver with Equalization, De-emphasis and OOB
Descarga  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  PERICOM [Pericom Semiconductor Corporation]
Página de inicio  http://www.pericom.com
Logo 

PI2EQX3201BL Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

   
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Altera Corporation
3
MAX 7000A Programmable Logic Device Data Sheet
Software design support and automatic place-and-route provided by
Altera’s development systems for Windows-based PCs and Sun
SPARCstation, and HP 9000 Series 700/800 workstations
Additional design entry and simulation support provided by EDIF
2 0 0 and 3 0 0 netlist files, library of parameterized modules (LPM),
Verilog HDL, VHDL, and other interfaces to popular EDA tools from
manufacturers such as Cadence, Exemplar Logic, Mentor Graphics,
OrCAD, Synopsys, Synplicity, and VeriBest
Programming support with Altera’s Master Programming Unit
(MPU), MasterBlasterTM serial/universal serial bus (USB)
communications cable, ByteBlasterMVTM parallel port download
cable, and BitBlasterTM serial download cable, as well as
programming hardware from third-party manufacturers and any
JamTM STAPL File (.jam), Jam Byte-Code File (.jbc), or Serial Vector
Format File- (.svf) capable in-circuit tester
General
Description
MAX 7000A (including MAX 7000AE) devices are high-density, high-
performance devices based on Altera’s second-generation MAX
architecture. Fabricated with advanced CMOS technology, the EEPROM-
based MAX 7000A devices operate with a 3.3-V supply voltage and
provide 600 to 10,000 usable gates, ISP, pin-to-pin delays as fast as 4.5 ns,
and counter speeds of up to 227.3 MHz. MAX 7000A devices in the -4, -5,
-6, -7, and some -10 speed grades are compatible with the timing
requirements for 33 MHz operation of the PCI Special Interest Group (PCI
SIG) PCI Local Bus Specification, Revision 2.2. See Table 2.
Table 2. MAX 7000A Speed Grades
Device
Speed Grade
-4
-5
-6
-7
-10
-12
EPM7032AE
vv
v
EPM7064AE
vv
v
EPM7128A
vvvv
EPM7128AE
vv
v
EPM7256A
vvvv
EPM7256AE
vv
v
EPM7512AE
vvv


Html Pages

1  2  3  4  5