Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SA150CA Datasheet(PDF) 3 Page - Diodes Incorporated |
|
SA150CA Datasheet(HTML) 3 Page - Diodes Incorporated |
3 / 3 page DS21501 Rev. 10 - 2 3 of 3 SA5V0A - SA170A Peak Value I Half Value I pp/2 10 x 1000 Wave form as defined by R.E.A. 01 2 3 t, TIME (ms) Fig. 1, Pulse Waveform 100 50 0 t = 10 sec m pp r tp 10 100 10 100 1000 10,000 V , RATED STANDOFF VOLTAGE (V) Fig. 2, Typical Total Capacitance R V = Rated Stand-off Voltage R 550 20 20 50 50 500 5,000 V= 0 R Unidirectional Bidirectional 10 X 1000 Waveform as defined by REA 0 25 50 75 100 125 150 175 200 100 75 50 25 0 T , AMBIENT TEMPERATURE (°C) Fig. 4, Derating Curve A L = 9.5 mm 0 25 50 75 100 125 150 175 200 0 T , LEAD TEMPERATURE (°C) Fig. 5, Power Derating L 0.25 0.5 0.75 1.0 0.1 1.0 T - PULSE WIDTH ( S) Fig. 3, Peak Pulse Power Derating p m 0.1 10 100 1.0 10 1000 10000 IMPULSE HALF SINE WAVE SQ. WAVE Tc = 25°C 100 |
Número de pieza similar - SA150CA |
|
Descripción similar - SA150CA |