Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

IRF3710ZGPBF Datasheet(PDF) 4 Page - International Rectifier

No. de pieza IRF3710ZGPBF
Descripción Electrónicos  Advanced Process Technology
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  IRF [International Rectifier]
Página de inicio  http://www.irf.com
Logo IRF - International Rectifier

IRF3710ZGPBF Datasheet(HTML) 4 Page - International Rectifier

  IRF3710ZGPBF Datasheet HTML 1Page - International Rectifier IRF3710ZGPBF Datasheet HTML 2Page - International Rectifier IRF3710ZGPBF Datasheet HTML 3Page - International Rectifier IRF3710ZGPBF Datasheet HTML 4Page - International Rectifier IRF3710ZGPBF Datasheet HTML 5Page - International Rectifier IRF3710ZGPBF Datasheet HTML 6Page - International Rectifier IRF3710ZGPBF Datasheet HTML 7Page - International Rectifier IRF3710ZGPBF Datasheet HTML 8Page - International Rectifier IRF3710ZGPBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
IRF3710ZGPbF
4
www.irf.com
Fig 8. Maximum Safe Operating Area
Fig 6. Typical Gate Charge vs.
Gate-to-Source Voltage
Fig 5. Typical Capacitance vs.
Drain-to-Source Voltage
Fig 7. Typical Source-Drain Diode
Forward Voltage
1
10
100
VDS, Drain-to-Source Voltage (V)
10
100
1000
10000
100000
Coss
Crss
Ciss
VGS = 0V,
f = 1 MHZ
C iss = Cgs + Cgd, Cds SHORTED
Crss = Cgd
Coss = Cds + Cgd
0
2040
6080
100
QG Total Gate Charge (nC)
0.0
2.0
4.0
6.0
8.0
10.0
12.0
VDS= 80V
VDS= 50V
VDS= 20V
ID= 35A
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
VSD, Source-to-Drain Voltage (V)
0.10
1.00
10.00
100.00
1000.00
TJ = 25°C
TJ = 175°C
VGS = 0V
1
10
100
1000
VDS , Drain-toSource Voltage (V)
0.1
1
10
100
1000
Tc = 25°C
Tj = 175°C
Single Pulse
1msec
10msec
OPERATION IN THIS AREA
LIMITED BY RDS(on)
100µsec


Número de pieza similar - IRF3710ZGPBF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
IRF3710Z IRF-IRF3710Z Datasheet
270Kb / 12P
   AUTOMOTIVE MOSFET
logo
Kersemi Electronic Co.,...
IRF3710Z KERSEMI-IRF3710Z Datasheet
4Mb / 12P
   Advanced Process Technology Ultra Low On-Resistance
logo
Inchange Semiconductor ...
IRF3710Z ISC-IRF3710Z Datasheet
339Kb / 2P
   N-Channel MOSFET Transistor
logo
International Rectifier
IRF3710ZL IRF-IRF3710ZL Datasheet
270Kb / 12P
   AUTOMOTIVE MOSFET
logo
Kersemi Electronic Co.,...
IRF3710ZL KERSEMI-IRF3710ZL Datasheet
4Mb / 12P
   Advanced Process Technology Ultra Low On-Resistance
More results

Descripción similar - IRF3710ZGPBF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
IRF3205STRR IRF-IRF3205STRR Datasheet
618Kb / 11P
   Advanced Process Technology
IRF3205ZSTRLPBF IRF-IRF3205ZSTRLPBF Datasheet
385Kb / 12P
   Advanced Process Technology
IRL2203NSTRLPBF IRF-IRL2203NSTRLPBF Datasheet
295Kb / 10P
   Advanced Process Technology
logo
Kersemi Electronic Co.,...
IRF640NS KERSEMI-IRF640NS Datasheet
1Mb / 11P
   Advanced Process Technology
IRFR48Z KERSEMI-IRFR48Z_15 Datasheet
1Mb / 12P
   Advanced Process Technology
IRLR2905Z KERSEMI-IRLR2905Z Datasheet
1Mb / 11P
   Advanced Process Technology
IRFZ24N KERSEMI-IRFZ24N Datasheet
741Kb / 8P
   Advanced Process Technology
IRFZ44N KERSEMI-IRFZ44N Datasheet
700Kb / 8P
   Advanced Process Technology
logo
International Rectifier
IRF1104SPBF IRF-IRF1104SPBF_15 Datasheet
272Kb / 11P
   Advanced Process Technology
IRF1405SPBF IRF-IRF1405SPBF_15 Datasheet
313Kb / 11P
   Advanced Process Technology
IRF2204PBF IRF-IRF2204PBF_15 Datasheet
263Kb / 9P
   Advanced Process Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com