Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

0618.315XP Datasheet(PDF) 1 Page - Littelfuse

No. de pieza 0618.315XP
Descripción Electrónicos  0618XP - Series 5x20mm Time-Lag Fuse Designed to IEC Standard (Low Breaking Capacity)
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LITTELFUSE [Littelfuse]
Página de inicio  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

0618.315XP Datasheet(HTML) 1 Page - Littelfuse

  0618.315XP Datasheet HTML 1Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
0618XP - Series 5x20mm
Time-Lag Fuse Designed to IEC Standard
(Low Breaking Capacity)
Part No.
Rating
06181.25XP 1.25A
061801.6XP 1.6A
0618002.XP 2A
061802.5XP 2.5A
06183.15XP 3.15A
0618004.XP 4A
0618005.XP 5A
061806.3XP 6.3A
0618008.XP 8A
0618010.XP 10A
Part No.
Rating
0618.125XP 125mA
0618.160XP 160mA
0618.200XP 200mA
0618.250XP 250mA
0618.315XP 315mA
0618.400XP 400mA
0618.500XP 500mA
0618.630XP 630mA
0618.800XP 800mA
0618001.XP 1A
For Full Part number, please reference packaging and version specifications
Electrical Characteristics (IEC 60127-2 Standard Sheet 3)
1.5 In
2.1 In
2.75 In
4 In
10 In
Rated Current
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
125mA – 6.3A
60
2
600
10
150
3
20
300
8A – 10A
30
2
600
10
150
3
20
300
min
min
ms
sec
ms
sec
ms
ms
Voltage Rating
250V ac.
Breaking Capacity 35A or 10In (whichever is greater) @ 250V ac unity power factor.
Approvals
Dimensions
Agency Approvals
Ampere Range
Certificate No.
2002010207024437
2002010207007595
2002010207000379
125mA,160mA,250mA-630mA
200mA
800mA-6.3A
Recognised File No.
E10480
Acceptance File No.
LR1422-30
125mA-10A
Licence No
40014776
125mA-5A
125mA – 10A
Materials
Body
Glass
Rating
Element Type
Cap
Nickel Plated Brass
125mA – 630mA
Wound
Lead
Tin Plated Copper
800mA – 10A
Straight
Suzhou Littelfuse OVS Ltd., 6 Xinghai Street, Singapore Suzhou Industrial Park, China
Title
Doc. No.
Rev.
DCR
Date
Tel: +86 512 6761 3189
• Fax: +86 512 6761 1489 • Internet: http://www.littelfuse.com
0618XP Series Sales Drawing
0618000XP
C
1409
Aug. 2005
All dimensions in mm
5.1
± 0.6
5.2+0.1
- 0.2
20±0.5
0618000XP
5.1
± 0.6
22.5 max.
40
∅0.65*
∅5.8 Max
0618000XEP
* Ratings above 6.3A
∅0.8 Lead.
Storage Temperature Conditions
-10
0C to +400C at RH < 80%
Refer to drawing XP for
Compliant


Número de pieza similar - 0618.315XP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
06180 ETC2-06180 Datasheet
357Kb / 3P
   Wide-Vue Style Analog Panel Meters
logo
Tyco Electronics
06181000 MACOM-06181000 Datasheet
5Mb / 85P
   tyco electronics contents
06181001 MACOM-06181001 Datasheet
5Mb / 85P
   tyco electronics contents
06181002 MACOM-06181002 Datasheet
5Mb / 85P
   tyco electronics contents
06181003 MACOM-06181003 Datasheet
5Mb / 85P
   tyco electronics contents
More results

Descripción similar - 0618.315XP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Bel Fuse Inc.
5ST BEL-5ST Datasheet
1Mb / 4P
   TIME-LAG FUSE SERIES(LOW BREAKING CAPACITY)
5ST BEL-5ST Datasheet
99Kb / 2P
   Time-lag Fuse Series (Low Breaking Capacity)
5HT BEL-5HT Datasheet
98Kb / 2P
   Time-lag Fuse Series (High - Breaking Capacity)
0659C BEL-0659C Datasheet
2Mb / 4P
   Time - lag Fuse Series (High-Breaking Capacity)
5HT BEL-5HT_13 Datasheet
1Mb / 4P
   TIME-LAG FUSE SERIES (HIGH - BREAKING CAPACITY)
5VT BEL-5VT Datasheet
93Kb / 2P
   Time-lag Fuse Series (High Surge-proof, Low-breaking Capacity)
5VT BEL-5VT_13 Datasheet
1Mb / 4P
   Time-lag Fuse Series (High Surge-proof, Low-breaking Capacity)
logo
Littelfuse
0215010TXP LITTELFUSE-0215010TXP Datasheet
359Kb / 5P
   5x20mm Time-Lag surge withstand ceramic body cartridge fuse designed to IEC specification
logo
Bel Fuse Inc.
0659C1000-XX BEL-0659C1000-XX Datasheet
619Kb / 4P
   Type 0659C / 0659P Time-lag Fuse Series (High -Breaking Capacity)
5ET BEL-5ET Datasheet
92Kb / 2P
   Time-lag Fuse Series (High Surge-proof , Enhanced-breaking Capacity)
More results


Html Pages

1


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com