Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SD5620 Datasheet(PDF) 8 Page - Honeywell Accelerometers

No. de pieza SD5620
Descripción Electrónicos  Infrared Sensors Line Guide
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  HONEYWELL-ACC [Honeywell Accelerometers]
Página de inicio  http://www.inertialsensor.com
Logo HONEYWELL-ACC - Honeywell Accelerometers

SD5620 Datasheet(HTML) 8 Page - Honeywell Accelerometers

Back Button SD5620 Datasheet HTML 4Page - Honeywell Accelerometers SD5620 Datasheet HTML 5Page - Honeywell Accelerometers SD5620 Datasheet HTML 6Page - Honeywell Accelerometers SD5620 Datasheet HTML 7Page - Honeywell Accelerometers SD5620 Datasheet HTML 8Page - Honeywell Accelerometers SD5620 Datasheet HTML 9Page - Honeywell Accelerometers SD5620 Datasheet HTML 10Page - Honeywell Accelerometers SD5620 Datasheet HTML 11Page - Honeywell Accelerometers SD5620 Datasheet HTML 12Page - Honeywell Accelerometers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
Infrared Sensors Line Guide
SD1440(L)
SD2440
SD3443
SD5443
SD5491
Package style
coaxial, leaded case
miniature, pill
TO-46 flat window
TO-46 dome lensed
TO-18 dome lensed
Angular response
24°
48°
90°
18°
12°
Light current minimum
3 mA
7 mA
2 mA
8 mA
2 mA
Peak response
880 nm
880 nm
880 nm
880 nm
880 nm
Rise/fall time
15
ms typ.
15
ms typ.
15
ms typ.
15
ms typ.
2
ms typ.
Mounting configuration
through-hole
through-hole
through-hole
through-hole
through-hole
Termination style
0.018 in round leads
0.062 hole
0.018 in round leads
0.018 in round leads
0.018 in round leads
Phototransistors -
Metal Package
8
www.honeywell.com/sensing
SDP8405
SDP8406
SDP8436
SMD2440
Package style
T1
side detecting
tight beam sidelooker
ceramic surface mount,
glass lens
Angular response
20°
50°
18°
28°
Light current minimum
12 mA
1.8 mA
7 mA
1.5 mA
Peak response
880 nm
880 nm
880 nm
880 nm
Rise/fall time
15
ms typ.
15
ms typ.
15
ms typ.
15
ms typ.
Mounting configuration
through-hole
through-hole
through-hole
SMT
Termination style
0.020 in sq leads
0.020 in sq leads
0.020 in sq leads
SMT
Phototransistors -
Plastic and Ceramic
Package


Número de pieza similar - SD5620

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
SD5620 ETC1-SD5620 Datasheet
257Kb / 2P
   Hermetic Optoschmitts
logo
Honeywell Accelerometer...
SD5620 HONEYWELL-ACC-SD5620 Datasheet
1Mb / 18P
   Infrared Sensors Line Guide
More results

Descripción similar - SD5620

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Honeywell Solid State E...
SD5410-001 HONEYWELL-SD5410-001 Datasheet
1Mb / 18P
   Infrared Sensors Line Guide
logo
Honeywell Accelerometer...
SD5410-001 HONEYWELL-ACC-SD5410-001 Datasheet
1Mb / 18P
   Infrared Sensors Line Guide
HOA7720-M22 HONEYWELL-ACC-HOA7720-M22 Datasheet
1Mb / 18P
   Infrared Sensors Line Guide
HOA0901-012 HONEYWELL-ACC-HOA0901-012 Datasheet
1Mb / 18P
   Infrared Sensors Line Guide
logo
Honeywell Solid State E...
SE1450-004 HONEYWELL-SE1450-004 Datasheet
1Mb / 18P
   Infrared Sensors Line Guide
logo
Honeywell Accelerometer...
SD1420-002 HONEYWELL-ACC-SD1420-002 Datasheet
1Mb / 18P
   Infrared Sensors Line Guide
SEP8736-002 HONEYWELL-ACC-SEP8736-002 Datasheet
1Mb / 18P
   Infrared Sensors Line Guide
SDP8406-001 HONEYWELL-ACC-SDP8406-001 Datasheet
1Mb / 18P
   Infrared Sensors Line Guide
logo
Honeywell Solid State E...
135-105QAF-J01 HONEYWELL-135-105QAF-J01 Datasheet
689Kb / 11P
   Temperature Sensors Line Guide
logo
Honeywell Accelerometer...
ICL1250002-01 HONEYWELL-ACC-ICL1250002-01 Datasheet
689Kb / 11P
   Temperature Sensors Line Guide
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com