Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SDP8610 Datasheet(PDF) 3 Page - Honeywell Accelerometers

No. de pieza SDP8610
Descripción Electrónicos  Infrared Sensors Line Guide
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  HONEYWELL-ACC [Honeywell Accelerometers]
Página de inicio  http://www.inertialsensor.com
Logo HONEYWELL-ACC - Honeywell Accelerometers

SDP8610 Datasheet(HTML) 3 Page - Honeywell Accelerometers

  SDP8610 Datasheet HTML 1Page - Honeywell Accelerometers SDP8610 Datasheet HTML 2Page - Honeywell Accelerometers SDP8610 Datasheet HTML 3Page - Honeywell Accelerometers SDP8610 Datasheet HTML 4Page - Honeywell Accelerometers SDP8610 Datasheet HTML 5Page - Honeywell Accelerometers SDP8610 Datasheet HTML 6Page - Honeywell Accelerometers SDP8610 Datasheet HTML 7Page - Honeywell Accelerometers SDP8610 Datasheet HTML 8Page - Honeywell Accelerometers SDP8610 Datasheet HTML 9Page - Honeywell Accelerometers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
www.honeywell.com/sensing
3
HOA1877
HOA0825
HOA086X
HOA1879
Sensor aperture
1,52 mm [0.06 in] dia
1,52 mm [0.06 in] dia
1,52 mm x 1,27 mm
[0.06 in x 0.05 in]
1,02 mm x 0,25 mm
[0.04 in x 0.01 in]
Slot width
9,53 mm [0.375 in]
4,19 mm [0.165 in]
3,18 mm [0.125 in]
3,18 mm [0.125 in]
Rise/fall time (typ.)
15 ns
15 ns
15 ns
15 ns
Coupled current (Ic) min.
0.5 mA
0.5 mA
1 mA
0.5 mA
Collector-emitter
breakdown voltage (min.)
30 V
30 V
30 V
30 V
Mounting configuration
mounting tabs
N, L, T, P mounting options
N, L, T, P mounting options
mounting tabs
Termination style
0.018 in diameter leads
0.020 sq leads
0.020 in sq leads
0.020 in sq leads
Transmissive
Sensors
SDP8475-201
SDP8476-201
Package style
T-1
sidelooker
Angular response
20°
50°
Light current (min.)
4 mA
1 mA
Light current (max.)
14 mA
6 mA
Light current slope
4 mA/mW/cm² to 14 mA/mW/cm²
1 mA/mW/cm² to 6 mA/mW/cm²
Mounting configuration
through-hole
through-hole
Termination style
0.020 in sq leads
0.020 in sq leads
Low Light Rejection
Phototransistors


Número de pieza similar - SDP8610

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Honeywell Accelerometer...
SDP8610 HONEYWELL-ACC-SDP8610 Datasheet
1Mb / 18P
   Infrared Sensors Line Guide
More results

Descripción similar - SDP8610

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Honeywell Solid State E...
SD5410-001 HONEYWELL-SD5410-001 Datasheet
1Mb / 18P
   Infrared Sensors Line Guide
logo
Honeywell Accelerometer...
SD5410-001 HONEYWELL-ACC-SD5410-001 Datasheet
1Mb / 18P
   Infrared Sensors Line Guide
HOA7720-M22 HONEYWELL-ACC-HOA7720-M22 Datasheet
1Mb / 18P
   Infrared Sensors Line Guide
HOA0901-012 HONEYWELL-ACC-HOA0901-012 Datasheet
1Mb / 18P
   Infrared Sensors Line Guide
logo
Honeywell Solid State E...
SE1450-004 HONEYWELL-SE1450-004 Datasheet
1Mb / 18P
   Infrared Sensors Line Guide
logo
Honeywell Accelerometer...
SD1420-002 HONEYWELL-ACC-SD1420-002 Datasheet
1Mb / 18P
   Infrared Sensors Line Guide
SEP8736-002 HONEYWELL-ACC-SEP8736-002 Datasheet
1Mb / 18P
   Infrared Sensors Line Guide
SDP8406-001 HONEYWELL-ACC-SDP8406-001 Datasheet
1Mb / 18P
   Infrared Sensors Line Guide
logo
Honeywell Solid State E...
135-105QAF-J01 HONEYWELL-135-105QAF-J01 Datasheet
689Kb / 11P
   Temperature Sensors Line Guide
logo
Honeywell Accelerometer...
ICL1250002-01 HONEYWELL-ACC-ICL1250002-01 Datasheet
689Kb / 11P
   Temperature Sensors Line Guide
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com