Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

1N5310-1 Datasheet(PDF) 1 Page - Aeroflex Circuit Technology

No. de pieza 1N5310-1
Descripción Electrónicos  Current Regulator Diode Series 1N5283-1 thru 1N5314-1 & 1N7048-1 thru 1N7055-1
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AEROFLEX [Aeroflex Circuit Technology]
Página de inicio  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

1N5310-1 Datasheet(HTML) 1 Page - Aeroflex Circuit Technology

  1N5310-1 Datasheet HTML 1Page - Aeroflex Circuit Technology 1N5310-1 Datasheet HTML 2Page - Aeroflex Circuit Technology 1N5310-1 Datasheet HTML 3Page - Aeroflex Circuit Technology 1N5310-1 Datasheet HTML 4Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Revision Date: 2/15/2012
New Product
Current Regulator Diode Series
1N5283-1 thru 1N5314-1 & 1N7048-1 thru 1N7055-1
Parameters / Test Conditions
Symbol
Value
Unit
Junction and Storage Temperature
TJ and TSTG
-65 to +175
°C
Thermal Resistance Junction-to-Lead @ L = 0.375 in
RƟJL
250
°C/W
Therrnal lmpedance
ZƟJX
25
°C/W
Steady-State Power Dissipation @ TL = +50 °C,. L = 3/8
(1)
Po
500
mW
Working Peak Voltage
VWM
100
V
Solder Pad Temperature @ 10 s maximum
TSP
260
°C
Features
High source impedance.
Internal metallurgical bond.
JAN, JANTX, and JANTXV qualification per
MIL-PRF-19500/463 available.
Description
The popular 1N5283-1 thru 1N5314-1 and 1N7041-1 thru 1N7055-1 series of 0.5 watt current
regulators provides a selection from 0.22 mA to 10 mA in standard 10% tolerances. These devices
regulate current over a broad voltage range as a counter part offering to Zeners (that regulate voltage
over a broad current range. The somewhat larger D0-7 packaging option offers a double-plug internal
bond connection with a larger active die element for its unique function as a current limiter.
Applications
Double-plug construction.
Regulates current over a broad operating wltage and temperature range.
Extensive selection from 0.22 mA to 10 mA.
Standard current tolerances are plus/minus 10%.
Flexible axial-lead mounting terminals.
Nonsensitive to ESD.
Maximum Ratings
NOTE 1: Derate at 4 mW/°C above +50 °C.


Número de pieza similar - 1N5310-1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Compensated Deuices Inc...
1N5310-1 CDI-DIODE-1N5310-1 Datasheet
30Kb / 2P
   CURRENT REGULATOR DIODES
logo
Aeroflex Circuit Techno...
1N5310-1 AEROFLEX-1N5310-1 Datasheet
517Kb / 4P
   Current Regulator Diode Series
logo
M/A-COM Technology Solu...
1N5310-1 MA-COM-1N5310-1 Datasheet
726Kb / 5P
   High Source Impedance
More results

Descripción similar - 1N5310-1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
MMD Components
USAA1 MMD-USAA1 Datasheet
55Kb / 1P
   UM-1 Thru-Hole Crystal
logo
NTE Electronics
NTE142A NTE-NTE142A Datasheet
52Kb / 4P
   NTE5061A thru NTE5105A Zener Diode, 1 Watt 5% Tolerance
logo
List of Unclassifed Man...
0R ETC-0R Datasheet
135Kb / 2P
   “0R” Series – 1/8" thru 3/4" Ports
logo
Amphenol Corporation
04410310003 AMPHENOL-04410310003 Datasheet
203Kb / 1P
   PLUG CONNECTOR MINIATURE 1 THRU 6 CONTACT
04410310004 AMPHENOL-04410310004 Datasheet
203Kb / 1P
   PLUG CONNECTOR MINIATURE 1 THRU 6 CONTACT
0441041000102 AMPHENOL-0441041000102 Datasheet
209Kb / 1P
   RECEPTACLE CONNECTOR MINIATURE 1 THRU 6 CONTACT
0441041000302 AMPHENOL-0441041000302 Datasheet
209Kb / 1P
   RECEPTACLE CONNECTOR MINIATURE 1 THRU 6 CONTACT
0441041000402 AMPHENOL-0441041000402 Datasheet
209Kb / 1P
   RECEPTACLE CONNECTOR MINIATURE 1 THRU 6 CONTACT
0441041000202 AMPHENOL-0441041000202 Datasheet
209Kb / 1P
   RECEPTACLE CONECTOR MINIATURE 1 THRU 6 CONTACT
04410310002 AMPHENOL-04410310002 Datasheet
203Kb / 1P
   PLUG CONNECTOR MINIATURE 1 THRU 6 CONTACT
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com