Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

1N7055-1 Datasheet(PDF) 3 Page - Aeroflex Circuit Technology

No. de pieza 1N7055-1
Descripción Electrónicos  Current Regulator Diode Series 1N5283-1 thru 1N5314-1 & 1N7048-1 thru 1N7055-1
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AEROFLEX [Aeroflex Circuit Technology]
Página de inicio  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

1N7055-1 Datasheet(HTML) 3 Page - Aeroflex Circuit Technology

  1N7055-1 Datasheet HTML 1Page - Aeroflex Circuit Technology 1N7055-1 Datasheet HTML 2Page - Aeroflex Circuit Technology 1N7055-1 Datasheet HTML 3Page - Aeroflex Circuit Technology 1N7055-1 Datasheet HTML 4Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
TEL: 888-641-SEMI (7364) • metelics-sales@aeroflex.com • www.aeroflex.com/metelics
Revision Date: 8/29/2012
3
Graphs
Symbol
Definition
IL
Limiting Current: A specified current below the lower knee of the current-regulating characteristic.
IP
Regulator current: A current within the regulating range of a current-regulator diode.
PD
Power Dissipation: The power dissipation, DC.
RƟJL Thermal Resistance Junction-to-Lead: The thermal resistance from the virtual junction(s) of a
semiconducter device to the lead.
TL
Lead Temperature: The temperature of a lead terminal.
TSP
Temperature Solder Pad: The maximum solder temperature that can be safely applied to the terminal.
VK
Knee Voltage: A specified regulator YOitage near the lower knee of the current-regulating characteristic.
VL
Limiting Voltage: The voltage at point IL on the current-YOitage characteristic.
VS
Regulator Voltage: A voltage within the regulating range of a current-regulating diode.
ZK
Knee Impedance: The small-signal impedance at operating point VK on the current-volttage characteristic.
ZS
Regulator Impedance: The small-signal impedance within the regulating range of a current-regulator diode.
ZƟJL Thermal Impedance: The thermal impedance junction to reference point.
1N5283-1 thru 1N5314-1 &
1N7048-1 thru 1N7055-1
Symbols & Definitions


Número de pieza similar - 1N7055-1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Aeroflex Circuit Techno...
1N7055-1 AEROFLEX-1N7055-1 Datasheet
517Kb / 4P
   Current Regulator Diode Series
logo
M/A-COM Technology Solu...
1N7055-1 MA-COM-1N7055-1 Datasheet
726Kb / 5P
   High Source Impedance
More results

Descripción similar - 1N7055-1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
MMD Components
USAA1 MMD-USAA1 Datasheet
55Kb / 1P
   UM-1 Thru-Hole Crystal
logo
NTE Electronics
NTE142A NTE-NTE142A Datasheet
52Kb / 4P
   NTE5061A thru NTE5105A Zener Diode, 1 Watt 5% Tolerance
logo
List of Unclassifed Man...
0R ETC-0R Datasheet
135Kb / 2P
   “0R” Series – 1/8" thru 3/4" Ports
logo
Amphenol Corporation
04410310003 AMPHENOL-04410310003 Datasheet
203Kb / 1P
   PLUG CONNECTOR MINIATURE 1 THRU 6 CONTACT
04410310004 AMPHENOL-04410310004 Datasheet
203Kb / 1P
   PLUG CONNECTOR MINIATURE 1 THRU 6 CONTACT
0441041000102 AMPHENOL-0441041000102 Datasheet
209Kb / 1P
   RECEPTACLE CONNECTOR MINIATURE 1 THRU 6 CONTACT
0441041000302 AMPHENOL-0441041000302 Datasheet
209Kb / 1P
   RECEPTACLE CONNECTOR MINIATURE 1 THRU 6 CONTACT
0441041000402 AMPHENOL-0441041000402 Datasheet
209Kb / 1P
   RECEPTACLE CONNECTOR MINIATURE 1 THRU 6 CONTACT
0441041000202 AMPHENOL-0441041000202 Datasheet
209Kb / 1P
   RECEPTACLE CONECTOR MINIATURE 1 THRU 6 CONTACT
04410310002 AMPHENOL-04410310002 Datasheet
203Kb / 1P
   PLUG CONNECTOR MINIATURE 1 THRU 6 CONTACT
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com