Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


SM4002B Datasheet(Hoja de datos) 1 Page - SeCoS Halbleitertechnologie GmbH

No. de Pieza. SM4002B
Descripción  1.0Amp Surface Mount Silicon Rectifiers
Descarga  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  SECOS [SeCoS Halbleitertechnologie GmbH]
Página de inicio  http://www.secosgmbh.com
Logo 

   
 1 page
background image
SM4001B ~ SM4007B
Voltage 50 ~ 1000 V
1.0Amp Surface Mount Silicon Rectifiers
Elektronische Bauelemente
30-Aug-2012 Rev. A
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
RoHS Compliant Product
Ideal for surface mount applications
Easy pick and place
Built-in strain relief
High surge current capability
MECHANICAL DATA
Case: DO-214AA (SMB)
Case Material: Molded Plastic. UL Flammability
Classification Rating 94V-0
Terminals: Lead Free Plating (Tin Finish)
Solderable per MIL-STD-202, Method 208
Polarity: Cathode Band
Weight: 0.093 grams (approximately)
PACKAGE INFORMATION
Package
MPQ
Leader Size
SMB
3K
13 inch
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(Rating 25°C ambient temperature unless otherwise specified. Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, de-rate current by 20%)
Parameter
Symbol
Part Number
Unit
SM
4001B
SM
4002B
SM
4003B
SM
4004B
SM
4005B
SM
4006B
SM
4007B
Maximum Repetitive Peak Reverse
Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
V
Maximum Average Forward Rectified
Current@ TA=110°C
IF
1
A
Peak Forward Surge Current, 8.3ms
single half sine-wave superimposed on
rated load
IFSM
30
A
Maximum Instantaneous Forward
Voltage @ 1.0A
VF
1.1
V
Maximum DC Reverse
Current at Rated DC
Blocking Voltage
TJ=25°C
IR
5
µA
TJ=125°C
100
Typical Junction Capacitance
1
CJ
12
pF
Typical Thermal Resistance
2
RθJA
75
85
°C/W
Operating & Storage Temperature
TJ,TSTG
-55~150
°C
Note:
1. Measured at 1.0MHz and applied reverse voltage of 4.0V DC
2. Thermal Resistance from Junction to Ambient.
SMB
A
B
E
G
D
F
C
H
REF.
Millimeter
REF.
Millimeter
Min.
Max.
Min.
Max.
A
1.91
2.20
E
-
0.203
B
4.06
4.70
F
5.08
5.59
C
3.30
3.94
G
0.76
1.52
D
2.13
2.44
H
0.15
0.305




Html Pages

1  2 


Datasheet Download




Enlace URL

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl