Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

EZLC-4421LB Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

No. de pieza EZLC-4421LB
Descripción Electrónicos  WIRELESS PRODUCT SELECTOR GUIDE
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC2 [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC2 - List of Unclassifed Manufacturers

EZLC-4421LB Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button EZLC-4421LB Datasheet HTML 2Page - List of Unclassifed Manufacturers EZLC-4421LB Datasheet HTML 3Page - List of Unclassifed Manufacturers EZLC-4421LB Datasheet HTML 4Page - List of Unclassifed Manufacturers EZLC-4421LB Datasheet HTML 5Page - List of Unclassifed Manufacturers EZLC-4421LB Datasheet HTML 6Page - List of Unclassifed Manufacturers EZLC-4421LB Datasheet HTML 7Page - List of Unclassifed Manufacturers EZLC-4421LB Datasheet HTML 8Page - List of Unclassifed Manufacturers EZLC-4421LB Datasheet HTML 9Page - List of Unclassifed Manufacturers EZLC-4421LB Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
5 / W IR E L E S S P R O D U C T S E L EC T O R G U ID E
PART NUMBER
DESCRIPTION
Si1000DK
Si1000 Wireless MCU Development Kit
Si1010DK
Si1010 Wireless MCU Development Kit
Si1020-915-A-SDK
Si1020 915 MHz Software Development Kit
Si1020-915-A-DK
Si1020 915 MHz Wireless Development Kit
Si1024-868-A-SDK
Si1024 868 MHz Software Development Kit
Si1024-868-A-DK
Si1024 868 MHz Wireless Development Kit
Wireless MCU Development Kits
PART NUMBER
TYPE
FREQUENCY
ANTENNA CONFIGURATION
1000-TCB1 C 915
Si1000 TRX Testcard
915 MHz
Single Switch Antenna Rev c/B1; +20 dBm
1000-TCB1 C 470
Si1000 TRX Testcard
470 MHz
Single Switch Antenna Rev c/B1; +20 dBm
1002-TCB1 D 868
Si1002 TRX Testcard
868 MHz
Single Tied Antenna Rev c/B1; +13 dBm
1002-TCB1 D 434
Si1002 TRX Testcard
470 MHz
Single Tied Antenna Rev c/B1; +13 dBm
1004-TCB1 D 868
Si1004 TRX Testcard
868 MHz
Single Tied Antenna Rev d/B1; +13 dBm, dc-dc
1004-TCB1 D 434
Si1004 TRX Testcard
434 MHz
Single Tied Antenna Rev d/B1; +13 dBm, dc-dc
1010-TAB1 C 915
Si1010 TRX Testcard
915 MHz
Single Switch Antenna Rev c/B1; +20 dBm
1010-TCB1 C 470
Si1010 TRX Testcard
470 MHz
Single Switch Antenna Rev c/B1; +20 dBm
1012-TAB1 D 868
Si1012 TRX Testcard
868 MHz
Single Tied Antenna Rev d/B1; +13 dBm
1012-TAB1 D 434
Si1012 TRX Testcard
434 MHz
Single Tied Antenna Rev d/B1; +13 dBm
1014-TAB1 D 868
Si1014 TRX Testcard
868 MHz
Single Tied Antenna Rev d/B1; +13 dBm, dc-dc
1014-TAB1 D 434
Si1014 TRX Testcard
434 MHz
Single Tied Antenna Rev d/B1; +13 dBm, dc-dc
Wireless MCU Development Kit Test Cards
PART NUMBER
FREQUENCY
DESCRIPTION
UPPI1020GM-A-915EK
915 MHz
Si1020-GM 915 +20 dBm T/R switch pico board
UPPI1024GM-A-868EK
868 MHz
Si1024-GM 868 +13 dBm direct tie pico board
UPPI1024GM-A-434EK
434 MHz
Si1024-GM 434 +13 dBm direct tie pico board
Wireless MCU Development Kit Pico Cards
Development Kits
FIND THE EVALUATION TOOLS AND REFERENCE DESIGNS TO HELP YOU GET STARTED:
www.silabs.com/wireless-devkits


Número de pieza similar - EZLC-4421LB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
EZLINX-IIIDE-EBZ AD-EZLINX-IIIDE-EBZ Datasheet
803Kb / 15P
   ezLINX?줙ardware User Guide
Rev. PrA
EZLINX-IIIDE-EBZ AD-EZLINX-IIIDE-EBZ Datasheet
523Kb / 18P
   Signal and Power Isolated CAN Transceiver with Integrated Isolated DC-to-DC Converter
Rev. E
logo
Banner Engineering Corp...
EZLSA-K30LGR BANNER-EZLSA-K30LGR Datasheet
205Kb / 2P
   EZ-LIGHT짰 for EZ-SCREEN LS짰
EZLSA-K30LXR BANNER-EZLSA-K30LXR Datasheet
205Kb / 2P
   EZ-LIGHT짰 for EZ-SCREEN LS짰
More results

Descripción similar - EZLC-4421LB

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
SI4060-B0B-FM ETC2-SI4060-B0B-FM Datasheet
1Mb / 12P
   WIRELESS PRODUCT SELECTOR GUIDE
SI4362-B0B-FM ETC2-SI4362-B0B-FM Datasheet
1Mb / 12P
   WIRELESS PRODUCT SELECTOR GUIDE
logo
Microchip Technology
TC1073-2.85VCH713 MICROCHIP-TC1073-2.85VCH713 Datasheet
2Mb / 44P
   Analog & Interface Product Selector Guide
11/29/11
MCP73844840IMS MICROCHIP-MCP73844840IMS Datasheet
2Mb / 44P
   Analog & Interface Product Selector Guide
11/29/11
MCP6041-I-SN MICROCHIP-MCP6041-I-SN Datasheet
2Mb / 44P
   Analog & Interface Product Selector Guide
11/29/11
TC1017-3.3VCTTR MICROCHIP-TC1017-3.3VCTTR Datasheet
2Mb / 44P
   Analog & Interface Product Selector Guide
11/29/11
TC620 MICROCHIP-TC620 Datasheet
2Mb / 44P
   Analog & Interface Product Selector Guide
11/29/11
logo
List of Unclassifed Man...
PPC405EX-NSD400T ETC-PPC405EX-NSD400T Datasheet
2Mb / 29P
   Power??Architecture Products Product Selector Guide
logo
Microchip Technology
MCP9700A-E MICROCHIP-MCP9700A-E Datasheet
2Mb / 44P
   Analog and Interface Product Selector Guide
11/29/11
logo
ITT Industries
MKJ4A1F9-19P ITT-MKJ4A1F9-19P Datasheet
3Mb / 66P
   Selector Guide
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com