Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

EN80C251TB24 Datasheet(PDF) 14 Page - Intel Corporation

No. de pieza EN80C251TB24
Descripción Electrónicos  HIGH-PERFORMANCE CHMOS MICROCONTROLLER
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTEL [Intel Corporation]
Página de inicio  http://www.intel.com
Logo INTEL - Intel Corporation

EN80C251TB24 Datasheet(HTML) 14 Page - Intel Corporation

Back Button EN80C251TB24 Datasheet HTML 10Page - Intel Corporation EN80C251TB24 Datasheet HTML 11Page - Intel Corporation EN80C251TB24 Datasheet HTML 12Page - Intel Corporation EN80C251TB24 Datasheet HTML 13Page - Intel Corporation EN80C251TB24 Datasheet HTML 14Page - Intel Corporation EN80C251TB24 Datasheet HTML 15Page - Intel Corporation EN80C251TB24 Datasheet HTML 16Page - Intel Corporation EN80C251TB24 Datasheet HTML 17Page - Intel Corporation EN80C251TB24 Datasheet HTML 18Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 36 page
background image
8xC251TB/TQ HIGH-PERFORMANCE CHMOS MICROCONTROLLER
8
4.0
SIGNALS
Table 6. Signal Descriptions (Sheet 1 of 3)
Signal
Name
Type
Description
Alternate
Function
A17
O
18th Address Bit (A17). Output to memory as 18th external address bit
(A17) in extended bus applications, depending on the values of bits RD0
and RD1 in configuration byte UCONFIG0. See also RD# and PSEN#.
P1.7/CEX4/
WCLK
A16
O
Address Line 16. See RD#.
RD#
A15:81
O
Address Lines. Upper address lines for the external bus.
P2.7:0
AD7:01
I/O
Address/Data Lines. Multiplexed lower address lines and data lines for
external memory.
P0.7:0
ALE
O
Address Latch Enable. ALE signals the start of an external bus cycle
and indicates that valid address information is available on lines A15:8
and AD7:0. An external latch can use ALE to demultiplex the address
from the address/data bus.
CEX4:0
I/O
Programmable Counter Array (PCA) Input/Output Pins. These are
input signals for the PCA capture mode and output signals for the PCA
compare mode and PCA PWM mode.
P1.6:4
P1.7/A17/
WAIT#
P1.3/TXD1
EA#
I
External Access. Directs program memory accesses to on-chip or off-
chip code memory. For EA# = 0, all program memory accesses are off-
chip. For EA# = 1, an access is to on-chip ROM if the address is within
the range of the on-chip ROM; otherwise the access is off-chip. The value
of EA# is latched at reset. For devices without on-chip ROM, EA# must
be strapped to ground.
ECI
I
PCA External Clock Input. External clock input to the 16-bit PCA timer.
P1.2/RXD1
INT1:0#
I
External Interrupts 0 and 1. These inputs set bits IE1:0 in the TCON
register. If bits IT1:0 in the TCON register are set, bits IE1:0 are set by a
falling edge on INT1#/INT0#. If bits INT1:0 are clear, bits IE1:0 are set by
a low level on INT1:0#.
P3.3:2
P0.7:0
I/O
Port 0. This is an 8-bit, open-drain, bidirectional I/O port.
AD7:0
P1.0
P1.1
P1.2
P1.7:3
I/O
Port 1. This is an 8-bit, bidirectional I/O port with internal pullups.
T2
T2EX
ECI/RXD1
CEX3:1
CEX4/A17/
WAIT#/
WCLK
CEX0/TXD1
P2.7:0
I/O
Port 2. This is an 8-bit, bidirectional I/O port with internal pullups.
A15:8
P3.0
P3.1
P3.3:2
P3.5:4
P3.6
P3.7
I/O
Port 3. This is an 8-bit, bidirectional I/O port with internal pullups.
RXD
TXD
INT1:0#
T1:0
WR#
RD#/A16
PSEN#
O
Program Store Enable. Read signal output. This output is asserted for a
memory address range that depends on bits RD0 and RD1 in configu-
ration byte UCONFIG0 (see RD#).


Número de pieza similar - EN80C251TB24

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
InnovASIC, Inc
EN80C186EB13 INNOVASIC-EN80C186EB13 Datasheet
1Mb / 85P
   8-Bit/16-Bit Microcontrollers
EN80C186EB20 INNOVASIC-EN80C186EB20 Datasheet
1Mb / 85P
   8-Bit/16-Bit Microcontrollers
EN80C186EB25 INNOVASIC-EN80C186EB25 Datasheet
1Mb / 85P
   8-Bit/16-Bit Microcontrollers
EN80C186XL12 INNOVASIC-EN80C186XL12 Datasheet
1Mb / 75P
   16-Bit Microcontroller
EN80C186XL20 INNOVASIC-EN80C186XL20 Datasheet
1Mb / 75P
   16-Bit Microcontroller
More results

Descripción similar - EN80C251TB24

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intel Corporation
80C251SB16 INTEL-80C251SB16 Datasheet
428Kb / 36P
   HIGH-PERFORMANCE CHMOS MICROCONTROLLER
8XC151SA INTEL-8XC151SA Datasheet
595Kb / 33P
   HIGH-PERFORMANCE CHMOS MICROCONTROLLER
87C151SB INTEL-87C151SB Datasheet
297Kb / 33P
   HIGH-PERFORMANCE CHMOS MICROCONTROLLER
EE80C251TB24 INTEL-EE80C251TB24 Datasheet
1Mb / 36P
   HIGH-PERFORMANCE CHMOS MICROCONTROLLER
8XC251SA INTEL-8XC251SA Datasheet
440Kb / 36P
   HIGH-PERFORMANCE CHMOS MICROCONTROLLER
8XC251TA INTEL-8XC251TA Datasheet
238Kb / 34P
   HIGH-PERFORMANCE CHMOS MICROCONTROLLER
P80C251TB24 INTEL-P80C251TB24 Datasheet
819Kb / 36P
   TQHIGH-PERFORMANCE CHMOS MICROCONTROLLER
M80C196KB INTEL-M80C196KB Datasheet
401Kb / 30P
   16-BIT HIGH PERFORMANCE CHMOS MICROCONTROLLER
N80C251TB24 INTEL-N80C251TB24 Datasheet
1Mb / 36P
   TQHIGH-PERFORMANCE CHMOS MICROCONTROLLER
87C196KC INTEL-87C196KC Datasheet
258Kb / 21P
   16-BIT HIGH-PERFORMANCE CHMOS MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com