Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BD135-6 Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

No. de pieza BD135-6
Descripción Electrónicos  NPN Plastic Encapsulated Transistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SECOS [SeCoS Halbleitertechnologie GmbH]
Página de inicio  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

BD135-6 Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  BD135-6 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH BD135-6 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
BD135 / BD137 / BD139
NPN Plastic Encapsulated Transistor
Elektronische Bauelemente
07-Mar-2012 Rev. A
Page 2 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Collector to Base
Breakdown Voltage
BD135
V(BR)CBO
45
-
-
V
IC=0.1mA, IE=0
BD137
60
-
-
BD139
80
-
-
Collector to Emitter
Breakdown Voltage
BD135
VCEO(SUS)
*
45
-
-
V
IC=0.03A, IB=0
BD137
60
-
-
BD139
80
-
-
Emitter to Base Breakdown Voltage
V(BR)EBO
5
-
-
V
IE=0.1mA, IC=0
Collector Cut–Off Current
ICBO
-
-
0.1
µ
A
VCB=30V, IE=0
Emitter Cut–Off Current
IEBO
-
-
10
µ
A
VEB=5V, IC=0
DC Current Gain
hFE (1)
*
40
-
250
VCE=2V, IC=150mA
hFE (2)
*
25
-
-
VCE=2V, IC=5mA
hFE (3)
*
25
-
-
VCE=2V, IC=500mA
Collector to Emitter Saturation Voltage
VCE(sat)
*
-
-
0.5
V
IC=500mA, IB=50mA
Collector Output Capacitance
VBE
*
-
-
1
V
VCE=2V, IC=500mA
*Pulse test:pulse width≦350µs, duty cycle≦2.0%


Número de pieza similar - BD135-6

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Siemens Semiconductor G...
BD135-6 SIEMENS-BD135-6 Datasheet
185Kb / 5P
   NPN SILICON TRANSISTORS
logo
Micro Commercial Compon...
BD135-6 MCC-BD135-6 Datasheet
390Kb / 3P
   Power Transistors NPN Silicon 45,60,80 Volts
More results

Descripción similar - BD135-6

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SeCoS Halbleitertechnol...
D882S SECOS-D882S Datasheet
214Kb / 2P
   NPN Plastic Encapsulated Transistor
2N5832 SECOS-2N5832 Datasheet
83Kb / 1P
   NPN Plastic Encapsulated Transistor
2N6517 SECOS-2N6517 Datasheet
142Kb / 1P
   NPN Plastic Encapsulated Transistor
2SC1008 SECOS-2SC1008 Datasheet
83Kb / 1P
   NPN Plastic Encapsulated Transistor
2SC1318A SECOS-2SC1318A Datasheet
135Kb / 2P
   NPN Plastic Encapsulated Transistor
2SC1923 SECOS-2SC1923 Datasheet
83Kb / 1P
   NPN Plastic Encapsulated Transistor
2N5172 SECOS-2N5172 Datasheet
81Kb / 1P
   NPN Plastic Encapsulated Transistor
2SC4548 SECOS-2SC4548 Datasheet
77Kb / 1P
   NPN Plastic Encapsulated Transistor
2SBA42 SECOS-2SBA42 Datasheet
74Kb / 1P
   NPN Plastic Encapsulated Transistor
2SD1468S SECOS-2SD1468S Datasheet
52Kb / 1P
   NPN Plastic-Encapsulated Transistor
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com