Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

2SC31418 Datasheet(PDF) 1 Page - ON Semiconductor

No. de Pieza. 2SC31418
Descripción  Bipolar Transistor
Descarga  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo 

2SC31418 Datasheet(HTML) 1 Page - ON Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
82212 TKIM/31010CB TKIM/O3103TN (KT)/71598HA (KT)/3277KI/2255MW, TS No.1788-1/7
http://onsemi.com
Semiconductor Components Industries, LLC, 2013
August, 2013
2SA1418/2SC3648
Bipolar Transistor
(–)160V, (–)0.7A, Low VCE(sat), (PNP)NPN Single PCP
Applicaitons
Color TV audio output, inverter
Features
Adoption of FBET, MBIT processes
High breakdown voltage and large current capacity
Fast switching speed
Ultrasmall size making it easy to provide high-density, small-sized hybrid IC’s
Specifications ( ) : 2SA1418
Absolute Maximum Ratings at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
Collector-to-Base Voltage
VCBO
(--)180
V
Collector-to-Emitter Voltage
VCEO
(--)160
V
Emitter-to-Base Voltage
VEBO
(--)6
V
Collector Current
IC
(--)0.7
A
Collector Current (Pulse)
ICP
(--)1.5
A
Continued on next page.
Package Dimensions
unit : mm (typ)
7007B-004
Ordering number : EN1788C
Product & Package Information
• Package
: PCP
• JEITA, JEDEC
: SC-62, SOT-89, TO-243
• Minimum Packing Quantity : 1,000 pcs./reel
Packing Type: TD
Marking
Electrical Connection
TD
1 : Base
2 : Collector
3 : Emitter
PCP
1.5
0.5
0.4
3.0
4.5
1.6
0.4
12
3
1.5
0.75
Top View
Bottom View
2SA1418S-TD-E
2SC3648S-TD-E
2SC3648T-TD-E
2SC3648
2SA1418
RANK
RANK
2
3
1
2SC3648
2
3
1
2SA1418


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn