Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2N7002KDW Datasheet(PDF) 1 Page - Pan Jit International Inc.

No. de pieza 2N7002KDW
Descripción Electrónicos  60V N-Channel Enhancement Mode MOSFET - ESD Protected
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PANJIT [Pan Jit International Inc.]
Página de inicio  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

2N7002KDW Datasheet(HTML) 1 Page - Pan Jit International Inc.

  2N7002KDW_14 Datasheet HTML 1Page - Pan Jit International Inc. 2N7002KDW_14 Datasheet HTML 2Page - Pan Jit International Inc. 2N7002KDW_14 Datasheet HTML 3Page - Pan Jit International Inc. 2N7002KDW_14 Datasheet HTML 4Page - Pan Jit International Inc. 2N7002KDW_14 Datasheet HTML 5Page - Pan Jit International Inc. 2N7002KDW_14 Datasheet HTML 6Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PAGE . 1
May 21.2010-REV.01
2N7002KDW
60V N-Channel Enhancement Mode MOSFET - ESD Protected
Maximum RATINGS and Thermal Characteristics (T
A=25
O
C unless otherwise noted )
Note: 1. Maximum DC current limited by the package
2. Surface mounted on FR4 board, t < 5 sec
PAN JIT RESERVES THE RIGHT TO IMPROVE PRODUCT DESIGN,FUNCTIONS AND RELIABILITY WITHOUT NOTICE
PA RA ME TE R
S ymbol
Li mi t
Uni ts
D rai n-S ource Voltage
V
DS
60
V
Gate-S ource Voltage
V
GS
+20
V
C onti nuous D rai n C urrent
I
D
115
mA
P ulsed D rai n C urrent 1)
I
DM
800
mA
Maxi mum P ower D i ssi pati on
T
A =2 5
O
C
T
A =7 5
O
C
P
D
200
120
mW
Operati ng Juncti on and S torage
Temperature Range
T
J,TSTG
-55 to + 150
O
C
Junction-to Ambient Thermal
Resistance(PCB mounted)2
R
θ
JA
625
O
C/W
1
2
3
6
5
4
1
2
3
6
5
4
1
2
3
6
5
4
FEATURES
• R
DS(ON), VGS@10V,IDS@500mA=3Ω
• R
DS(ON), VGS@4.5V,IDS@200mA=4Ω
• Advanced Trench Process Technology
• High Density Cell Design For Ultra Low On-Resistance
• Very Low Leakage Current In Off Condition
• Specially Designed for Battery Operated Systems, Solid-State Relays
Drivers : Relays, Displays, Lamps, Solenoids, Memories, etc.
• ESD Protected 2KV HBM
• Lead free in comply with EU RoHS 2002/95/EC directives.
• Green molding compound as per IEC61249 Std. . (Halogen Free)
0.010(0.25)
Unit inch(mm)
SOT-363
0.054(1.35)
0.045(1.15)
0.087(2.20)
0.074(1.90)
0.030(0.75)
0.021(0.55)
0.056(1.40)
0.047(1.20)
0.012(0.30)
0.005(0.15)
0.010(0.25)
0.003(0.08)
MECHANICALDATA
• Case: SOT-363 Package
• Terminals : Solderable per MIL-STD-750,Method 2026
• Approx. Weight: 0.0002 ounces, 0.006 grams
• Marking : K27


Número de pieza similar - 2N7002KDW_14

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Pan Jit International I...
2N7002KDW PANJIT-2N7002KDW_10 Datasheet
119Kb / 5P
   60V N-Channel Enhancement Mode MOSFET - ESD Protected
logo
SeCoS Halbleitertechnol...
2N7002KDW SECOS-2N7002KDW_15 Datasheet
431Kb / 2P
   Dual N-Channel Small Signal MOSFET
More results

Descripción similar - 2N7002KDW_14

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
HY ELECTRONIC CORP.
2N7002KDW HY-2N7002KDW Datasheet
256Kb / 4P
   60V ESD Protected N-Channel Enhancement Mode MOSFET
logo
Pan Jit International I...
2N7002KW PANJIT-2N7002KW_14 Datasheet
131Kb / 5P
   60V N-Channel Enhancement Mode MOSFET - ESD Protected
2N7002KW PANJIT-2N7002KW Datasheet
170Kb / 5P
   60V N-Channel Enhancement Mode MOSFET - ESD Protected
2N7002K-AU PANJIT-2N7002K-AU Datasheet
326Kb / 7P
   60V N-Channel Enhancement Mode MOSFET - ESD Protected
2N7002KDW PANJIT-2N7002KDW_10 Datasheet
119Kb / 5P
   60V N-Channel Enhancement Mode MOSFET - ESD Protected
2N7002KTB PANJIT-2N7002KTB Datasheet
117Kb / 5P
   60V N-Channel Enhancement Mode MOSFET - ESD Protected
2N7002KTB6 PANJIT-2N7002KTB6 Datasheet
150Kb / 5P
   60V N-Channel Enhancement Mode MOSFET - ESD Protected
2N7002K-AU PANJIT-2N7002K-AU_15 Datasheet
234Kb / 7P
   60V N-Channel Enhancement Mode MOSFET - ESD Protected
2N7002KW PANJIT-2N7002KW_10 Datasheet
162Kb / 5P
   60V N-Channel Enhancement Mode MOSFET - ESD Protected
2N7002KDW-AU PANJIT-2N7002KDW-AU Datasheet
326Kb / 7P
   60V N-Channel Enhancement Mode MOSFET - ESD Protected
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com