Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SMF48A Datasheet(PDF) 1 Page - Pan Jit International Inc.

No. de pieza SMF48A
Descripción Electrónicos  SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PANJIT [Pan Jit International Inc.]
Página de inicio  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

SMF48A Datasheet(HTML) 1 Page - Pan Jit International Inc.

  SMF48A Datasheet HTML 1Page - Pan Jit International Inc. SMF48A Datasheet HTML 2Page - Pan Jit International Inc. SMF48A Datasheet HTML 3Page - Pan Jit International Inc. SMF48A Datasheet HTML 4Page - Pan Jit International Inc. SMF48A Datasheet HTML 5Page - Pan Jit International Inc. SMF48A Datasheet HTML 6Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PAGE . 1
March 3,2014-REV.05
SMF5.0A~SMF175A
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
VOLTAGE
5 to 175 Volt
200 Watt
FEATURES
• For surface mounted applications in order to optimize board space.
• Ultra Thin Profile Package for Space Constrained Utilization
• Package suitable for Automated Handling
• Low inductance
• High temperature soldering : 260OC/10 seconds at terminals
• Lead free in compliance with EU RoHS 2011/65/EU directive
• Green molding compound as per IEC61249 Std. . (Halogen Free)
MECHANICAL DATA
• Case: SOD-123FL, Plastic
• Terminals: Solderable per MIL-STD-750, Method 2026
• Polarity: Color band denotes cathode end
• Weight: 0.0006 ounce, 0.0173 gram
• Standrad Packaging : 8mm tape (EIA-481)
POWER
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (TA=25
o
C unless otherwise noted)
PARAMETER
SYMBOL
VALUE
UNITS
Peak Pulse Power Dissipation on T
A = 25
OC (Notes 1,2,5, Fig.1)
PPPM
200
W
Peak Forward Surge Current per (Notes 3)
I FSM
20
A
Peak Pulse Current on tp=10/1000
s waveform (Notes 1) Fig.2
I PPM
see Table 1
A
Steady State Power Dissipation (Notes 4)
PM(AV)
1W
Operating Junction and Storage Temperature Range
TJ,TSTG
-55 to +150
OC
Typical thermal resistance
R
JA
180
OC
NOTES :
1.Non-repetitive current pulse, per Fig.3 and derated above T
A=25
OC per Fig.2 .
2.Mounted on 5mm2 copper pads to each terminal.
3.8.3ms single half sine-wave, or equivalent square wave, duty cycle = 4 pulses per minutes maximum.
4.lead temperature at 75OC =T
L .
5.Peak pulse power waveform is tp=10/1000
s.
6.A transient suppressor is selected according to the working peak reverse voltage(V
RWM
), which should be
equal to or greater than the DC or continuous peak operating voltage level.
1
2
Cathode
Anode
0.115(2.90)
0.106(2.70)
0.043(1.08)
0.038(0.98)
0.145(3.70)
0.137(3.50)
0.030(0.75)
0.017(0.45)


Número de pieza similar - SMF48A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SMF48A VISHAY-SMF48A Datasheet
92Kb / 6P
   Surface Mount ESD Protection Diodes
Rev. 2.5, 22-Sep-10
logo
UN Semiconducctor INC
SMF48A UNSEMI-SMF48A Datasheet
3Mb / 7P
   3.3 To 190V 200W Surface Mount Transient Voltage Suppressors (TVS)
Revision March 1,2022
logo
Diotec Semiconductor
SMF48A DIOTEC-SMF48A Datasheet
178Kb / 3P
   SMD Transient Voltage Suppressor Diodes
logo
Vishay Siliconix
SMF48A VISHAY-SMF48A Datasheet
108Kb / 7P
   Surface Mount ESD Protection Diodes
Rev. 2.6, 30-Nov-11
logo
Shenzhen Luguang Electr...
SMF48A LUGUANG-SMF48A Datasheet
1Mb / 3P
   Transient Voltage Suppressors
More results

Descripción similar - SMF48A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
EIC discrete Semiconduc...
SMBJ50 EIC-SMBJ50 Datasheet
110Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
STUB06I EIC-STUB06I_05 Datasheet
79Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotech Company.
3.0SMCJ5.0 DIOTECH-3.0SMCJ5.0 Datasheet
1Mb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
3.0SMCJ11 EIC-3.0SMCJ11 Datasheet
58Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
3.0SMCJ11C EIC-3.0SMCJ11C Datasheet
57Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
MIC GROUP RECTIFIERS
SMB5.0 MIC-SMB5.0 Datasheet
74Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Sangdest Microelectroni...
3.0SMCJ-GT3 SMC-3.0SMCJ-GT3 Datasheet
291Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
PACELEADER INDUSTRIAL
SMAJ PACELEADER-SMAJ Datasheet
4Mb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMBJ PACELEADER-SMBJ Datasheet
342Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMCJ PACELEADER-SMCJ Datasheet
349Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com