Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI-38N-26 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

No. de pieza SI-38N-26
Descripción Electrónicos  AMD Radeon??HD 7600G/7500G GPU
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC2 [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC2 - List of Unclassifed Manufacturers

SI-38N-26 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SI-38N-26 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Digital Signage Players
Signature Book ™
For user’s manual & datasheet download, visit www.ibase.com.tw
17
Mid-Range, Dual DVI Fanless Signage Player, AMD R-452L Quad-Core/
R-260H Dual-Core APU with RadeonTM 7660G/7500G Graphics
SI-38N
Ordering Information
Specifications
System Mainboard IB937
CPU Type
AMD R-Series 32nm QC/DC APU
*The maximum TDP supported is 19W*
CPU Package
827-BGA (837mm*2)
Chipset
AMD A70M
Memory
2x DDR3 1600MHz SO-DIMM memory, Max. 8GB
Graphics
AMD Radeon™ HD 7600G/7500G GPU for Quad-Core
R-452L/Dual-Core R-260H
2x Hybrid DVI-I Supports: OpenCL™ 1.1 DirectCompute 11,
DirectX® 11 UVD3 Hardware Video Decoder, MPEG-2,
MPEG-4, H.264, VC-1, WMV
LAN
1x RTL8111E Gigabit LAN controller
Expansion Slots
1x mSATA/mPCIe(x1) Full size
1x mPCIe(x1) Half size
For Wi-Fi, Bluetooth, 3G or TV Tuner options
I/O Interface
1x Hybrid-DVI (VGA/ DVI/ HDMI with audio)
1x Dual-link DVI-I
2x USB 3.0 ports
1x RJ45 for LAN
1x RJ45 for RS232
2x Microjack audio connectors for Line-in / Line-out
Power LED / HDD LED, power on/off button
Auto Control and
Monitoring
Watchdog Timer: 256 segments, 0, 1, 2...255 (sec/min)
On / Off scheduler: 2 time slots
Power
Requirement
+12V DC-in
Construction
Aluminum + SGCC
Weight
1.7kg(3.75lbs)
Chassis Color
Black & White
Storage
1x external removable 2.5” HDD/SSD drive bay
1x mSATA
Power Supply
84W power adaptor
Mounting
Slim design with wall mounting holes
Dimensions
270mm(W) x 181mm(D) x 35mm(H)
10.63”(W) x 7.09”(D) x 1.37”(H)
Operating
Temperature
0°C~ 45°C (32°F~113°F)
Storage
Temperature
-20°C ~ 80°C (-4°F~176°F)
Relative Humidity
5~90% @ 45°C, (non-condensing)
Vibration
SSD: 5 grms / 5~500Hz / random operation
HDD: 0.25 grms / 5~500Hz / random operation
Certification
CE, FCC, UL, CCC
SI-38N-45
Signage Player with AMD R452L Quad-Core
(1.6/2.4GHz) CPU, 4GB DDR3 SO-DIMM, 2.5” 320GB
SATA HDD, 84W power adaptor
SI-38N-26
Signage Player with AMD R260H Dual-Core
(2.1/2.6GHz) CPU, 4GB DDR3 SO-DIMM, 2.5” 320GB
SATA HDD, 84W power adaptor
SI-38N-45M
Signage Player with AMD R452L Quad-Core
(1.6/2.4GHz) CPU, without RAM, HDD, with 80W adaptor
SI-38N-26M
Signage Player with AMD R260H Dual-Core (2.1/2.6GHz)
CPU without RAM, HDD, with 80W adaptor
SI-MK3
Mounting bracket for SI-24SD/28/38 series
Features
● iSMART - for EuP/ErP power saving,
auto-scheduler and power resume
● Dual independent 1080p playback
● AMD R-Series Quad-Core R-452L/Dual-Core
R-260H APU, up to 19W
● 2x DDR3 1600MHz SO-DIMM, Max. 8GB
● AMD Radeon™ HD 7600G/7500G GPU
● Dual Mini PCI-E(x1) slots for Wi-Fi, Bluetooth, 3G
or TV tuner options
● Compact and fanless design
Dimensions
35
225
181
252
240
120
60
4.20
5.50
NEW NEW
iSMART
Fanless
iSMART
NEW
FANLESS
NEW NEW
iSMART
Fanless
iSMART
NEW
FANLESS


Número de pieza similar - SI-38N-26

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
SI-38 ETC2-SI-38 Datasheet
486Kb / 1P
   Dual independent 1080p playback
SI-38-DC ETC2-SI-38-DC Datasheet
486Kb / 1P
   Dual independent 1080p playback
SI-38-QC ETC2-SI-38-QC Datasheet
486Kb / 1P
   Dual independent 1080p playback
SI-38M ETC2-SI-38M Datasheet
486Kb / 1P
   Dual independent 1080p playback
More results

Descripción similar - SI-38N-26

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Advanced Micro Devices
WX7100 AMD-WX7100 Datasheet
366Kb / 1P
   Professional Application Certifications, AMD Radeon VR Ready Creator
logo
Vecow Co., Ltd.
ECS-9700 VECOW-ECS-9700 Datasheet
857Kb / 2P
   Intel짰 Xeon짰/Core??i7/i5 (Skylake-H) AI Computing System with NVIDIA짰 Tesla짰/Quadro짰/GeForce짰/AMD Radeon??Graphics
logo
Richtek Technology Corp...
RT3662EB RICHTEK-RT3662EB Datasheet
1Mb / 28P
   Single Channel PWM Controller with 2 Integrated Drivers for AMD SVI2 GPU CORE Power Supply
August 2019
RT3678BE RICHTEK-RT3678BE Datasheet
2Mb / 93P
   Dual Channel PWM Controller with I2C Interface Control for AMD SVI3 CPU/GPU Core Power Supply
March 2023
logo
Vecow Co., Ltd.
ECS-9755-GTX1050 VECOW-ECS-9755-GTX1050 Datasheet
498Kb / 2P
   GPU Computing Systems
20180710
ECS-9200 VECOW-ECS-9200 Datasheet
855Kb / 2P
   Intel짰 Xeon짰/Core??i7/i5/i3 (Kaby Lake/Skylake) AI Computing System with NVIDIA짰 Tesla짰/Quadro짰/GeForce짰/AMD Radeon??Graphics
logo
List of Unclassifed Man...
SP-15W03 ETC2-SP-15W03 Datasheet
437Kb / 2P
   NVIDIA ION2 GT218 GPU
logo
Adlink Technology Inc.
MVP-5100 ADLINK-MVP-5100 Datasheet
443Kb / 2P
   Embedded GPU/AI Platforms
logo
CoolCox Limited All rig...
VC-AL4002 COOLCOX-VC-AL4002 Datasheet
356Kb / 1P
   GPU COOLER VC-AL4002
logo
Adlink Technology Inc.
MVP-5100-MXM ADLINK-MVP-5100-MXM Datasheet
443Kb / 2P
   Embedded GPU/AI Platforms
More results


Html Pages

1


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com