Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

IRF8910GTRPBF Datasheet(PDF) 2 Page - International Rectifier

No. de pieza IRF8910GTRPBF
Descripción Electrónicos  Dual SO-8 MOSFET for POL converters in desktop, servers, graphics cards, game consoles and set-top box
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  IRF [International Rectifier]
Página de inicio  http://www.irf.com
Logo IRF - International Rectifier

IRF8910GTRPBF Datasheet(HTML) 2 Page - International Rectifier

  IRF8910GTRPBF Datasheet HTML 1Page - International Rectifier IRF8910GTRPBF Datasheet HTML 2Page - International Rectifier IRF8910GTRPBF Datasheet HTML 3Page - International Rectifier IRF8910GTRPBF Datasheet HTML 4Page - International Rectifier IRF8910GTRPBF Datasheet HTML 5Page - International Rectifier IRF8910GTRPBF Datasheet HTML 6Page - International Rectifier IRF8910GTRPBF Datasheet HTML 7Page - International Rectifier IRF8910GTRPBF Datasheet HTML 8Page - International Rectifier IRF8910GTRPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
IRF8910GPbF
2
www.irf.com
S
D
G
Static @ TJ = 25°C (unless otherwise specified)
Parameter
Min. Typ. Max. Units
BVDSS
Drain-to-Source Breakdown Voltage
20
–––
–––
V
∆ΒVDSS/∆TJ
Breakdown Voltage Temp. Coefficient
–––
0.015
–––
V/°C
RDS(on)
Static Drain-to-Source On-Resistance
–––
10.7
13.4
m
–––
14.6
18.3
VGS(th)
Gate Threshold Voltage
1.65
–––
2.55
V
∆VGS(th)/∆TJ
Gate Threshold Voltage Coefficient
–––
-4.8
–––
mV/°C
IDSS
Drain-to-Source Leakage Current
–––
–––
1.0
µA
–––
–––
150
IGSS
Gate-to-Source Forward Leakage
–––
–––
100
nA
Gate-to-Source Reverse Leakage
–––
–––
-100
gfs
Forward Transconductance
24
–––
–––
S
Qg
Total Gate Charge
–––
7.4
11
Qgs1
Pre-Vth Gate-to-Source Charge
–––
2.4
–––
Qgs2
Post-Vth Gate-to-Source Charge
–––
0.80
–––
nC
Qgd
Gate-to-Drain Charge
–––
2.5
–––
Qgodr
Gate Charge Overdrive
–––
1.7
–––
See Fig. 6
Qsw
Switch Charge (Qgs2 + Qgd)
–––
3.3
–––
Qoss
Output Charge
–––
4.4
–––
nC
td(on)
Turn-On Delay Time
–––
6.2
–––
tr
Rise Time
–––10–––
ns
td(off)
Turn-Off Delay Time
–––
9.7
–––
tf
Fall Time
–––
4.1
–––
Ciss
Input Capacitance
–––
960
–––
Coss
Output Capacitance
–––
300
–––
pF
Crss
Reverse Transfer Capacitance
–––
160
–––
Avalanche Characteristics
Parameter
Units
EAS
Single Pulse Avalanche Energy
d
mJ
IAR
Avalanche Current
™
A
Diode Characteristics
Parameter
Min. Typ. Max. Units
IS
Continuous Source Current
–––
–––
2.5
(Body Diode)
A
ISM
Pulsed Source Current
–––
–––
82
(Body Diode)
Ù
VSD
Diode Forward Voltage
–––
–––
1.0
V
trr
Reverse Recovery Time
–––
17
26
ns
Qrr
Reverse Recovery Charge
–––
6.5
9.7
nC
–––
ID = 8.2A
VGS = 0V
VDS = 10V
VGS = 4.5V, ID = 8.0A
e
VGS = 4.5V
Typ.
–––
VDS = VGS, ID = 250µA
Clamped Inductive Load
VDS = 10V, ID = 8.2A
VDS = 16V, VGS = 0V, TJ = 125°C
TJ = 25°C, IF = 8.2A, VDD = 10V
di/dt = 100A/µs
e
TJ = 25°C, IS = 8.2A, VGS = 0V e
showing the
integral reverse
p-n junction diode.
MOSFET symbol
VDS = 10V, VGS = 0V
VDD = 10V, VGS = 4.5V
ID = 8.2A
VDS = 10V
VGS = 20V
VGS = -20V
VDS = 16V, VGS = 0V
Conditions
VGS = 0V, ID = 250µA
Reference to 25°C, ID = 1mA
VGS = 10V, ID = 10A e
Conditions
Max.
19
8.2
ƒ = 1.0MHz


Número de pieza similar - IRF8910GTRPBF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
IRF8910GPBF IRF-IRF8910GPBF Datasheet
290Kb / 10P
   Dual SO-8 MOSFET for POL Halogen-Free
More results

Descripción similar - IRF8910GTRPBF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
IRF8910PBF IRF-IRF8910PBF_08 Datasheet
290Kb / 10P
   Dual SO-8 MOSFET for POL converters in desktop, servers, graphics cards, game consoles and set-top box
IRF9910 IRF-IRF9910 Datasheet
279Kb / 10P
   Dual SO-8 MOSFET for POL converters in desktop, servers, graphics cards, game consoles and set-top box
IRF7904PBF IRF-IRF7904PBF Datasheet
258Kb / 10P
   Dual SO-8 MOSFET for POL Converters in Notebook Computers, Servers, Graphics Cards, Game Consoles and Set-Top Box
IRF8915TRPBF IRF-IRF8915TRPBF Datasheet
291Kb / 10P
   Dual SO-8 MOSFET for POL converters in desktop
IRF7905PBF IRF-IRF7905PBF_08 Datasheet
328Kb / 10P
   Dual SO-8 MOSFET for POL Converters in Notebook Computers
IRF7905TRPBF IRF-IRF7905TRPBF Datasheet
328Kb / 10P
   Dual SO-8 MOSFET for POL
IRF7907PBF IRF-IRF7907PBF_08 Datasheet
331Kb / 10P
   Dual SO-8 MOSFET for POL
logo
Sangdest Microelectroni...
SMP4050-12UTG SMC-SMP4050-12UTG Datasheet
282Kb / 5P
   Game Consoles
logo
Shenzhen Guan Hua Wei Y...
WSD2065DN22 WIINSOK-WSD2065DN22 Datasheet
2Mb / 6P
   DC/DC Converters in Computing, Servers, and POL
WSD3068DN WIINSOK-WSD3068DN Datasheet
1Mb / 6P
   DC/DC Converters in Computing, Servers, and POL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com