Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ISL12020MIRZ-EVALZ Datasheet(PDF) 3 Page - Intersil Corporation

No. de pieza ISL12020MIRZ-EVALZ
Descripción Electrónicos  Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL12020MIRZ-EVALZ Datasheet(HTML) 3 Page - Intersil Corporation

  ISL12020MIRZ-EVALZ Datasheet HTML 1Page - Intersil Corporation ISL12020MIRZ-EVALZ Datasheet HTML 2Page - Intersil Corporation ISL12020MIRZ-EVALZ Datasheet HTML 3Page - Intersil Corporation ISL12020MIRZ-EVALZ Datasheet HTML 4Page - Intersil Corporation ISL12020MIRZ-EVALZ Datasheet HTML 5Page - Intersil Corporation ISL12020MIRZ-EVALZ Datasheet HTML 6Page - Intersil Corporation ISL12020MIRZ-EVALZ Datasheet HTML 7Page - Intersil Corporation ISL12020MIRZ-EVALZ Datasheet HTML 8Page - Intersil Corporation ISL12020MIRZ-EVALZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
ISL12020M
3
FN6667.5
December 13, 2011
Pin Descriptions
PIN NUMBER
SYMBOL
DESCRIPTION
1, 2, 3, 4, 5, 16,
17, 18, 19, 20
X2
X1
Crystal Connection. The X1 and X2 pins are the input and output, respectively, of an inverting amplifier and are also
connected to the internal 32.768kHz quartz crystal, which is the timebase for the real time clock. Compensation
circuitry with an internal temperature sensor provides frequency correction to ±5ppm over the operating temperature
range from -40°C to +85°C. The X1 and X2 pins are not to be connected to any other circuitry or power voltages, and
are best left floating. Do not connect in an application circuit, floating electrical connection.
6, 9,
10, 15
NC
No connection. Do not connect to a signal or supply voltage.
7VBAT
Backup Supply. This input provides a backup supply voltage to the device. VBAT supplies power to the device in the event
that the VDD supply fails. This pin can be connected to a battery, a Super Capacitor or tied to ground if not used. See the
Battery Monitor parameter in the “Electrical Specifications” table “DC Operating Characteristics - RTC” on page 6.
11
SDA
Serial Data. SDA is a bi-directional pin used to transfer data into and out of the device. It has an open drain output and
may be ORed with other open drain or open collector outputs. The input buffer is always active (not gated) in normal
mode.
An open drain output requires the use of a pull-up resistor. The output circuitry controls the fall time of the output signal
with the use of a slope controlled pull-down. The circuit is designed for 400kHz I2C interface speeds. It is disabled when
the backup power supply on the VBAT pin is activated. SDA is a bi-directional pin used to transfer serial data into and
out of the device. It has an open drain output and may be wire OR’ed with other open drain or open collector outputs.
12
SCL
Serial Clock. The SCL input is used to clock all serial data into and out of the device. The input buffer on this pin is always
active (not gated). It is disabled when the backup power supply on the VBAT pin is activated to minimize power
consumption.
13
IRQ/FOUT Interrupt Output/Frequency Output (Default 32.768kHz frequency output). This dual function pin can be used as an
interrupt or frequency output pin. The IRQ/FOUT mode is selected via the frequency out control bits of the control/status
register. Multi-functional pin that can be used as interrupt or frequency output pin. The function is set via the
configuration register. The output is open drain and requires a pull-up resistor.
Interrupt Mode. The pin provides an interrupt signal output. This signal notifies a host processor that an alarm has
occurred and requests action. It is an open drain active low output.
Frequency Output Mode. The pin outputs a clock signal, which is related to the crystal frequency. The frequency output
is user selectable and enabled via the I2C bus. It is an open drain output.
14
VDD
Power supply. Chip power supply and ground pins. The device will operate with a power supply from VDD = 2.7V to
5.5VDC. A 0.1µF capacitor is recommended on the VDD pin to ground.
8GND
Ground Pin
Thermal Pad
NC
No Connection. Do not connect to a signal or supply voltage.


Número de pieza similar - ISL12020MIRZ-EVALZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
ISL12020MIRZ-EVALZ RENESAS-ISL12020MIRZ-EVALZ Datasheet
1Mb / 34P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
More results

Descripción similar - ISL12020MIRZ-EVALZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL12022MIBZ-T7A INTERSIL-ISL12022MIBZ-T7A Datasheet
900Kb / 31P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
ISL12020M INTERSIL-ISL12020M Datasheet
476Kb / 32P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
logo
Renesas Technology Corp
ISL12022MA RENESAS-ISL12022MA Datasheet
1Mb / 31P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
ISL12022MR5421 RENESAS-ISL12022MR5421 Datasheet
1Mb / 31P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
ISL12020M RENESAS-ISL12020M Datasheet
1Mb / 34P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
logo
Intersil Corporation
ISL12022M INTERSIL-ISL12022M_10 Datasheet
620Kb / 31P
   Low Power RTC with Battery Backed SRAM,Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
ISL12022MA INTERSIL-ISL12022MA_10 Datasheet
866Kb / 29P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
ISL12022M INTERSIL-ISL12022M_09 Datasheet
387Kb / 27P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation, and Auto Daylight Saving
logo
Renesas Technology Corp
ISL12022M RENESAS-ISL12022M Datasheet
1Mb / 32P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
logo
Intersil Corporation
ISL12023 INTERSIL-ISL12023 Datasheet
389Kb / 28P
   Low Power RTC with Battery-Backed SRAM and Embedded Temp Compensation 짹5ppm with Auto Daylight Saving
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com