Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ISL32457EIUZ Datasheet(PDF) 4 Page - Intersil Corporation

No. de pieza ISL32457EIUZ
Descripción Electrónicos  짹60V Fault Protected, 3.3V to 5V, 짹20V Common Mode Range, RS-485/RS-422 Transceivers with Cable Invert and 짹15kV ESD
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL32457EIUZ Datasheet(HTML) 4 Page - Intersil Corporation

  ISL32457EIUZ Datasheet HTML 1Page - Intersil Corporation ISL32457EIUZ Datasheet HTML 2Page - Intersil Corporation ISL32457EIUZ Datasheet HTML 3Page - Intersil Corporation ISL32457EIUZ Datasheet HTML 4Page - Intersil Corporation ISL32457EIUZ Datasheet HTML 5Page - Intersil Corporation ISL32457EIUZ Datasheet HTML 6Page - Intersil Corporation ISL32457EIUZ Datasheet HTML 7Page - Intersil Corporation ISL32457EIUZ Datasheet HTML 8Page - Intersil Corporation ISL32457EIUZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
ISL32450E, ISL32452E, ISL32453E, ISL32455E, ISL32457E
4
FN7921.0
February 20, 2012
Pin Descriptions
PIN
NAME
ISL32450E,
ISL32453E,
(14 LD SOIC)
PIN #
ISL32450E,
ISL32453E,
(10 LD MSOP)
PIN #
ISL32452E,
ISL32455E
(8 LD SOIC,
8 LD MSOP)
PIN #
ISL32457E
(8 LD SOIC,
8 LD MSOP)
PIN #
FUNCTION
RO
2
1
1
1
Receiver output. For parts without the cable invert function - or if INV is low -
then: If A - B
≥ -10mV, RO is high; if A - B ≤ -200mV, RO is low. If INV is high, then:
If B - A
≥ -10mV, RO is high; if B - A ≤ -200mV, RO is low. In all cases, RO = High
if A and B are unconnected (floating), or shorted together, or connected to an
undriven, terminated bus (i.e., Rx is always failsafe open, shorted, and idle, even
if polarity is inverted).
RE
3
2
2
N/A
Receiver output enable. RO is enabled when RE is low; RO is high impedance
when RE is high. Internally pulled low.
DE
4
3
3
3
Driver output enable. The driver outputs, Y and Z, are enabled by bringing DE
high, and they are high impedance when DE is low. Internally pulled high.
DI
5
4
4
4
Driver input. For parts without the cable invert function - or if INV is low - a low
on DI forces output Y low and output Z high, while a high on DI forces output Y
high and output Z low. The output states, relative to DI, invert if INV is high.
GND
6, 7
5
5
5
Ground connection.
A/Y
N/A
N/A
6
6
±60V Fault Protected and ±15kV ESD protected RS-485/RS-422 I/O pin. For
parts without the cable invert function - or if INV is low - A/Y is the non-inverting
receiver input and non-inverting driver output. If INV is high, A/Y is the inverting
receiver input and the inverting driver output. Pin is an input if DE = 0; pin is
an output if DE = 1.
B/Z
N/A
N/A
7
7
±60V Fault Protected and ±15kV ESD protected RS-485/RS-422 I/O pin. For
parts without the cable invert function - or if INV is low - B/Z is the inverting
receiver input and inverting driver output. If INV is high, B/Z is the non-inverting
receiver input and the non-inverting driver output. Pin is an input if DE = 0; pin
is an output if DE = 1.
A
12
9
N/A
N/A
±60V Fault Protected and ±15kV ESD protected RS-485/RS-422 non-inverting
receiver input.
B
11
8
N/A
N/A
±60V Fault Protected and ±15kV ESD protected RS-485/RS-422 inverting
receiver input.
Y
9
6
N/A
N/A
±60V Fault Protected and ±15kV ESD protected RS-485/RS-422 non-inverting
driver output.
Z
10
7
N/A
N/A
±60V Fault Protected and ±15kV ESD protected RS-485/RS-422 inverting
driver output.
VCC
14
10
8
8
System power supply input (3V to 5.5V).
INV
N/A
N/A
N/A
2
Receiver and driver Cable Invert (polarity selection) input. When driven high
this pin swaps the polarity of the driver output and receiver input pins. If
unconnected (floating) or connected low, normal RS-485 polarity conventions
apply. Internally pulled low.
NC
1, 8, 13
N/A
N/A
N/A
No Internal Connection.


Número de pieza similar - ISL32457EIUZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL32457EIUZ INTERSIL-ISL32457EIUZ Datasheet
1Mb / 21P
   짹60V Fault Protected, 3.3V to 5V, 짹20V Common Mode Range, RS-485/RS-422 Transceivers with Cable Invert and 짹15kV ESD
logo
Renesas Technology Corp
ISL32457EIUZ RENESAS-ISL32457EIUZ Datasheet
1Mb / 23P
   짹60V Fault Protected, 3.3V to 5V, 짹20V Common-Mode Range, RS-485/RS-422 Transceivers with Cable Invert and 짹15kV ESD
More results

Descripción similar - ISL32457EIUZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL32450E INTERSIL-ISL32450E Datasheet
1Mb / 21P
   짹60V Fault Protected, 3.3V to 5V, 짹20V Common Mode Range, RS-485/RS-422 Transceivers with Cable Invert and 짹15kV ESD
logo
Renesas Technology Corp
ISL32450E RENESAS-ISL32450E Datasheet
1Mb / 23P
   짹60V Fault Protected, 3.3V to 5V, 짹20V Common-Mode Range, RS-485/RS-422 Transceivers with Cable Invert and 짹15kV ESD
ISL32430E RENESAS-ISL32430E Datasheet
1Mb / 21P
   짹40V Fault Protected, 3.3V to 5V, 짹15V Common Mode Range, RS-485/RS-422 Transceivers With Cable Invert and 짹15kV ESD
logo
Intersil Corporation
ISL32430E INTERSIL-ISL32430E Datasheet
1Mb / 21P
   짹40V Fault Protected, 3.3V to 5V, 짹15V Common Mode Range, RS-485/RS-422 Transceivers With Cable Invert and 짹15kV ESD
ISL31490E INTERSIL-ISL31490E_10 Datasheet
622Kb / 27P
   짹60V Fault Protected, 5V, RS-485/RS-422 Transceivers with 짹25V Common Mode Range
ISL32496EIUZ INTERSIL-ISL32496EIUZ Datasheet
1Mb / 22P
   짹60V Fault Protected, 5V, RS-485/RS-422 Transceivers with 짹25V CMR and ESD Protection
ISL32490E INTERSIL-ISL32490E Datasheet
1Mb / 21P
   짹60V Fault Protected, 5V, RS-485/RS-422 Transceivers with 짹25V CMR
logo
Renesas Technology Corp
ISL32490E RENESAS-ISL32490E Datasheet
1Mb / 22P
   짹60V Fault Protected, 5V, RS-485/RS-422 Transceivers with 짹25V CMR and ESD Protection
logo
Intersil Corporation
ISL32470E INTERSIL-ISL32470E Datasheet
1Mb / 19P
   Fault Protected, Extended Common Mode Range, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL32470E RENESAS-ISL32470E Datasheet
1Mb / 19P
   Fault Protected, Extended Common Mode Range, RS-485/RS-422 Transceivers with 짹16.5kV ESD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com