Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

G1000P800H Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

No. de pieza G1000P800H
Descripción Electrónicos  INDUSTRY STANDARDS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC2 [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC2 - List of Unclassifed Manufacturers

G1000P800H Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button G1000P800H Datasheet HTML 2Page - List of Unclassifed Manufacturers G1000P800H Datasheet HTML 3Page - List of Unclassifed Manufacturers G1000P800H Datasheet HTML 4Page - List of Unclassifed Manufacturers G1000P800H Datasheet HTML 5Page - List of Unclassifed Manufacturers G1000P800H Datasheet HTML 6Page - List of Unclassifed Manufacturers G1000P800H Datasheet HTML 7Page - List of Unclassifed Manufacturers G1000P800H Datasheet HTML 8Page - List of Unclassifed Manufacturers G1000P800H Datasheet HTML 9Page - List of Unclassifed Manufacturers G1000P800H Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Spec-00539 F
Wall-Mount EnclosurEs FUSION G7™ aNd acceSSOrIeS
PH 763.422.2211 • FAX 763.422.2600 • HOFFMANONLINE.COM
EQUIPMENT PROTECTION SOLUTIONS
Mild stEEl
6
Full-HEiGHt Back panEl
Galvanized steel full-height panels. See table for thickness.
M8 panel mounting nuts provided with 50-mm front-to-back side-mount
accessory rails and side-mount accessory rail brackets.
Bulletin: A4GY
Catalog Number
D x E (mm)
D x E (in.)
Thickness (mm)
Thickness (Gauge)
Fits A x B (mm)
Fits A x B (in.)
G300P300
255 x 255
10.04 x 10.04
1.5
16
300 x 300
11.81 x 11.81
G400P300
355 x 255
13.98 x 10.04
1.5
16
400 x 300
or 300 x 400
15.75 x 11.81
or 11.81 x 15.75
G400P400
355 x 355
13.98 x 13.98
1.5
16
400 x 400
15.75 x 15.75
G500P400
455 x 355
17.91 x 13.98
1.5
16
500 x 400
19.68 x 15.75
G600P400
555 x 355
21.85 x 13.98
1.5
16
600 x 400
or 400 x 600
23.62 x 15.75
or 15.75 x 23.62
G500P500
455 x 455
17.91 x 17.91
1.5
16
500 x 500
19.68 x 19.68
G600P500
555 x 455
21.85 x 17.91
1.5
16
600 x 500
23.62 x 19.68
G700P500
655 x 455
25.79 x 17.91
2.0
14
700 x 500
27.56 x 19.68
G600P600
555 x 555
21.85 x 21.85
2.0
14
600 x 600
23.62 x 23.62
G800P600
755 x 555
29.72 x 21.85
2.0
14
800 x 600
or 600 x 800
31.50 x 23.62
or 23.62 x 31.50
G1000P600
955 x 555
37.60 x 21.85
2.5
12
1000 x 600
39.37 x 23.62
G800P800
755 x 755
29.72 x 29.72
2.5
12
800 x 800
31.50 x 31.50
G1000P800
955 x 755
37.60 x 29.72
2.5
12
1000 x 800
39.37 x 31.50
G1200P800
1155 x 755
45.47 x 29.72
2.5
12
1200 x 800
47.24 x 31.50
G1200P900
1155 x 855
45.47 x 33.66
2.5
12
1200 x 900
47.24 x 35.43
G1500P900
1455 x 855
57.28 x 33.66
2.5
12
1500 x 900
59.05 x 35.43


Número de pieza similar - G1000P800H

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
E-SWITCH
G100001 E-SWITCH-G100001 Datasheet
38Kb / 1P
   All Dimension In MM
logo
List of Unclassifed Man...
G10000GW1 ETC-G10000GW1 Datasheet
122Kb / 2P
   10 segment light bar
G10000GW2 ETC-G10000GW2 Datasheet
122Kb / 2P
   10 segment light bar
G10000GW3 ETC-G10000GW3 Datasheet
122Kb / 2P
   10 segment light bar
G10000GW4 ETC-G10000GW4 Datasheet
122Kb / 2P
   10 segment light bar
More results

Descripción similar - G1000P800H

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Bourns Electronic Solut...
MF-SM300-2 BOURNS-MF-SM300-2 Datasheet
290Kb / 4P
   Fully compatible with current industry standards
logo
Omron Electronics LLC
XG4A-5031 OMRON-XG4A-5031 Datasheet
1Mb / 22P
   Industry Standard Circuit Board Connectors Conform to MIL Standards
XG4C-1031 OMRON-XG4C-1031 Datasheet
1Mb / 22P
   Industry Standard Circuit Board Connectors Conform to MIL Standards
XG4A-2032 OMRON-XG4A-2032 Datasheet
1Mb / 22P
   Industry Standard Circuit Board Connectors Conform to MIL Standards
logo
Bel Fuse Inc.
FRH100-00 BEL-FRH100-00 Datasheet
774Kb / 6P
   Meet railway industry EN 50155 / EN 50121-3-2 and AREMA standards
logo
Panasonic Semiconductor
ADE109 PANASONIC-ADE109 Datasheet
76Kb / 4P
   Compliant with European standards European standards power relays
logo
List of Unclassifed Man...
EA50-SCS ETC1-EA50-SCS Datasheet
169Kb / 1P
   SCS CALIBRATION STANDARDS
logo
IET Labs Inc.
SR102 IET-SR102 Datasheet
218Kb / 1P
   Transportable Resistance Standards
Nov 2017
logo
Omron Electronics LLC
C200H-COV11 OMRON-C200H-COV11 Datasheet
452Kb / 38P
   PRODUCT PERFORMANCE STANDARDS
logo
STMicroelectronics
AN2483 STMICROELECTRONICS-AN2483 Datasheet
48Kb / 6P
   Video signal standards
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com