Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

NX5302SH Datasheet(PDF) 2 Page - California Eastern Labs

No. de pieza NX5302SH
Descripción Electrónicos  NECs 1310 nm InGaAsP MQW FP LASER DIODE IN CAN PACKAGE FOR FIBER OPTIC COMMUNICATIONS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CEL [California Eastern Labs]
Página de inicio  http://www.cel.com
Logo CEL - California Eastern Labs

NX5302SH Datasheet(HTML) 2 Page - California Eastern Labs

  NX5302SH Datasheet HTML 1Page - California Eastern Labs NX5302SH Datasheet HTML 2Page - California Eastern Labs NX5302SH Datasheet HTML 3Page - California Eastern Labs NX5302SH Datasheet HTML 4Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ABSOLUTE MAXIMUM RATINGS1
(TC = 25°C, unless otherwise specified)
SYMBOLS
PARAMETERS
UNITS
RATINGS
Pf
Optical Output Power
mW
10
IF
Forward Current of LD
mA
150
VR
Reverse Voltage of LD
V
2.0
IF
Forward Current of PD
mA
10
VR
Reverse Voltage of PD
V
20
TC
Operating Case Temperature
°C
-40 to +85
TSTG
Storage Temperature
°C
-40 to +85
TASB
Assembly Temperature
°C
150 (15 Hr)
TSLD
Lead Soldering
Temperature (10 s)
°C
350 (3 sec.)
RH
Relative Humidity
(noncondensing)
%
85
Note:
1. Operation in excess of any one of these parameters may result
in permanent damage.
NX5302 SERIES
OUTLINE DIMENSIONS (Units in mm)
BOTTOM VIEW
PIN CONNECTIONS
NX5302EJ
NX5302EH
NX5302EK
NX5302EI
NX5302E SERIES
1 (CASE)
1 (CASE)
1 (CASE)
1 (CASE)
2
2
3
3
4
4
PD
PD
LD
LD
2
3
4
PD
LD
2
3
4
PD
LD
1
2
3
4
ø5.6
+0.00
-0.03
ø4.2±0.1
ø3.55±0.1
Reference Plane
ø0.45
(four places)
ø2.0
ø2.0
0.3
+0.1
-0.0
0.3
+0.1
-0.0
1.0±0.1
110°±2°
Focal Point
∆x = ±300 µm
∆y = ±300 µm
*1
1 (CASE)
1 (CASE)
1 (CASE)
1 (CASE)
2
2
3
3
4
4
PD
PD
LD
LD
2
3
4
PD
LD
2
3
4
PD
LD
1
2
3
4
ø3.55±0.05
1.0±0.1
ø5.6
+0.00
-0.03
ø4.2±0.1
0.3
+0.1
-0.0
0.3
+0.1
-0.0
ø1.0 MIN
ø1.6±0.1
1.2±0.1
1.27±0.1
LD CHIP
REFERENCE
PLANE
ø0.45
(4 places)
ø2.0
P.C.D.
NX5302S SERIES
BOTTOM VIEW
PIN CONNECTIONS
NX5302SI
NX5302SH
NX5302SK
NX5302SJ
*2: n = 1.48 Bolosilicate Glass
PO
IF - PO
(mW)
6.0
PK
0
dPO
dPK
IF - ηd
IF
(mA)
kink =
x 100 [%]
|dPK|
PK
dPK = dPO MAX
PK ≤ 6.0 (mW)
γ =
|10 log
| [dB]
PO
5.0
TC = 25°C
TC = -40 to +85°C
PO
(mW)
5.0
PO
0
Im
Im
(mA)
PARAMETER DEFINITIONS
Kink: kink
Tracking Error: γγγγγ
*1 Focal Point:
A point to get maximum optical output power from fiber.


Número de pieza similar - NX5302SH

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
California Eastern Labs
NX5302SH CEL-NX5302SH Datasheet
127Kb / 4P
   1310 nm InGaAsP MQW FP LASER DIODE IN CAN PACKAGE FOR FIBER OPTIC COMMUNICATIONS
More results

Descripción similar - NX5302SH

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
California Eastern Labs
NX5306 CEL-NX5306 Datasheet
231Kb / 7P
   NECs 1310 nm InGaAsP MQW FP LASER DIODE IN CAN PACKAGE FOR FIBER OPTIC COMMUNICATIONS
NX5302 CEL-NX5302 Datasheet
127Kb / 4P
   1310 nm InGaAsP MQW FP LASER DIODE IN CAN PACKAGE FOR FIBER OPTIC COMMUNICATIONS
logo
NEC
NX5304 NEC-NX5304 Datasheet
165Kb / 5P
   NECs 1310 nm InGaAsP MQW-FP LASER DIODE IN CAN PACKAGE
logo
California Eastern Labs
NX7304BG-CC CEL-NX7304BG-CC Datasheet
95Kb / 4P
   1310 nm InGaAsP MQW FP LASER DIODE IN COAXIAL PACKAGE FOR FIBER OPTIC COMMUNICATIONS
NX5315 CEL-NX5315 Datasheet
349Kb / 5P
   NECs 1310 nm InGaAsP MQW FP LASER DIODE IN CAN PACKAGE FOR FTTH PON APPLICATIONS
logo
NEC
NX5306 NEC-NX5306 Datasheet
230Kb / 7P
   NEC 1310 nm InGaAsP MQW FP LASER DIODE IN CAN PACKAGE
logo
California Eastern Labs
NX6504 CEL-NX6504 Datasheet
95Kb / 4P
   1550 nm InGaAsP MQW DFB LASER DIODE IN CAN PACKAGE FOR FIBER OPTIC COMMUNICATIONS
NX5501 CEL-NX5501 Datasheet
452Kb / 7P
   NECs 1550 nm InGaAsP MQW-FP LASER DIODE IN CAN PACKAGE FOR FTTH APPLICATION
NX5504 CEL-NX5504 Datasheet
309Kb / 6P
   NECs 1550 nm InGaAsP MQW-FP LASER DIODE IN CAN PACKAGE FOR FTTH APPLICATION
NX5313 CEL-NX5313 Datasheet
162Kb / 4P
   1310 nm InGaAsP MQW FP LASER DIODE IN CAN PACKAGE FOR FTTH PON APPLICATIONS
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com