Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CS4207-CNZ Datasheet(PDF) 8 Page - Cirrus Logic

No. de pieza CS4207-CNZ
Descripción Electrónicos  Low-power, 4-in / 6-out HD Audio Codec with Headphone Amp
Download  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CIRRUS [Cirrus Logic]
Página de inicio  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4207-CNZ Datasheet(HTML) 8 Page - Cirrus Logic

Back Button CS4207-CNZ Datasheet HTML 4Page - Cirrus Logic CS4207-CNZ Datasheet HTML 5Page - Cirrus Logic CS4207-CNZ Datasheet HTML 6Page - Cirrus Logic CS4207-CNZ Datasheet HTML 7Page - Cirrus Logic CS4207-CNZ Datasheet HTML 8Page - Cirrus Logic CS4207-CNZ Datasheet HTML 9Page - Cirrus Logic CS4207-CNZ Datasheet HTML 10Page - Cirrus Logic CS4207-CNZ Datasheet HTML 11Page - Cirrus Logic CS4207-CNZ Datasheet HTML 12Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 148 page
background image
8
DS880F4
CS4207
1. PIN DESCRIPTIONS
1.1
CS4207 48-pin QFN Pinout:
Pin Name QFN
Pin Description
VL_IF
1
Digital Interface Signal Level (Input) - Digital supply for the GPIO, S/PDIF and Digital Mic inter-
faces. Refer to the Recommended Operating Conditions for appropriate voltages.
GPIO0/
DMIC_SDA1
2
General Purpose I/O (Input/Output) - General purpose input or output line, or
Digital Mic Data Input (Input) - The first data input line from a digital microphone.
VL_HD
3
Digital Interface Signal Level (Input) - Digital supply for the HD Audio interface. Refer to the
Recommended Operating Conditions for appropriate voltages.
DMIC_SCL
4
Digital Mic Clock (Output) - The high speed clock output to the digital microphone.
SDO
5
Serial Data Input (Input) - Serial data input stream from the HD Audio Bus.
BITCLK
6
Bit Clock (Input) - 24 MHz bit clock from the HD Audio Bus.
DGND
7
Digital Ground (Input) - Ground reference for the internal digital section.
SDI
8
Serial Data Output (Input/Output) - Serial data output stream to the HD Audio Bus.
VD
9
Digital Power (Input) - Positive power for the internal digital section.
SYNC
10
Sync Clock (Input) - 48 kHz sync clock from the HD Audio Bus.
Thermal Pad
14
13
8
7
6
5
4
3
2
1
15
16
17
18
19
20
29
30
31
32
33
34
35
36
41
42
43
44
45
46
47
48
37
38
39
40
12
11
10
9
21
22
23
24
25
26
27
28
VL_IF
LINEOUT_R1+
Top-Down (Through Package) View
48-Pin QFN Package
LINEOUT_L1+
LINEOUT_L1-
LINEOUT_R2-
LINEOUT_R2+
LINEOUT_L2+
LINEOUT_L2-
VBIAS (DAC)
VCOM
VREF+ (ADC)
AGND
VA
GPIO0/DMIC_SDA1
VL_HD
DMIC_SCL
SDO
BITCLK
DGND
SDI
VD
SYNC
RESET#
GPIO1/DMIC_SDA2
/SPDIF_OUT2
HPGND


Número de pieza similar - CS4207-CNZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cirrus Logic
CS4207-CNZ/C1 CIRRUS-CS4207-CNZ/C1 Datasheet
819Kb / 144P
   Low-power, 4-in / 6-out HD Audio CODEC with Headphone Amp
CS4207-CNZR/C1 CIRRUS-CS4207-CNZR/C1 Datasheet
819Kb / 144P
   Low-power, 4-in / 6-out HD Audio CODEC with Headphone Amp
More results

Descripción similar - CS4207-CNZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cirrus Logic
CS4207 CIRRUS-CS4207 Datasheet
819Kb / 144P
   Low-power, 4-in / 6-out HD Audio CODEC with Headphone Amp
CS42325 CIRRUS-CS42325 Datasheet
1Mb / 71P
   10-In, 6-Out, 2 Vrms Audio CODEC with Headphone
CS42L51 CIRRUS-CS42L51_07 Datasheet
1Mb / 88P
   Low Power, Stereo CODEC with Headphone Amp
logo
Freescale Semiconductor...
SGTL5000XNAA3R2 FREESCALE-SGTL5000XNAA3R2 Datasheet
1Mb / 68P
   Low Power Stereo Codec with Headphone Amp
logo
Cirrus Logic
CS42L51 CIRRUS-CS42L51 Datasheet
1Mb / 83P
   Low Power, Stereo CODEC with Headphone Amp
logo
Freescale Semiconductor...
SGTL5000XNAA3 FREESCALE-SGTL5000XNAA3 Datasheet
1Mb / 84P
   Low Power Stereo Codec with Headphone Amp
logo
NXP Semiconductors
SGTL5000 NXP-SGTL5000 Datasheet
3Mb / 68P
   Low Power Stereo Codec with Headphone Amp
Rev. 6.0, 11/2013
logo
Freescale Semiconductor...
SGTL5000 FREESCALE-SGTL5000_13 Datasheet
1Mb / 68P
   Low Power Stereo Codec with Headphone Amp
logo
Protek Devices
PA5155 PROTEC-PA5155 Datasheet
734Kb / 27P
   Low Power Stereo Audio CODEC With Headphone Amplifier
logo
Suzhou Everest Semicond...
ES8388 EVEREST-ES8388 Datasheet
830Kb / 36P
   Low Power Stereo Audio CODEC With Headphone Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com