Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

PS720C-1A Datasheet(PDF) 5 Page - California Eastern Labs

No. de pieza PS720C-1A
Descripción Electrónicos  4-PIN SOP, 0.1LOW ON-STATE RESISTANCE 60 V BREAK DOWN VOLTAGE 1.25 A CONTINUOUS LOAD CURRENT 1-ch Optical Coupled MOS FET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CEL [California Eastern Labs]
Página de inicio  http://www.cel.com
Logo CEL - California Eastern Labs

PS720C-1A Datasheet(HTML) 5 Page - California Eastern Labs

  PS720C-1A Datasheet HTML 1Page - California Eastern Labs PS720C-1A Datasheet HTML 2Page - California Eastern Labs PS720C-1A Datasheet HTML 3Page - California Eastern Labs PS720C-1A Datasheet HTML 4Page - California Eastern Labs PS720C-1A Datasheet HTML 5Page - California Eastern Labs PS720C-1A Datasheet HTML 6Page - California Eastern Labs PS720C-1A Datasheet HTML 7Page - California Eastern Labs PS720C-1A Datasheet HTML 8Page - California Eastern Labs PS720C-1A Datasheet HTML 9Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
PS720C-1A
TAPING SPECIFICATIONS (in millimeters)
PS720C-1A-E3
Tape Direction
Outline and Dimensions (Tape)
1.55±0.1
2.0±0.05
4.0±0.1
4.6±0.1
2.9 MAX.
0.3
8.0±0.1
2.4±0.1
1.5
+0.1
–0
Outline and Dimensions (Reel)
Packing: 900 pcs/reel
2.0±0.5
R 1.0
13.0±0.2
φ
21.0±0.8
φ
2.0±0.5
11.9 to 15.4
Outer edge of
flange
17.5±1.0
13.5±1.0
Data Sheet PN10778EJ02V0DS
5


Número de pieza similar - PS720C-1A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NEC
PS720C-1A NEC-PS720C-1A Datasheet
85Kb / 9P
   4-PIN SOP, 0.1 廓 LOW ON-STATE RESISTANCE 60 V BREAK DOWN VOLTAGE 1.25 A CONTINUOUS LOAD CURRENT 1-ch Optical Coupled MOS FET
logo
Renesas Technology Corp
PS720C-1A RENESAS-PS720C-1A Datasheet
176Kb / 12P
   4-PIN SOP, 0.1 廓 LOW ON-STATE RESISTANCE 60 V BREAK DOWN VOLTAGE 1.25 A CONTINUOUS LOAD CURRENT 1-ch Optical Coupled MOS FET
PS720C-1A RENESAS-PS720C-1A Datasheet
168Kb / 12P
   4-PIN SOP, 0.1 廓 LOW ON-STATE RESISTANCE 60 V BREAK DOWN VOLTAGE 1.25 A CONTINUOUS LOAD CURRENT
PS720C-1A-E3 RENESAS-PS720C-1A-E3 Datasheet
176Kb / 12P
   4-PIN SOP, 0.1 廓 LOW ON-STATE RESISTANCE 60 V BREAK DOWN VOLTAGE 1.25 A CONTINUOUS LOAD CURRENT 1-ch Optical Coupled MOS FET
PS720C-1A-E3 RENESAS-PS720C-1A-E3 Datasheet
168Kb / 12P
   4-PIN SOP, 0.1 廓 LOW ON-STATE RESISTANCE 60 V BREAK DOWN VOLTAGE 1.25 A CONTINUOUS LOAD CURRENT
More results

Descripción similar - PS720C-1A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NEC
PS720C-1A NEC-PS720C-1A Datasheet
85Kb / 9P
   4-PIN SOP, 0.1 廓 LOW ON-STATE RESISTANCE 60 V BREAK DOWN VOLTAGE 1.25 A CONTINUOUS LOAD CURRENT 1-ch Optical Coupled MOS FET
logo
Renesas Technology Corp
PS720C-1A RENESAS-PS720C-1A Datasheet
176Kb / 12P
   4-PIN SOP, 0.1 廓 LOW ON-STATE RESISTANCE 60 V BREAK DOWN VOLTAGE 1.25 A CONTINUOUS LOAD CURRENT 1-ch Optical Coupled MOS FET
PS720C-1A RENESAS-PS720C-1A_15 Datasheet
168Kb / 12P
   4-PIN SOP, 0.1 廓 LOW ON-STATE RESISTANCE 60 V BREAK DOWN VOLTAGE 1.25 A CONTINUOUS LOAD CURRENT
logo
NEC
PS7205B-1A NEC-PS7205B-1A_1 Datasheet
106Kb / 13P
   4-PIN SOP, 0.9 廓 LOW ON-STATE RESISTANCE 80 V BREAK DOWN VOLTAGE 500 mA CONTINUOUS LOAD CURRENT 1-ch Optical Coupled MOS FET
PS7206-1A NEC-PS7206-1A_1 Datasheet
119Kb / 13P
   4-PIN SOP, 0.6 廓 LOW ON-STATE RESISTANCE 600 mA CONTINUOUS LOAD CURRENT 1-ch Optical Coupled MOS FET
logo
Renesas Technology Corp
PS7205B-1A RENESAS-PS7205B-1A Datasheet
261Kb / 15P
   4-PIN SOP, 0.9 Ω LOW ON-STATE RESISTANCE 80 V BREAK DOWN VOLTAGE 500 mA CONTINUOUS LOAD CURRENT 1-ch Optical Coupled MOS FET
April 1st, 2010
PS710CL2-1A RENESAS-PS710CL2-1A Datasheet
254Kb / 16P
   4-PIN DIP, 0.1 Ω LOW ON-STATE RESISTANCE 2.0 A CONTINUOUS LOAD CURRENT 1-ch Optical Coupled MOS FET
April 1st, 2010
logo
California Eastern Labs
PS7214-1A CEL-PS7214-1A Datasheet
202Kb / 13P
   4-PIN SOP, 1.0 廓 LOW ON-STATE RESISTANCE 1-ch Optical Coupled MOS FET
PS710A-1A CEL-PS710A-1A Datasheet
352Kb / 11P
   6-PIN DIP, 0.1 LOW ON-STATE RESISTANCE 1.8 A CONTINUOUS LOAD CURRENT 1-ch Optical Coupled MOS FET
PS7200B-1A CEL-PS7200B-1A Datasheet
203Kb / 13P
   4-PIN SOP, 1.0 廓 LOW ON-STATE RESISTANCE 1-ch Optical Coupled MOS FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com