Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FCN1913G332J-E1 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

No. de pieza FCN1913G332J-E1
Descripción Electrónicos  Stable Stacked Metallized Film (PEN) Chips for Reflow Soldering
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC2 [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC2 - List of Unclassifed Manufacturers

FCN1913G332J-E1 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  FCN1913G332J-E1 Datasheet HTML 1Page - List of Unclassifed Manufacturers FCN1913G332J-E1 Datasheet HTML 2Page - List of Unclassifed Manufacturers FCN1913G332J-E1 Datasheet HTML 3Page - List of Unclassifed Manufacturers FCN1913G332J-E1 Datasheet HTML 4Page - List of Unclassifed Manufacturers FCN1913G332J-E1 Datasheet HTML 5Page - List of Unclassifed Manufacturers FCN1913G332J-E1 Datasheet HTML 6Page - List of Unclassifed Manufacturers FCN1913G332J-E1 Datasheet HTML 7Page - List of Unclassifed Manufacturers FCN1913G332J-E1 Datasheet HTML 8Page - List of Unclassifed Manufacturers FCN1913G332J-E1 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Type FCN Surface Mount Film Capacitors
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.
cde.com
Specifications
Type FCN capacitors are designed for applications requiring a
general purpose SMT capacitor with stable temperature and
frequency characteristics similar to polyester film capacitors.
They are ideal for applications such as EMI noise filtering, power
supply input/output filters, audio or signal coupling, and IC
power bus bypassing or decoupling. FCN SMT capacitors have
a non-inductive stacked metallized PEN film construction which
results in a low ESR and excellent high frequency performance.
Highlights
Designed for reflow soldering
Withstands 150% of rated voltage for 60 seconds
Stacked metallized polyethylene naphthalate (PEN) film
Performs like polyester capacitors
Nonmagnetic and lead-free
Stable Stacked Metallized Film (PEN) Chips for Reflow Soldering
T
ype FCN SMT capacitors are the general purpose line of CDE’s
surface mount product offerings. They range in capacitance from
.001 µF to 1.0 µF, and they are available in voltage ratings up to
400 Vdc.
Capacitance Range
1000 pF to 1.0 µF (1kHz at ≤5 Vrms)
Capacitance Tolerance
±5% (J), ±10% (K) (See Ratings
Rated Voltage
16, 50, 100, 250 & 400 Vdc
Dissipation Factor (Tan δ)
1.0% Max. (1 kHz at 5 Vrms)
Operating Temperature Range
16, 50, 100Vdc (<0.012 µF); –55 ºC to +105 ºC
100 Vdc (≥ 0.012 µF), 250, 400 Vdc; –40 ºC to +85 ºC
Surface Temperature
16 V & 50 V & 100 V ≤ 0.01 µF: 240 ºC max
100 V ≥ 0.012 µF, 250 V & 400 V: 230 ºC max
Insulation Resistance
C>0.33µF:IR=1000MΩ•µFMin.
C ≤0.33 µF: IR ≥ 3000 MΩ
Construction
Stacked metallized polyphenylene sulfide (PPS) film. Terminations are lead
free with a Sn-Ag-Cu solder finish.
Withstand Voltage
16 V & 50 V, 100 V ≤ 0.01 µF: 175% rated voltage, 5 s
100 V ≥ 0.012 µF, 250 V and 400 V: 150% rated voltage, 5 s
Life Test
1000 h at rated temp. & 125% rated voltage
∆ Capacitance: +1%, –6% max
Dissipation Factor: 1.1% max
IR:1000MΩmin(C>0.33µF,300MΩ•µFmin)
No significant visual damage
Resistance to Soldering Heat
5 s at max capacitor surface temperature
∆ Capacitance: ±5% max
Dissipation Factor: 1.1% max
IR:1000MΩmin(C>0.33µF,300MΩ•µFmin)
Voltage withstanding: 1.5 times rated voltage, 1 min.
No significant visual damage.
Moisture Resistance
500 h at 85 ºC and 85% RH
∆ Capacitance: ±10% max
Dissipation Factor: 2% max
IR: 10 MΩ min (C >0.33 µF, 3 MΩ·µF min)
Voltage withstanding: 1.3 times rated voltage,1 min.
No significant damage
RoHS Compliant


Número de pieza similar - FCN1913G332J-E1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cornell Dubilier Electr...
FCN1913G332J-E1 CDE-FCN1913G332J-E1 Datasheet
559Kb / 8P
   Surface Mount Film Capacitors
FCN1913G332J-E1 CDE-FCN1913G332J-E1 Datasheet
599Kb / 9P
   Stable Stacked Metallized Film (PEN) Chips for Reflow Soldering
More results

Descripción similar - FCN1913G332J-E1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cornell Dubilier Electr...
FCN CDE-FCN Datasheet
599Kb / 9P
   Stable Stacked Metallized Film (PEN) Chips for Reflow Soldering
FCP CDE-FCP Datasheet
291Kb / 8P
   Stable Stacked Metallized Film (PPS) Chips for Reflow Soldering
logo
Panasonic Semiconductor
ECW-U1563JC9 PANASONIC-ECW-U1563JC9 Datasheet
724Kb / 13P
   Stacked Metallized PEN Film Chip Capacitor
ECW-U1C474JC9 PANASONIC-ECW-U1C474JC9 Datasheet
100Kb / 3P
   Stacked Metallized PEN Film Chip Capacitor
ECW-U2105KCZ PANASONIC-ECW-U2105KCZ Datasheet
724Kb / 13P
   Stacked Metallized PEN Film Chip Capacitor
ECWU1104V33 PANASONIC-ECWU1104V33 Datasheet
674Kb / 13P
   Stacked Metallized PEN Film Chip Capacitor
ECW-U1104JC9 PANASONIC-ECW-U1104JC9 Datasheet
724Kb / 13P
   Stacked Metallized PEN Film Chip Capacitor
ECWU1102JX5 PANASONIC-ECWU1102JX5_16 Datasheet
56Kb / 2P
   Stacked Metallized PEN Film Chip Capacitor
ECWU2102V16 PANASONIC-ECWU2102V16_16 Datasheet
52Kb / 2P
   Stacked Metallized PEN Film Chip Capacitor
ECW-U2124KC9 PANASONIC-ECW-U2124KC9 Datasheet
724Kb / 13P
   Stacked Metallized PEN Film Chip Capacitor
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com