Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SS320 Datasheet(PDF) 2 Page - Guangdong Juxing Electronics Technology Co., Ltd. |
|
SS320 Datasheet(HTML) 2 Page - Guangdong Juxing Electronics Technology Co., Ltd. |
2 / 2 page FIG.1 FORWARD CURRENT DERATING CURVE LEAD TEMPERATURE ( oC) RESISTIVE OR INDUCTIVELOAD SS35-SS320 SS32-SS34 FIG. 2 MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT NUMBER OF CYCLES AT 60 Hz AT RATED TL 8.3mS Single Half Sine Wave JEDEC Method SS32-SS34 SS35-SS320 FIG. 4 TYPICAL REVERSE CHARACTERISTICS PERCENT OF RATED PEAK REVERSE VOLTAGE (%) TA=25 TA=75 TA=125 SS32-SS34 SS35-SS320 FIG. 5 TYPICAL JUNCTION CAPACITANCE REVERSE VOLTAGE (V) SS32-SS34 SS35-SS36 SS39-SS320 TA=25 f=1.0MHz Vsig=50mVp-p FIG. 3 TYPICAL FORWARD CHARACTERISRICS FORWARD VOLTAGE (V) SS32-SS34 SS35-SS36 SS39-SS310 PULSE WIDTH=300uS 1% DUTY CYCLE SS315-SS320 FIG. 6 TYPICAL TRANSIENT THERMAL IMPEDANCE T-PULSE DURATION(s) http://www.trr-jx.com SS32~SS320 Surface Mount Schottky Rectifiers Characteristic Curves (TA=25 ℃ unless otherwise noted) |
Número de pieza similar - SS320 |
|
Descripción similar - SS320 |