Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BD2425N5050AHF Datasheet(PDF) 1 Page - Anaren Microwave

No. de pieza BD2425N5050AHF
Descripción Electrónicos  Ultra Low Profile 0404 Balun 50 to 50 Balanced
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ANAREN [Anaren Microwave]
Página de inicio  http://www.anaren.com
Logo ANAREN - Anaren Microwave

BD2425N5050AHF Datasheet(HTML) 1 Page - Anaren Microwave

  BD2425N5050AHF_14 Datasheet HTML 1Page - Anaren Microwave BD2425N5050AHF_14 Datasheet HTML 2Page - Anaren Microwave BD2425N5050AHF_14 Datasheet HTML 3Page - Anaren Microwave BD2425N5050AHF_14 Datasheet HTML 4Page - Anaren Microwave BD2425N5050AHF_14 Datasheet HTML 5Page - Anaren Microwave BD2425N5050AHF_14 Datasheet HTML 6Page - Anaren Microwave  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Available on Tape
and Reel for Pick and
Place Manufacturing.
USA/Canada:
Toll Free:
Europe
:
(315) 432-8909
(800) 411-6596
+44 2392-232392
Model BD2425N5050AHF
Rev B
Ultra Low Profile 0404 Balun
50
to 50
Balanced
Description
The BD2425N5050AHF is a low profile, low impedance sub-miniature
unbalanced to balanced transformer designed for differential inputs and output
locations on modern chipsets targeted at 802.11 b+g, MIMO b+g, Bluetooth, Zigbee,
ULPR and ISM band Applications in an easy to use surface mount package. The
BD2425N5050AHF is ideal for high volume manufacturing and delivers higher
performance than traditional ceramic baluns. The BD2425N5050AHF has an
unbalanced port impedance of 50Ω and a 50Ω balanced port impedance.. The
output ports have equal amplitude (-3dB) with 180 degree phase differential. The
BD2425N5050AHF is available on tape and reel for pick and place high volume
manufacturing.
Detailed Electrical Specifications: Specifications subject to change without notice.
ROOM (25°°°°C)
Parameter
Min.
Typ.
Max
Unit
Frequency
2400
2500
MHz
Unbalanced Port Impedance
50
Balanced Port Impedance
50
Return Loss
15
23
dB
Insertion Loss*
0.7
0.9
dB
Amplitude Balance
0.3
0.8
dB
Phase Balance
3
7
Degrees
CMRR
30
dB
Power Handling
0.75
Watts
Features:
• 2400 – 2500 MHz
• 0.56 mm Height Profile
• 50 Ohm to 2 x 25 Ohm
• Low Insertion Loss
• Targeted At 802.11 b+g, MIMO
b+g, Bluetooth, Zigbee, ULPR
and ISM Band Applications
• Surface Mountable
• Tape & Reel
• Non-conductive Top Surface
• RoHS Compliant
• Halogen free
Operating Temperature
-55
+85
ºC
* Insertion Loss stated at room temperature (Insertion Loss is approximately 0.1 dB higher at +85 ºC)
Outline Drawing
Mechanical Outline
Dimensions are in Inches [Millimeters]
Tolerances are Non-Cumulative
Bottom View (Far-side)
Side View
Top View (Near-side)
Unbalanced Port
GND / DC Feed
+ RF GND
4
3
Designation
Pin
1
2
1
2
3
4
Balanced Port
.041±.004
[1.04±0.10]
.041±.004
[1.04±0.10]
.022±.002
[0.56±0.05]
.020 [0.51]
.020 [0.51]
3x.010
[0.25]
3x.010
[0.25]
Balanced Port
.012 [0.30]
.012 [0.30]


Número de pieza similar - BD2425N5050AHF_14

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Anaren Microwave
BD2425N5050AHF ANAREN-BD2425N5050AHF Datasheet
3Mb / 5P
   Ultra Low Profile 0404 Balun 50 to 50 Balanced
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com