Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

HB52F649E1 Datasheet(PDF) 9 Page - Elpida Memory

No. de pieza HB52F649E1
Descripción Electrónicos  512 MB Registered SDRAM DIMM 64-Mword72-bit, 133 MHz Memory Bus, 1-Bank Module (18 pcs of 64 M 횞 4 Components) PC133SDRAM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ELPIDA [Elpida Memory]
Página de inicio  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

HB52F649E1 Datasheet(HTML) 9 Page - Elpida Memory

Back Button HB52F649E1 Datasheet HTML 5Page - Elpida Memory HB52F649E1 Datasheet HTML 6Page - Elpida Memory HB52F649E1 Datasheet HTML 7Page - Elpida Memory HB52F649E1 Datasheet HTML 8Page - Elpida Memory HB52F649E1 Datasheet HTML 9Page - Elpida Memory HB52F649E1 Datasheet HTML 10Page - Elpida Memory HB52F649E1 Datasheet HTML 11Page - Elpida Memory HB52F649E1 Datasheet HTML 12Page - Elpida Memory HB52F649E1 Datasheet HTML 13Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
HB52F649E1-75B
Data Sheet E0021H10
9
Absolute Maximum Ratings
Parameter
Symbol
Value
Unit
Note
Voltage on any pin relative to V
SS
V
T
–0.5 to V
CC + 0.5
(
≤ 4.6 (max))
V1
Supply voltage relative to V
SS
V
CC
–0.5 to +4.6
V
1
Short circuit output current
Iout
50
mA
Power dissipation
P
T
18.0
W
Operating temperature
Topr
0 to +55
°C
Storage temperature
Tstg
–50 to +100
°C
Note:
1. Respect to V
SS
DC Operating Conditions (Ta = 0 to +55°C)
Parameter
Symbol
Min
Max
Unit
Notes
Supply voltage
V
CC
3.0
3.6
V
1, 2
V
SS
00V
3
Input high voltage
V
IH
2.0
V
CC
V
1, 4
Input low voltage
V
IL
0
0.8
V
1, 5
Notes: 1. All voltage referred to V
SS
2. The supply voltage with all VCC pins must be on the same level.
3. The supply voltage with all VSS pins must be on the same level.
4. V
IH (max) = VCC + 2.0 V for pulse width ≤ 3 ns at VCC.
5. V
IL (min) = VSS − 2.0 V for pulse width ≤ 3 ns at VSS.


Número de pieza similar - HB52F649E1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Elpida Memory
HB52F649EN-75B ELPIDA-HB52F649EN-75B Datasheet
200Kb / 28P
   512 MB Unbuffered SDRAM DIMM, 133 MHz Memory Bus PC133 SDRAM
More results

Descripción similar - HB52F649E1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Elpida Memory
HB52RF649E1U-75B ELPIDA-HB52RF649E1U-75B Datasheet
157Kb / 20P
   512 MB Registered SDRAM DIMM 64-Mword 횞 72-bit, 133 MHz Memory Bus, 1-Bank Module (18 pcs of 64 M 횞 4 Components) PC133 SDRAM
HB52R649E1U-A6B ELPIDA-HB52R649E1U-A6B Datasheet
158Kb / 20P
   512 MB Registered SDRAM DIMM 64-Mword 횞 72-bit, 100 MHz Memory Bus, 1-Bank Module (18 pcs of 64 M 횞 4 Components) PC100 SDRAM
HB52E649E12 ELPIDA-HB52E649E12 Datasheet
147Kb / 16P
   512 MB Registered SDRAM DIMM 64-Mword 횞 72-bit, 100 MHz Memory Bus, 1-Bank Module (18 pcs of 64 M 횞 4 Components) PC100 SDRAM
HB52RF1289E2U-75B ELPIDA-HB52RF1289E2U-75B Datasheet
157Kb / 20P
   1 GB Registered SDRAM DIMM 128-Mword 횞 72-bit, 133 MHz Memory Bus, 2-Bank Module (36 pcs of 64 M 횞 4 Components) PC133 SDRAM
HB52RF1289E2 ELPIDA-HB52RF1289E2 Datasheet
161Kb / 16P
   1 GB Registered SDRAM DIMM 128-Mword 횞 72-bit, 133 MHz Memory Bus, 2-Bank Module (36 pcs of 64 M 횞 4 Components) PC133 SDRAM
HB52RF1289E2-75B ELPIDA-HB52RF1289E2-75B Datasheet
167Kb / 16P
   1 GB Registered SDRAM DIMM 128-Mword 횞 72-bit, 133 MHz Memory Bus, 2-Bank Module (36 pcs of 64 M 횞 4 Components) PC133 SDRAM
HB52R1289E2U-A6B ELPIDA-HB52R1289E2U-A6B Datasheet
166Kb / 22P
   1 GB Registered SDRAM DIMM 128-Mword 횞 72-bit, 100 MHz Memory Bus, 2-Bank Module (36 pcs of 64 M 횞 4 Components) PC100 SDRAM
HB52RF648DC-B ELPIDA-HB52RF648DC-B Datasheet
160Kb / 20P
   512 MB Unbuffered SDRAM S.O.DIMM 64-Mword 횞 64-bit, 133/100 MHz Memory Bus, 2-Bank Module (16 pcs of 32 M 횞 8 components) PC133/100 SDRAM
HB52F168GB-B ELPIDA-HB52F168GB-B Datasheet
135Kb / 19P
   128 MB Unbuffered SDRAM Micro DIMM 16-Mword 횞 64-bit, 133/100 MHz Memory Bus, 1-Bank Module (4 pcs of 16 M 횞 16 components) PC133/100 SDRAM
HB52D48GB-F ELPIDA-HB52D48GB-F Datasheet
149Kb / 23P
   32 MB Unbuffered SDRAM Micro DIMM 4-Mword 횞 64-bit, 100 MHz Memory Bus, 1-Bank Module (4 pcs of 4 M 횞 16 components) PC100 SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com