Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


HB52F649E1 Datasheet(Hoja de datos) 2 Page - Elpida Memory

No. de Pieza. HB52F649E1
Descripción  512 MB Registered SDRAM DIMM 64-Mword × 72-bit, 133 MHz Memory Bus, 1-Bank Module (18 pcs of 64 M × 4 Components) PC133SDRAM
Descarga  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  ELPIDA [Elpida Memory]
Página de inicio  http://www.elpida.com/en
Logo 

 
 2 page
background image
HB52F649E1-75B
Data Sheet E0021H10
2
• Programmable CE latency
: 4 (133 MHz)
: 3 (100 MHz)
• Byte control by DQMB
• Refresh cycles: 8192 refresh cycles/64 ms
• 2 variations of refresh
 Auto refresh
 Self refresh
Ordering Information
Type No.
Frequency
CE latency
Package
Contact pad
HB52F649E1-75B*
1
133 MHz
4
168-pin dual lead out socket type
Gold
Note:
1. 100 MHz operation at
CE latency = 3.
Pin Arrangement
1 pin 10 pin 11 pin
40 pin 41 pin
84 pin
85 pin 94 pin 95 pin 124 pin 125 pin
168 pin




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
HB52E649E12512 MB Registered SDRAM DIMM 64-Mword × 72-bit 100 MHz Memory Bus 1-Bank Module 18 pcs of 64 M × 4 Components PC100 SDRAM 1 2 3 4 5 MoreElpida Memory
HB52RF1289E21 GB Registered SDRAM DIMM 128-Mword × 72-bit 133 MHz Memory Bus 2-Bank Module 36 pcs of 64 M × 4 Components PC133 SDRAM 1 2 3 4 5 MoreElpida Memory
HB52RF648DC-B512 MB Unbuffered SDRAM S.O.DIMM 64-Mword × 64-bit 133/100 MHz Memory Bus 2-Bank Module 16 pcs of 32 M × 8 components PC133/100 SDRAM 1 2 3 4 5 MoreElpida Memory
HB52R1289E221 GB Registered SDRAM DIMM 1 GB Registered SDRAM DIMM 36 pcs of 64 M × 4 Components PC100 SDRAM 1 2 3 4 5 MoreElpida Memory
HYS64V16300GU3.3 V 16M x 64/72-Bit 1 Bank 128MByte SDRAM Module 3.3 V 32M x 64/72-Bit 2 Bank 256MByte SDRAM Module 168-Pin Unbuffered DIMM Modules 1 2 3 4 5 MoreInfineon Technologies AG
HB56SW3272ESK-5256MB Buffered EDO DRAM DIMM 32-Mword x 72-bit 4k Refresh 2 Bank Module 36 pcs of 16M x 4 components 1 2 3 4 5 MoreHitachi Semiconductor
M312L5128MT0DDR SDRAM Registered Module TSOP-II 184pin Registered Module based on 1Gb M-die with 1 200mil Height & 72-bit ECC 1 2 3 4 5 MoreSamsung semiconductor
PM25LV512512 Kbit / 1 Mbit 3.0 Volt-only Serial Flash Memory With 25 MHz SPI Bus Interface 1 2 3 4 5 MorePMC-Sierra, Inc
M25P05-A512 Kbit Low Voltage Serial Flash Memory With 25 MHz SPI Bus Interface 1 2 3 4 5 MoreSTMicroelectronics
M25P05512 Kbit Low Voltage Serial Flash Memory With 20 MHz SPI Bus Interface 1 2 3 4 5 MoreSTMicroelectronics

Enlace URL

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl