Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


HB52RF648DC-B Datasheet(Hoja de datos) 4 Page - Elpida Memory

No. de Pieza. HB52RF648DC-B
Descripción  512 MB Unbuffered SDRAM S.O.DIMM 64-Mword × 64-bit, 133/100 MHz Memory Bus, 2-Bank Module (16 pcs of 32 M × 8 components) PC133/100 SDRAM
Descarga  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  ELPIDA [Elpida Memory]
Página de inicio  http://www.elpida.com/en
Logo 

 
 4 page
background image
HB52RF648DC-B, HB52RD648DC-B
Data Sheet E0083H40
4
Front side
Back side
Pin No.
Signal name Pin No.
Signal name Pin No.
Signal name Pin No.
Signal name
41
DQ10
113
V
CC
42
DQ42
114
V
CC
43
DQ11
115
DQMB2
44
DQ43
116
DQMB6
45
V
CC
117
DQMB3
46
V
CC
118
DQMB7
47
DQ12
119
V
SS
48
DQ44
120
V
SS
49
DQ13
121
DQ24
50
DQ45
122
DQ56
51
DQ14
123
DQ25
52
DQ46
124
DQ57
53
DQ15
125
DQ26
54
DQ47
126
DQ58
55
V
SS
127
DQ27
56
V
SS
128
DQ59
57
NC
129
V
CC
58
NC
130
V
CC
59
NC
131
DQ28
60
NC
132
DQ60
61
CK0
133
DQ29
62
CKE0
134
DQ61
63
V
CC
135
DQ30
64
V
CC
136
DQ62
65
RE
137
DQ31
66
CE
138
DQ63
67
W
139
V
SS
68
CKE1
140
V
SS
69
S0
141
SDA
70
A12
142
SCL
71
S1
143
V
CC
72
NC
144
V
CC




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
HB52E649E12512 MB Registered SDRAM DIMM 64-Mword × 72-bit 100 MHz Memory Bus 1-Bank Module 18 pcs of 64 M × 4 Components PC100 SDRAM 1 2 3 4 5 MoreElpida Memory
HB52F649E1512 MB Registered SDRAM DIMM 64-Mword × 72-bit 133 MHz Memory Bus 1-Bank Module 18 pcs of 64 M × 4 Components PC133SDRAM 1 2 3 4 5 MoreElpida Memory
HB52RF1289E21 GB Registered SDRAM DIMM 128-Mword × 72-bit 133 MHz Memory Bus 2-Bank Module 36 pcs of 64 M × 4 Components PC133 SDRAM 1 2 3 4 5 MoreElpida Memory
PM25LV512512 Kbit / 1 Mbit 3.0 Volt-only Serial Flash Memory With 25 MHz SPI Bus Interface 1 2 3 4 5 MorePMC-Sierra, Inc
M368L1713CTL128MB DDR SDRAM MODULE 16Mx64 based on 16Mx8 DDR SDRAM Unbuffered 184pin DIMM 64-bit Non-ECC/Parity 1 2 3 4 5 MoreSamsung semiconductor
M25P05-A512 Kbit Low Voltage Serial Flash Memory With 25 MHz SPI Bus Interface 1 2 3 4 5 MoreSTMicroelectronics
M25P05512 Kbit Low Voltage Serial Flash Memory With 20 MHz SPI Bus Interface 1 2 3 4 5 MoreSTMicroelectronics
HYS64V16302GU3.3 V 16M × 64-Bit 128MByte SDRAM Module 168-pin Unbuffered DIMM Modules 1 2 3 4 5 MoreInfineon Technologies AG
M25PXX512 Kbit to 32 Mbit Low Voltage Serial Flash Memory With 40 MHz or 50 MHz SPI Bus Interface 1 2 3 4 5 MoreSTMicroelectronics
M368L3223CTL256MB DDR SDRAM MODULE Unbuffered 184pin DIMM 64-bit Non-ECC/Parity 1 2 3 4 5 MoreSamsung semiconductor

Enlace URL

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl