Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

KAQV414S Datasheet(PDF) 1 Page - COSMO Electronics Corporation

No. de pieza KAQV414S
Descripción Electrónicos  6PIN 400V N.C. TYPE SOLID STATE RELAY-MOSFET OUTPUT
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  COSMO [COSMO Electronics Corporation]
Página de inicio  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

KAQV414S Datasheet(HTML) 1 Page - COSMO Electronics Corporation

  KAQV414S Datasheet HTML 1Page - COSMO  Electronics Corporation KAQV414S Datasheet HTML 2Page - COSMO  Electronics Corporation KAQV414S Datasheet HTML 3Page - COSMO  Electronics Corporation KAQV414S Datasheet HTML 4Page - COSMO  Electronics Corporation KAQV414S Datasheet HTML 5Page - COSMO  Electronics Corporation KAQV414S Datasheet HTML 6Page - COSMO  Electronics Corporation KAQV414S Datasheet HTML 7Page - COSMO  Electronics Corporation KAQV414S Datasheet HTML 8Page - COSMO  Electronics Corporation KAQV414S Datasheet HTML 9Page - COSMO  Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Cosmo Electronics Corp.
Document No. 69M11002.1
- 1 -
http://www.cosmo-ic.com
cosmo
KAQV414 Series
6PIN 400V N.C. TYPE
SOLID STATE RELAY-MOSFET OUTPUT
 Description
The KAQV414 series is robust, ideal for telecom and
ground fault applications. It is a SPST normally close
switch (1 Form B) that replaces electromechanical relays
in many applications. It is constructed using a GaAlAs
LED for actuation control and an integrated monolithic die
for the switch output. The die, fabricated in a high-voltage
dielectrically isolated technology, is comprised of a
photodiode array, switch control circuitry and MOSFET
switches.
 Schematic
6
1
1 FORM B
NORMALLY CLOSE
5
4
2
3
5,6
4
2
1
 Features
1. Normally close, single pole single throw
2. Control 400V AC or DC voltage
3. Switch 130mA loads
4. Controls low-level analog signals
5. High sensitivity, low ON resistance
6. Low-level off-state leakage current
7. High isolation voltage
8. Pb free and RoHS compliant
9. Agency Approvals:
UL 508 / CUL C22.2 No.14-M91 , File No. E108430
FIMKO EN60950
 Application
Telecommunications (PC, electronic notepad)
Modem
Telephone equipment
Security equipment
Sensors
Measuring and testing equipment
Factory automation equipment
High speed inspection machines


Número de pieza similar - KAQV414S

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
COSMO Electronics Corp...
KAQV414S COSMO-KAQV414S Datasheet
197Kb / 2P
   High Voltage, Photo Mos Relay
KAQV414STL COSMO-KAQV414STL Datasheet
270Kb / 12P
   6PIN 400V N.C. TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQV414STR COSMO-KAQV414STR Datasheet
270Kb / 12P
   6PIN 400V N.C. TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQV414S COSMO-KAQV414S_11 Datasheet
169Kb / 7P
   PRODUCT SPECIFICATION
More results

Descripción similar - KAQV414S

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
COSMO Electronics Corp...
KAQV414 COSMO-KAQV414_15 Datasheet
270Kb / 12P
   6PIN 400V N.C. TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQV412 COSMO-KAQV412_15 Datasheet
291Kb / 12P
   6PIN 60V N.C. TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQV412 COSMO-KAQV412 Datasheet
511Kb / 12P
   6PIN 60V N.C. TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQW414 COSMO-KAQW414_15 Datasheet
247Kb / 12P
   8PIN 400V N.C. TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQY414 COSMO-KAQY414_15 Datasheet
254Kb / 12P
   4PIN 400V N.C. TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQV254 COSMO-KAQV254 Datasheet
470Kb / 11P
   6PIN 400V N.O. TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQV214 COSMO-KAQV214_15 Datasheet
272Kb / 12P
   6PIN 400V N.O TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQV214 COSMO-KAQV214 Datasheet
492Kb / 12P
   6PIN 400V N.O TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQV254 COSMO-KAQV254_15 Datasheet
246Kb / 11P
   6PIN 400V N.O. TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQW614 COSMO-KAQW614_15 Datasheet
257Kb / 12P
   8PIN 400V N.O. N.C. TYPE SOLID STATE RELAY-MOSFET OUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com