Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC-4532CD647XFA-A75 Datasheet(PDF) 3 Page - Elpida Memory

No. de pieza MC-4532CD647XFA-A75
Descripción Electrónicos  32M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ELPIDA [Elpida Memory]
Página de inicio  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

MC-4532CD647XFA-A75 Datasheet(HTML) 3 Page - Elpida Memory

  MC-4532CD647XFA-A75 Datasheet HTML 1Page - Elpida Memory MC-4532CD647XFA-A75 Datasheet HTML 2Page - Elpida Memory MC-4532CD647XFA-A75 Datasheet HTML 3Page - Elpida Memory MC-4532CD647XFA-A75 Datasheet HTML 4Page - Elpida Memory MC-4532CD647XFA-A75 Datasheet HTML 5Page - Elpida Memory MC-4532CD647XFA-A75 Datasheet HTML 6Page - Elpida Memory MC-4532CD647XFA-A75 Datasheet HTML 7Page - Elpida Memory MC-4532CD647XFA-A75 Datasheet HTML 8Page - Elpida Memory MC-4532CD647XFA-A75 Datasheet HTML 9Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
3
MC-4532CD647XFA
Data Sheet E0230N20 (Ver. 2.0)
Pin Configuration
168-pin Dual In-line Memory Module Socket Type (Edge connector: Gold plated)
85
86
87
88
89
90
91
92
93
94
95
96
97
98
99
100
101
102
103
104
105
106
107
108
109
110
111
112
113
114
115
116
117
118
119
120
121
122
123
124
125
126
127
128
129
130
131
132
133
134
135
136
137
138
139
140
141
142
143
144
145
146
147
148
149
150
151
152
153
154
155
156
157
158
159
160
161
162
163
164
165
166
167
168
VSS
DQ32
DQ33
DQ34
DQ35
Vcc
DQ36
DQ37
DQ38
DQ39
DQ40
VSS
DQ41
DQ42
DQ43
DQ44
DQ45
Vcc
NC
VSS
NC
NC
Vcc
/CAS
DQMB4
DQMB5
/CS1
/RAS
VSS
A1
A3
A5
A7
A9
BA0 (A13)
A11
Vcc
CLK1
NC
VSS
CKE0
/CS3
DQMB6
DQMB7
NC
Vcc
NC
NC
NC
NC
VSS
DQ48
DQ49
DQ50
DQ51
Vcc
DQ52
NC
NC
NC
VSS
DQ53
DQ54
DQ55
VSS
DQ56
DQ57
DQ58
DQ59
Vcc
DQ60
DQ61
DQ62
DQ63
VSS
CLK3
NC
SA0
SA1
SA2
Vcc
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
49
50
51
52
53
54
55
56
57
58
59
60
61
62
63
64
65
66
67
68
69
70
71
72
73
74
75
76
77
78
79
80
81
82
83
84
VSS
DQ0
DQ1
DQ2
DQ3
Vcc
DQ4
DQ5
DQ6
DQ7
DQ8
VSS
DQ9
DQ10
DQ11
DQ12
DQ13
Vcc
DQ14
DQ15
NC
NC
VSS
NC
NC
Vcc
/WE
DQMB0
DQMB1
/CS0
NC
VSS
A0
A2
A4
A6
A8
A10
BA1 (A12)
Vcc
Vcc
CLK0
VSS
NC
/CS2
DQMB2
DQMB3
NC
Vcc
NC
NC
NC
NC
VSS
DQ16
DQ17
DQ18
DQ19
Vcc
DQ20
NC
NC
CKE1
VSS
DQ21
DQ22
DQ23
VSS
DQ24
DQ25
DQ26
DQ27
Vcc
DQ28
DQ29
DQ30
DQ31
VSS
CLK2
NC
NC
SDA
SCL
Vcc
DQ46
DQ47
NC
A0 - A11
: Address Inputs
[Row: A0 - A11, Column: A0 - A9]
BA0 (A13), BA1 (A12)
: SDRAM Bank Select
DQ0 - DQ63
: Data Inputs/Outputs
CLK0 - CLK3
: Clock Input
CKE0, CKE1
: Clock Enable Input
/CS0 - /CS3
: Chip Select Input
/RAS
: Row Address Strobe
/CAS
: Column Address Strobe
/WE
: Write Enable
DQMB0 - DQMB7 : DQ Mask Enable
SA0 - SA2
: Address Input for EEPROM
SDA
: Serial Data I/O for PD
SCL
: Clock Input for PD
VCC
: Power Supply
VSS
: Ground
NC
: No Connection
/xxx indicates active low signal.


Número de pieza similar - MC-4532CD647XFA-A75

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Elpida Memory
MC-4532CD647XF-A75 ELPIDA-MC-4532CD647XF-A75 Datasheet
167Kb / 16P
   32M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
More results

Descripción similar - MC-4532CD647XFA-A75

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NEC
MC-4532CD646 NEC-MC-4532CD646 Datasheet
148Kb / 16P
   32M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
Elpida Memory
MC-4532CD647 ELPIDA-MC-4532CD647 Datasheet
167Kb / 16P
   32M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
MC-4532CD646 ELPIDA-MC-4532CD646 Datasheet
170Kb / 16P
   32M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
NEC
MC-4532CD647 NEC-MC-4532CD647 Datasheet
207Kb / 16P
   32M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
Elpida Memory
MC-45V32AD642 ELPIDA-MC-45V32AD642 Datasheet
162Kb / 16P
   32M-WORD BY 64-BIT VirtualChannelTM DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
NEC
MC-4532CC727 NEC-MC-4532CC727 Datasheet
220Kb / 16P
   32M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
Elpida Memory
MC-4532CC727 ELPIDA-MC-4532CC727 Datasheet
172Kb / 16P
   32M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
MC-4532CC727XFA ELPIDA-MC-4532CC727XFA Datasheet
174Kb / 14P
   32M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
NEC
MC-4532CC726 NEC-MC-4532CC726 Datasheet
153Kb / 16P
   32M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
Elpida Memory
MC-4532CC726 ELPIDA-MC-4532CC726 Datasheet
174Kb / 16P
   32M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com