Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC-4R128FKE8S Datasheet(PDF) 5 Page - Elpida Memory

No. de pieza MC-4R128FKE8S
Descripción Electrónicos  Direct Rambus DRAM SO-RIMM Module 128M-BYTE (64M-WORD x 18-BIT)
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ELPIDA [Elpida Memory]
Página de inicio  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

MC-4R128FKE8S Datasheet(HTML) 5 Page - Elpida Memory

  MC-4R128FKE8S Datasheet HTML 1Page - Elpida Memory MC-4R128FKE8S Datasheet HTML 2Page - Elpida Memory MC-4R128FKE8S Datasheet HTML 3Page - Elpida Memory MC-4R128FKE8S Datasheet HTML 4Page - Elpida Memory MC-4R128FKE8S Datasheet HTML 5Page - Elpida Memory MC-4R128FKE8S Datasheet HTML 6Page - Elpida Memory MC-4R128FKE8S Datasheet HTML 7Page - Elpida Memory MC-4R128FKE8S Datasheet HTML 8Page - Elpida Memory MC-4R128FKE8S Datasheet HTML 9Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Data Sheet
E0139N30 (Ver. 3.0)
5
MC-4R128FKE8S
Module Connector Pad Description
(1/2)
Signal
I/O
Type
Description
GND
Ground reference for RDRAM core and interface.
LCFM
I
RSL
Clock from master. Interface clock used for receiving RSL signals from the
Channel. Positive polarity.
LCFMN
I
RSL
Clock from master. Interface clock used for receiving RSL signals from the
Channel. Negative polarity.
LCMD
I
VCMOS
Serial Command used to read from and write to the control registers. Also used
for power management.
LCOL4..LCOL0
I
RSL
Column bus. 5-bit bus containing control and address information for column
accesses.
LCTM
I
RSL
Clock to master. Interface clock used for transmitting RSL signals to the
Channel. Positive polarity.
LCTMN
I
RSL
Clock to master. Interface clock used for transmitting RSL signals to the
Channel. Negative polarity.
LDQA8..LDQA0
I/O
RSL
Data bus A. A 9-bit bus carrying a byte of read or write data between the Channel
and the RDRAM. LDQA8 is non-functional on modules with x16 RDRAM devices.
LDQB8..LDQB0
I/O
RSL
Data bus B. A 9-bit bus carrying a byte of read or write data between the Channel
and the RDRAM. LDQB8 is non-functional on modules with x16 RDRAM devices.
LROW2..LROW0
I
RSL
Row bus. 3-bit bus containing control and address information for row accesses.
LSCK
I
VCMOS
Serial clock input. Clock source used to read from and write to the RDRAM
control registers.
NC
These pads are not connected. These 8 connector pads are reserved for future
use.
RCFM
I
RSL
Clock from master. Interface clock used for receiving RSL signals from the
Channel. Positive polarity.
RCFMN
I
RSL
Clock from master. Interface clock used for receiving RSL signals from the
Channel. Negative polarity.
RCMD
I
VCMOS
Serial Command Input used to read from and write to the control registers. Also
used for power management.
RCOL4..RCOL0
I
RSL
Column bus. 5-bit bus containing control and address information for column
accesses.
RCTM
I
RSL
Clock to master. Interface clock used for transmitting RSL signals to the
Channel. Positive polarity.
RCTMN
I
RSL
Clock to master. Interface clock used for transmitting RSL signals to the
Channel. Negative polarity.
RDQA8..RDQA0
I/O
RSL
Data bus A. A 9-bit bus carrying a byte of read or write data between the Channel
and the RDRAM. RDQA8 is non-functional on modules with x16 RDRAM devices.
RDQB8..RDQB0
I/O
RSL
Data bus B. A 9-bit bus carrying a byte of read or write data between the Channel
and the RDRAM. RDQB8 is non-functional on modules with x16 RDRAM devices.
RROW2..RROW0
I
RSL
Row bus. 3-bit bus containing control and address information for row accesses.


Número de pieza similar - MC-4R128FKE8S

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Elpida Memory
MC-4R128FKE8S-840 ELPIDA-MC-4R128FKE8S-840 Datasheet
123Kb / 14P
   Direct Rambus DRAM SO-RIMM Module 128M-BYTE (64M-WORD x 18-BIT)
More results

Descripción similar - MC-4R128FKE8S

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Elpida Memory
MC-4R128FKE8S-840 ELPIDA-MC-4R128FKE8S-840 Datasheet
123Kb / 14P
   Direct Rambus DRAM SO-RIMM Module 128M-BYTE (64M-WORD x 18-BIT)
MC-4R128FKE8D ELPIDA-MC-4R128FKE8D Datasheet
113Kb / 14P
   Direct Rambus DRAM RIMM Module 128M-BYTE (64M-WORD x 18-BIT)
MC-4R128FKE8D-840 ELPIDA-MC-4R128FKE8D-840 Datasheet
127Kb / 14P
   Direct Rambus DRAM RIMM Module 128M-BYTE (64M-WORD x 18-BIT)
MC-4R256FKE8S-840 ELPIDA-MC-4R256FKE8S-840 Datasheet
124Kb / 14P
   Direct Rambus DRAM SO-RIMM Module 256M-BYTE (128M-WORD x 18-BIT)
MC-4R256FKE8S ELPIDA-MC-4R256FKE8S Datasheet
126Kb / 14P
   Direct Rambus DRAM SO-RIMM Module 256M-BYTE (128M-WORD x 18-BIT)
logo
NEC
MC-4R128CEE6B NEC-MC-4R128CEE6B Datasheet
129Kb / 16P
   Direct Rambus DRAM RIMM Module 128M-BYTE 64M-WORD x 16-BIT
logo
Elpida Memory
MC-4R128FKE6D-840 ELPIDA-MC-4R128FKE6D-840 Datasheet
497Kb / 14P
   Direct Rambus DRAM RIMM Module 128M-BYTE (64M-WORD x 16-BIT)
MC-4R128FKE6D ELPIDA-MC-4R128FKE6D Datasheet
113Kb / 14P
   Direct Rambus DRAM RIMM Module 128M-BYTE (64M-WORD x 16-BIT)
MC-4R128CPE6C ELPIDA-MC-4R128CPE6C Datasheet
175Kb / 16P
   Direct Rambus??DRAM RIMM??Module 128M-BYTE (64M-WORD x 16-BIT)
logo
NEC
MC-4R128CPE6C NEC-MC-4R128CPE6C Datasheet
133Kb / 6P
   Direct Rambus DRAM RIMM Module 128M-BYTE 64M-WORD x 16-BIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com