Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

A-302E Datasheet(PDF) 7 Page - PARA LIGHT ELECTRONICS CO., LTD.

No. de pieza A-302E
Descripción Electrónicos  0.3 INCH DUAL DIGITS DISPLAY
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PARALIGHT [PARA LIGHT ELECTRONICS CO., LTD.]
Página de inicio  http://www.para.com.tw
Logo PARALIGHT - PARA LIGHT ELECTRONICS CO., LTD.

A-302E Datasheet(HTML) 7 Page - PARA LIGHT ELECTRONICS CO., LTD.

Back Button A-302E Datasheet HTML 2Page - PARA LIGHT ELECTRONICS CO., LTD. A-302E Datasheet HTML 3Page - PARA LIGHT ELECTRONICS CO., LTD. A-302E Datasheet HTML 4Page - PARA LIGHT ELECTRONICS CO., LTD. A-302E Datasheet HTML 5Page - PARA LIGHT ELECTRONICS CO., LTD. A-302E Datasheet HTML 6Page - PARA LIGHT ELECTRONICS CO., LTD. A-302E Datasheet HTML 7Page - PARA LIGHT ELECTRONICS CO., LTD. A-302E Datasheet HTML 8Page - PARA LIGHT ELECTRONICS CO., LTD. A-302E Datasheet HTML 9Page - PARA LIGHT ELECTRONICS CO., LTD. A-302E Datasheet HTML 10Page - PARA LIGHT ELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
0.3
INCH
DUAL
DIGITS
DISPLAY
A-302E
REV:A / 2
2) Use Display with holder made of resin (Fig.4) to position the PIN.
—FORMED LEAD
1) The PIN should be bent at a point located at least 2mm away from the package. Bending should
be performed with base fixed means of a jig or pliers (Fig.5)
2) Forming PIN should be carried our prior to soldering and never during or after soldering.
3) Form the PIN to ensure alignment between the PIN and the hole on board, so that stress against
the Display is prevented. (Fig.6)
DRAWING NO. : DS-12-02-0004
DATE : 2013-04-10
Page : 7
Fig.5
Fig.6
Fig.4
Release
by
PARALIGHTDCC


Número de pieza similar - A-302E

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
A-302E ETC1-A-302E Datasheet
109Kb / 1P
   DUAL DIGITS DISPLAY
More results

Descripción similar - A-302E

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
PARA LIGHT ELECTRONICS ...
A-302G PARALIGHT-A-302G Datasheet
198Kb / 10P
   0.3 INCH DUAL DIGITS DISPLAY
A-302SR PARALIGHT-A-302SR Datasheet
195Kb / 10P
   0.3 INCH DUAL DIGITS DISPLAY
C-302E-A PARALIGHT-C-302E-A Datasheet
203Kb / 10P
   0.3 INCH DUAL DIGITS DISPLAY
logo
China Semiconductor Cor...
CSD-322G CHINASEMI-CSD-322G Datasheet
172Kb / 5P
   0.3 Inch Dual Digits Display
CSD-322T9 CHINASEMI-CSD-322T9 Datasheet
176Kb / 5P
   0.3 Inch Dual Digits Display
CSD-322V9 CHINASEMI-CSD-322V9 Datasheet
171Kb / 5P
   0.3 Inch Dual Digits Display
CSD-322S CHINASEMI-CSD-322S Datasheet
175Kb / 6P
   0.3 Inch Dual Digits Display
CSD-322B7 CHINASEMI-CSD-322B7 Datasheet
170Kb / 5P
   0.3 Inch Dual Digits Display
CSD-322M9 CHINASEMI-CSD-322M9 Datasheet
191Kb / 6P
   0.3 Inch Dual Digits Display
logo
PARA LIGHT ELECTRONICS ...
C302SR-NW PARALIGHT-C302SR-NW Datasheet
195Kb / 10P
   0.3 INCH DUAL DIGITS DISPLAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com