Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD597AHZ Datasheet(PDF) 8 Page - Analog Devices

No. de pieza AD597AHZ
Descripción Electrónicos  Thermocouple Conditioner and Setpoint Controller
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD597AHZ Datasheet(HTML) 8 Page - Analog Devices

  AD597AHZ Datasheet HTML 1Page - Analog Devices AD597AHZ Datasheet HTML 2Page - Analog Devices AD597AHZ Datasheet HTML 3Page - Analog Devices AD597AHZ Datasheet HTML 4Page - Analog Devices AD597AHZ Datasheet HTML 5Page - Analog Devices AD597AHZ Datasheet HTML 6Page - Analog Devices AD597AHZ Datasheet HTML 7Page - Analog Devices AD597AHZ Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
AD596/AD597
REV. B
–8–
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
10-Pin Metal Can
(TO-100)
0.250 (6.35) MIN
0.750 (19.05)
0.500 (12.70)
0.185 (4.70)
0.165 (4.19)
REFERENCE PLANE
0.050 (1.27) MAX
0.019 (0.48)
0.016 (0.41)
0.021 (0.53)
0.016 (0.41)
0.045 (1.14)
0.010 (0.25)
0.040 (1.02) MAX
BASE & SEATING PLANE
1
0.034 (0.86)
0.027 (0.69)
0.045 (1.14)
0.027 (0.69)
0.160 (4.06)
0.110 (2.79)
6
2
8
7
5
4
3
0.115
(2.92)
BSC
9
10
0.230 (5.84)
BSC
36° BSC
8-Lead Small Outline (SOIC)
(SO-8)
0.1968 (5.00)
0.1890 (4.80)
85
4
1
0.2440 (6.20)
0.2284 (5.80)
PIN 1
0.1574 (4.00)
0.1497 (3.80)
0.0688 (1.75)
0.0532 (1.35)
SEATING
PLANE
0.0098 (0.25)
0.0040 (0.10)
0.0192 (0.49)
0.0138 (0.35)
0.0500
(1.27)
BSC
0.0098 (0.25)
0.0075 (0.19)
0.0500 (1.27)
0.0160 (0.41)
0.0196 (0.50)
0.0099 (0.25)
x 45°


Número de pieza similar - AD597AHZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD597AH AD-AD597AH Datasheet
202Kb / 8P
   Thermocouple Conditioner and Setpoint Controller
REV. B
More results

Descripción similar - AD597AHZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD597ARZ AD-AD597ARZ Datasheet
778Kb / 8P
   Thermocouple Conditioner and Setpoint Controller
REV. B
AD596 AD-AD596 Datasheet
202Kb / 8P
   Thermocouple Conditioner and Setpoint Controller
REV. B
AD596 AD-AD596_15 Datasheet
778Kb / 8P
   THERMOCOUPLE CONDITIONER AND SETPOINT CONTROLLER
REV. B
AD597 AD-AD597_15 Datasheet
778Kb / 8P
   THERMOCOUPLE CONDITIONER AND SETPOINT CONTROLLER
REV. B
2B50 AD-2B50_15 Datasheet
807Kb / 2P
   ISOLATED THERMOCOUPLE SIGNAL CONDITIONER
logo
Intronics Power, Inc.
2B50 INTRONICS-2B50 Datasheet
924Kb / 4P
   Isolated, Thermocouple Signal Conditioner
logo
List of Unclassifed Man...
2B50 ETC1-2B50 Datasheet
50Kb / 1P
   Isolated, Thermocouple Signal Conditioner
logo
Analog Devices
ADT14 AD-ADT14 Datasheet
338Kb / 16P
   Quad Setpoint, Programmable Temperature Monitor and Controller
REV. 0
1B51 AD-1B51 Datasheet
255Kb / 4P
   Isolated mV/Thermocouple Signal Conditioner
ADT14 AD-ADT14_15 Datasheet
352Kb / 16P
   Quad Setpoint, Programmable Temperature Monitor and Controller
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com