Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

A-2301SRD-A Datasheet(PDF) 2 Page - PARA LIGHT ELECTRONICS CO., LTD.

No. de pieza A-2301SRD-A
Descripción Electrónicos  2.24 INCH SINGLE DIGIT DISPLAY
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PARALIGHT [PARA LIGHT ELECTRONICS CO., LTD.]
Página de inicio  http://www.para.com.tw
Logo PARALIGHT - PARA LIGHT ELECTRONICS CO., LTD.

A-2301SRD-A Datasheet(HTML) 2 Page - PARA LIGHT ELECTRONICS CO., LTD.

  A-2301SRD-A Datasheet HTML 1Page - PARA LIGHT ELECTRONICS CO., LTD. A-2301SRD-A Datasheet HTML 2Page - PARA LIGHT ELECTRONICS CO., LTD. A-2301SRD-A Datasheet HTML 3Page - PARA LIGHT ELECTRONICS CO., LTD. A-2301SRD-A Datasheet HTML 4Page - PARA LIGHT ELECTRONICS CO., LTD. A-2301SRD-A Datasheet HTML 5Page - PARA LIGHT ELECTRONICS CO., LTD. A-2301SRD-A Datasheet HTML 6Page - PARA LIGHT ELECTRONICS CO., LTD. A-2301SRD-A Datasheet HTML 7Page - PARA LIGHT ELECTRONICS CO., LTD. A-2301SRD-A Datasheet HTML 8Page - PARA LIGHT ELECTRONICS CO., LTD. A-2301SRD-A Datasheet HTML 9Page - PARA LIGHT ELECTRONICS CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2.24
INCH
SINGLE
DIGIT
DISPLAY
A-2301SRD-A B/W
REV:A / 0
PACKAGE DIMENSIONS
NOTES : 1. All dimensions are in millimeters. (inches)
2. Tolerance is ± 0.25(0.010") unless otherwise specified.
3. Pls. contact with us when your production need to be
operated under the Pb free process.
DRAWING NO. : DS-11-12-0215G
DATE : 2012-10-26
Page : 2
Release
by
PARALIGHTDCC


Número de pieza similar - A-2301SRD-A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
A-2301SR ETC-A-2301SR Datasheet
71Kb / 1P
   SINGLE DIGIT DISPLAY
More results

Descripción similar - A-2301SRD-A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
PARA LIGHT ELECTRONICS ...
C-2301UB-A PARALIGHT-C-2301UB-A Datasheet
197Kb / 10P
   2.24 INCH SINGLE DIGIT DISPLAY
C-2301Y PARALIGHT-C-2301Y Datasheet
208Kb / 11P
   2.24 INCH SINGLE DIGIT DISPLAY
A-2301UB PARALIGHT-A-2301UB Datasheet
198Kb / 10P
   2.24 INCH SINGLE DIGIT DISPLAY
A-2301E PARALIGHT-A-2301E Datasheet
202Kb / 10P
   2.24 INCH SINGLE DIGIT DISPLAY
A-2301G-A PARALIGHT-A-2301G-A Datasheet
200Kb / 10P
   2.24 INCH SINGLE DIGIT DISPLAY
C-2301E PARALIGHT-C-2301E Datasheet
213Kb / 11P
   2.24 INCH SINGLE DIGIT DISPLAY
C-2301G PARALIGHT-C-2301G Datasheet
210Kb / 11P
   2.24 INCH SINGLE DIGIT DISPLAY
A-2301Y PARALIGHT-A-2301Y Datasheet
196Kb / 10P
   2.24 INCH SINGLE DIGIT DISPLAY
logo
Everlight Electronics C...
ELS-2326SURWA-S530-A3 EVERLIGHT-ELS-2326SURWA-S530-A3 Datasheet
130Kb / 7P
   2.24" Single Digit Displays
ELS-2326USOWA EVERLIGHT-ELS-2326USOWA Datasheet
121Kb / 6P
   2.24 Single Digit Displays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com