Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADG528AKP Datasheet(PDF) 6 Page - Analog Devices

No. de pieza ADG528AKP
Descripción Electrónicos  CMOS Latched 4-/8-Channel Analog Multiplexers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADG528AKP Datasheet(HTML) 6 Page - Analog Devices

Back Button ADG528AKP Datasheet HTML 2Page - Analog Devices ADG528AKP Datasheet HTML 3Page - Analog Devices ADG528AKP Datasheet HTML 4Page - Analog Devices ADG528AKP Datasheet HTML 5Page - Analog Devices ADG528AKP Datasheet HTML 6Page - Analog Devices ADG528AKP Datasheet HTML 7Page - Analog Devices ADG528AKP Datasheet HTML 8Page - Analog Devices ADG528AKP Datasheet HTML 9Page - Analog Devices ADG528AKP Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
REV. B
–6–
ADG528A/ADG529A
TRUTH TABLES
A2 A1 A0 EN
WR RS ON SWITCH PAIR
XXXX
1Retains Previous Switch Condition
XXXX
X
0
NONE (Address and Enable
Latches Cleared)
XXX0
0
1
NONE
0001
0
1
1
0011
0
1
2
0101
0
1
3
0111
0
1
4
1001
0
1
5
1011
0
1
6
1101
0
1
7
1111
0
1
8
X = Don’t Care
ADG528A
A1 A0 EN
WR RS ON SWITCH PAIR
XXX
1Retains Previous Switch Condition
XXX
X0
NONE (Address and Enable Latches
Cleared)
XX0
01
NONE
001
0
1
1
011
0
1
2
101
0
1
3
111
0
1
4
X = Don’t Care
ADG529A
TIMING DIAGRAMS
Figure 1.
Figure 2.
Figure 1 shows the timing sequence for latching the switch
address and enable inputs. The latches are level sensitive; there-
fore, while
WR is held low, the latches are transparent and the
switches respond to the address and enable inputs. This input
data is latched on the rising edge of
WR.
Figure 2 shows the Reset Pulse Width, tRS, and Reset Turn-off
Time, tOFF (RS).
Note: All digital input signals rise and fall times measured from
10% to 90% of 3 V. tR = tF = 20 ns.


Número de pieza similar - ADG528AKP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADG528AKP AD-ADG528AKP Datasheet
673Kb / 8P
   CMOS LATCHED 4/8 CHANNEL ANALOG MULTIPLEXERS
REV. A
ADG528AKP AD-ADG528AKP Datasheet
158Kb / 12P
   CMOS Latched 4-/8-Channel Analog Multiplexers
REV. B
ADG528AKP AD-ADG528AKP Datasheet
146Kb / 12P
   CMOS Latched 4-/8-Channel Analog Multiplexers
REV. B
ADG528AKP-REEL AD-ADG528AKP-REEL Datasheet
158Kb / 12P
   CMOS Latched 4-/8-Channel Analog Multiplexers
REV. B
ADG528AKP-REEL AD-ADG528AKP-REEL Datasheet
146Kb / 12P
   CMOS Latched 4-/8-Channel Analog Multiplexers
REV. B
More results

Descripción similar - ADG528AKP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADG528A AD-ADG528A_04 Datasheet
158Kb / 12P
   CMOS Latched 4-/8-Channel Analog Multiplexers
REV. B
ADG529A AD-ADG529A_15 Datasheet
158Kb / 12P
   CMOS Latched 4-/8-Channel Analog Multiplexers
REV. B
ADG528A AD-ADG528A_15 Datasheet
158Kb / 12P
   CMOS Latched 4-/8-Channel Analog Multiplexers
REV. B
ADG528AKNZ AD-ADG528AKNZ Datasheet
146Kb / 12P
   CMOS Latched 4-/8-Channel Analog Multiplexers
REV. B
ADG528A AD-ADG528A Datasheet
673Kb / 8P
   CMOS LATCHED 4/8 CHANNEL ANALOG MULTIPLEXERS
REV. A
5962-8971001XA AD-5962-8971001XA Datasheet
415Kb / 20P
   CMOS Latched 8-/16-Channel Analog Multiplexers
REV. C
ADG526A AD-ADG526A Datasheet
463Kb / 8P
   CMOS LATCHED 8/16 CHANNEL ANALOG MULTIPLEXERS
REV. A
ADG527A AD-ADG527A_15 Datasheet
415Kb / 20P
   CMOS Latched 8-/16-Channel Analog Multiplexers
REV. C
5962-89710013A AD-5962-89710013A Datasheet
415Kb / 20P
   CMOS Latched 8-/16-Channel Analog Multiplexers
REV. C
ADG526A AD-ADG526A_08 Datasheet
422Kb / 20P
   CMOS Latched 8-/16-Channel Analog Multiplexers
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com