Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADS5560IRGZT Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
No. de pieza ADS5560IRGZT
Descripción Electrónicos  16-BIT, 40/80 MSPS ADCs WITH DDR LVDS/CMOS OUTPUTS
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

ADS5560IRGZT Datasheet(HTML) 5 Page - Texas Instruments

  ADS5560IRGZT Datasheet HTML 1Page - Texas Instruments ADS5560IRGZT Datasheet HTML 2Page - Texas Instruments ADS5560IRGZT Datasheet HTML 3Page - Texas Instruments ADS5560IRGZT Datasheet HTML 4Page - Texas Instruments ADS5560IRGZT Datasheet HTML 5Page - Texas Instruments ADS5560IRGZT Datasheet HTML 6Page - Texas Instruments ADS5560IRGZT Datasheet HTML 7Page - Texas Instruments ADS5560IRGZT Datasheet HTML 8Page - Texas Instruments ADS5560IRGZT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 56 page
background image
ADS5560
ADS5562
www.ti.com
SLWS207A – MAY 2008 – REVISED MAY 2012
ELECTRICAL CHARACTERISTICS (continued)
Typical values are at 25°C, AVDD = DRVDD = 3.3 V, sampling rate = Max Rated, sine wave input clock, 1.5 VPP clock
amplitude, 50% clock duty cycle, –1 dBFS differential analog input, internal reference mode, DDR LVDS interface, default fine
gain (1dB).
Min and max values are across the full temperature range TMIN = –40°C to TMAX = 85°C, AVDD = DRVDD = 3.3 V, sampling
rate = Max Rated, unless otherwise noted.
ADS5562
ADS5560
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
LVDS mode
52
44
mA
IO = 3.5 mA, RL = 100 Ω
IDRV
Digital supply current, CL = 5 pF
DD
CMOS mode
60
37
mA
FIN = 3 MHz
Total power
LVDS mode
865
1100
674
810
mW
Standby power
STANDBY mode with
155
135
mW
clock running
Clock stop power
125
150
125
150
mW
Copyright © 2008–2012, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): ADS5560 ADS5562


Número de pieza similar - ADS5560IRGZT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADS5560IRGZT TI-ADS5560IRGZT Datasheet
1Mb / 53P
[Old version datasheet]   16-BIT, 40/80 MSPS ADCs WITH DDR LVDS/CMOS OUTPUTS
More results

Descripción similar - ADS5560IRGZT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADS5560 TI-ADS5560 Datasheet
1Mb / 53P
[Old version datasheet]   16-BIT, 40/80 MSPS ADCs WITH DDR LVDS/CMOS OUTPUTS
ADS5560 TI1-ADS5560 Datasheet
1Mb / 61P
[Old version datasheet]   MSPS ADCs With DDR LVDS and CMOS Outputs
ADS6149 TI-ADS6149 Datasheet
2Mb / 68P
[Old version datasheet]   14/12-Bit, 250/210 MSPS ADCs With DDR LVDS and Parallel CMOS Outputs
ADS6149 TI1-ADS6149_14 Datasheet
2Mb / 71P
[Old version datasheet]   14/12-Bit, 250/210 MSPS ADCs With DDR LVDS and Parallel CMOS Outputs
ADS6149 TI-ADS6149_1 Datasheet
2Mb / 69P
[Old version datasheet]   14/12-Bit, 250/210 MSPS ADCs With DDR LVDS and Parallel CMOS Outputs
ADS6149 TI-ADS6149 Datasheet
2Mb / 70P
[Old version datasheet]   14/12-Bit, 250/210 MSPS ADCs With DDR LVDS and Parallel CMOS Outputs
logo
Renesas Technology Corp
ADC1610S RENESAS-ADC1610S Datasheet
357Kb / 38P
   Single 16-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
2 July 2012
logo
NXP Semiconductors
ADC1610S NXP-ADC1610S Datasheet
287Kb / 38P
   Single 16-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
Rev. 02-12 April 2010
logo
Integrated Device Techn...
ADC1610S IDT-ADC1610S Datasheet
353Kb / 38P
   Single 16-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
logo
Texas Instruments
ADS5525 TI-ADS5525 Datasheet
806Kb / 48P
[Old version datasheet]   12-BIT, 170 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com