Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

IRF6215L Datasheet(PDF) 4 Page - International Rectifier

No. de pieza IRF6215L
Descripción Electrónicos  Advanced Process Technology
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  IRF [International Rectifier]
Página de inicio  http://www.irf.com
Logo IRF - International Rectifier

IRF6215L Datasheet(HTML) 4 Page - International Rectifier

  IRF6215L Datasheet HTML 1Page - International Rectifier IRF6215L Datasheet HTML 2Page - International Rectifier IRF6215L Datasheet HTML 3Page - International Rectifier IRF6215L Datasheet HTML 4Page - International Rectifier IRF6215L Datasheet HTML 5Page - International Rectifier IRF6215L Datasheet HTML 6Page - International Rectifier IRF6215L Datasheet HTML 7Page - International Rectifier IRF6215L Datasheet HTML 8Page - International Rectifier IRF6215L Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
IRF6215S/L
Fig 8. Maximum Safe Operating Area
Fig 6. Typical Gate Charge Vs.
Gate-to-Source Voltage
Fig 5. Typical Capacitance Vs.
Drain-to-Source Voltage
Fig 7. Typical Source-Drain Diode
Forward Voltage
0
4
8
12
16
20
0
2 04 06 08 0
G
A
Q
, Total G ate C harge (nC )
FO R TE S T CIR C U IT
S E E F IG U R E 1 3
I
= -6 .6 A
V
= -12 0V
V
= -75 V
V
= -30 V
D
DS
DS
DS
0.1
1
10
100
0.2
0.6
1.0
1.4
1.8
T = 25 °C
J
V
= 0V
GS
SD
A
-V
, S ourc e-to-D rain V oltage (V )
T = 175°C
J
1
10
100
1
1 0
100
1000
O P E R A T IO N IN T H IS A R E A L IM ITE D
B Y R DS (on)
10m s
A
-V
, D ra in -to -S o urc e V o lta g e (V )
DS
10µ s
100µ s
1m s
T
= 25 °C
T
= 17 5°C
Sing le P u ls e
C
J
0
400
800
1200
1600
2000
1
1 0
100
A
DS
-V
, D rain-to-S o urc e V oltage (V )
V
= 0V ,
f = 1M H z
C
= C
+ C
, C
S H O R T E D
C
= C
C
= C
+ C
GS
is s
g s
g d
d s
rs s
g d
o ss
d s
gd
C iss
C oss
Crss
TC = 25°C


Número de pieza similar - IRF6215L

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
IRF6215L IRF-IRF6215L Datasheet
178Kb / 10P
   HEXFET Power MOSFET
IRF6215LPBF IRF-IRF6215LPBF Datasheet
997Kb / 11P
   HEXFET POWER MOSFET ( VDSS=-150V , RDS(on)=0.29廓 , ID=-13A )
More results

Descripción similar - IRF6215L

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
IRF3205STRR IRF-IRF3205STRR Datasheet
618Kb / 11P
   Advanced Process Technology
IRF3205ZSTRLPBF IRF-IRF3205ZSTRLPBF Datasheet
385Kb / 12P
   Advanced Process Technology
IRL2203NSTRLPBF IRF-IRL2203NSTRLPBF Datasheet
295Kb / 10P
   Advanced Process Technology
logo
Kersemi Electronic Co.,...
IRF640NS KERSEMI-IRF640NS Datasheet
1Mb / 11P
   Advanced Process Technology
IRFR48Z KERSEMI-IRFR48Z_15 Datasheet
1Mb / 12P
   Advanced Process Technology
IRLR2905Z KERSEMI-IRLR2905Z Datasheet
1Mb / 11P
   Advanced Process Technology
IRFZ24N KERSEMI-IRFZ24N Datasheet
741Kb / 8P
   Advanced Process Technology
IRFZ44N KERSEMI-IRFZ44N Datasheet
700Kb / 8P
   Advanced Process Technology
logo
International Rectifier
IRF1104SPBF IRF-IRF1104SPBF_15 Datasheet
272Kb / 11P
   Advanced Process Technology
IRF1405SPBF IRF-IRF1405SPBF_15 Datasheet
313Kb / 11P
   Advanced Process Technology
IRF2204PBF IRF-IRF2204PBF_15 Datasheet
263Kb / 9P
   Advanced Process Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com