Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

SMUN5211DW Datasheet(PDF) 4 Page - SeCoS Halbleitertechnologie GmbH

No. de Pieza. SMUN5211DW
Descripción  Built-in Resistors Transistor
Descarga  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  SECOS [SeCoS Halbleitertechnologie GmbH]
Página de inicio  http://www.secosgmbh.com
Logo 

SMUN5211DW Datasheet(HTML) 4 Page - SeCoS Halbleitertechnologie GmbH

   
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Input Resistor
SMUN5211DW
SMUN5212DW
SMUN5213DW
SMUN5214DW
SMUN5215DW
SMUN5216DW
SMUN5230DW
SMUN5231DW
SMUN5232DW
SMUN5233DW
SMUN5234DW
SMUN5235DW
SMUN5236DW
SMUN5237DW
ELECTRICAL CHARACTERISTICS
(T A = 25°C unless otherwise noted, common for Q 1 and Q 2 ,)
(Continued)
Characteristic
Symbol
Min
Typ
Max
Unit
ON CHARACTERISTICS(Note 6.)
R
1
7.0
15.4
32.9
7.0
7.0
3.3
0.7
1.5
3.3
3.3
15.4
1.54
70
32.9
10
22
47
10
10
4.7
1.0
2.2
4.7
4.7
22
2.2
100
47
13
28.6
61.1
13
13
6.1
1.3
2.9
6.1
6.1
28.6
2.86
130
61.1
k
Resistor Ratio
SMUN5211DW/SMUN5212DW
SMUN5213DW/SMUN5236DW
SMUN5214DW/SMUN5215DW
SMUN5216DW/SMUN5230DW
SMUN5231DW/SMUN5232DW
SMUN5233DW
SMUN5234DW
SMUN5235DW
SMUN5237DW
R
1 /R 2
0.8
0.17
0.8
0.055
0.38
0.038
1.7
1.0
0.21
1.0
0.1
0.47
0.047
2.1
1.2
0.25
1.2
0.185
0.56
0.056
2.6
6. Pulse Test: Pulse Width < 300 ms, Duty Cycle < 2.0%
300
250
200
150
100
50
0
T A , AMBIENT TEMPERATURE (°C)
Figure 1. Derating Curve
–50
0
50
100
150
833°C
Any changing of specification will not be informed individual
SMUN52XXDW
NPN Multi-Chip
Built-in Resistors Transistor
http://www.SeCoSGmbH.com
Elektronische Bauelemente
22-Jun-2007 Rev. A
Page 4 of 8


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn