Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SMUN5235DW Datasheet(PDF) 4 Page - SeCoS Halbleitertechnologie GmbH

No. de pieza SMUN5235DW
Descripción Electrónicos  Built-in Resistors Transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SECOS [SeCoS Halbleitertechnologie GmbH]
Página de inicio  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SMUN5235DW Datasheet(HTML) 4 Page - SeCoS Halbleitertechnologie GmbH

  SMUN5235DW Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SMUN5235DW Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SMUN5235DW Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SMUN5235DW Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH SMUN5235DW Datasheet HTML 5Page - SeCoS Halbleitertechnologie GmbH SMUN5235DW Datasheet HTML 6Page - SeCoS Halbleitertechnologie GmbH SMUN5235DW Datasheet HTML 7Page - SeCoS Halbleitertechnologie GmbH SMUN5235DW Datasheet HTML 8Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Input Resistor
SMUN5211DW
SMUN5212DW
SMUN5213DW
SMUN5214DW
SMUN5215DW
SMUN5216DW
SMUN5230DW
SMUN5231DW
SMUN5232DW
SMUN5233DW
SMUN5234DW
SMUN5235DW
SMUN5236DW
SMUN5237DW
ELECTRICAL CHARACTERISTICS
(T A = 25°C unless otherwise noted, common for Q 1 and Q 2 ,)
(Continued)
Characteristic
Symbol
Min
Typ
Max
Unit
ON CHARACTERISTICS(Note 6.)
R
1
7.0
15.4
32.9
7.0
7.0
3.3
0.7
1.5
3.3
3.3
15.4
1.54
70
32.9
10
22
47
10
10
4.7
1.0
2.2
4.7
4.7
22
2.2
100
47
13
28.6
61.1
13
13
6.1
1.3
2.9
6.1
6.1
28.6
2.86
130
61.1
k
Resistor Ratio
SMUN5211DW/SMUN5212DW
SMUN5213DW/SMUN5236DW
SMUN5214DW/SMUN5215DW
SMUN5216DW/SMUN5230DW
SMUN5231DW/SMUN5232DW
SMUN5233DW
SMUN5234DW
SMUN5235DW
SMUN5237DW
R
1 /R 2
0.8
0.17
0.8
0.055
0.38
0.038
1.7
1.0
0.21
1.0
0.1
0.47
0.047
2.1
1.2
0.25
1.2
0.185
0.56
0.056
2.6
6. Pulse Test: Pulse Width < 300 ms, Duty Cycle < 2.0%
300
250
200
150
100
50
0
T A , AMBIENT TEMPERATURE (°C)
Figure 1. Derating Curve
–50
0
50
100
150
833°C
Any changing of specification will not be informed individual
SMUN52XXDW
NPN Multi-Chip
Built-in Resistors Transistor
http://www.SeCoSGmbH.com
Elektronische Bauelemente
22-Jun-2007 Rev. A
Page 4 of 8


Número de pieza similar - SMUN5235DW

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SeCoS Halbleitertechnol...
SMUN5235DW SECOS-SMUN5235DW Datasheet
352Kb / 8P
   NPN Multi-Chip Built-in Resistors Transistor
logo
ON Semiconductor
SMUN5235DW1T1G ONSEMI-SMUN5235DW1T1G Datasheet
124Kb / 8P
   Dual NPN Bias Resistor Transistors
February, 2014 ??Rev. 1
SMUN5235DW1T3G ONSEMI-SMUN5235DW1T3G Datasheet
124Kb / 8P
   Dual NPN Bias Resistor Transistors
February, 2014 ??Rev. 1
More results

Descripción similar - SMUN5235DW

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SeCoS Halbleitertechnol...
SMUN52XXDW SECOS-SMUN52XXDW_15 Datasheet
483Kb / 8P
   Built-in Resistors Transistor
logo
Rohm
DTA144VUA ROHM-DTA144VUA Datasheet
57Kb / 1P
   Digital transistor (built-in resistors)
DTD122JK ROHM-DTD122JK Datasheet
64Kb / 3P
   Digital transistor (built-in resistors)
DTA144VKA ROHM-DTA144VKA Datasheet
51Kb / 3P
   Digital transistor (built-in resistors)
DTB122JK ROHM-DTB122JK Datasheet
65Kb / 3P
   Digital transistor (built-in resistors)
DTC144VUA ROHM-DTC144VUA Datasheet
51Kb / 3P
   Digital transistor (built-in resistors)
DTD123YCHZG ROHM-DTD123YCHZG Datasheet
1Mb / 8P
   Digital transistor (built-in resistors)
logo
Unisonic Technologies
DTC143Z UTC-DTC143Z Datasheet
93Kb / 3P
   NPN DIGITAL TRANSISTOR (BUILT-IN RESISTORS)
DTA124E UTC-DTA124E Datasheet
112Kb / 3P
   PNP DIGITAL TRANSISTOR (BUILT-IN RESISTORS)
DTC114Y UTC-DTC114Y Datasheet
113Kb / 2P
   NPN DIGITAL TRANSISTOR (BUILT-IN RESISTORS)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com