Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

PBL40309 Datasheet(PDF) 5 Page - Ericsson

No. de pieza PBL40309
Descripción Electrónicos  3.6 V Differential Power Amplifier for DECT Telecommunications system
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ERICSSON [Ericsson]
Página de inicio  http://www.ericsson.com
Logo ERICSSON - Ericsson

PBL40309 Datasheet(HTML) 5 Page - Ericsson

  PBL40309 Datasheet HTML 1Page - Ericsson PBL40309 Datasheet HTML 2Page - Ericsson PBL40309 Datasheet HTML 3Page - Ericsson PBL40309 Datasheet HTML 4Page - Ericsson PBL40309 Datasheet HTML 5Page - Ericsson PBL40309 Datasheet HTML 6Page - Ericsson  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
PBL 403 09
DECT RADIO WITH PBL402 15 TRANSCEIVER
PBL403 09 together with the transceiver chip PBL402 15 form the base of the radio platform for DECT systems. The transmission
part of the chip PBL402 15 has a differential output which can deliver up to 7 dBm. The output power can be programmed in steps.
The outputs are of open-collector type. Suitable network between PBL402 15 and PBL403 09 is therefore shunt inductors from the
open-collectors to Vcc and series capacitors to the RF inputs of PBL403 09. Suitable value of the capacitors is 1 to 5 pF in order to
compensate for the series inductance of the PCB and package. Input impedance of the PBL403 09 is 50
Ω differential.
The ideal collector load of the open collector RF output of PBL403 09 is about 11
Ω per side. A matching and combination network to
50
Ω single ended case is shown in fig.9. A shunt capacitor (2.7 pF) transforms each output to 50 Ω. Both 50 Ω outputs are AC coupled
and then combined with an LC-CL structure to a 50
Ω single ended output.
A power control signal with active low is received from PBL402 15. This signal controls power up/down of the PBL403 09.
Supply decoupling consists of high frequency and low frequency decoupling capacitors. The high frequency decoupling capacitor
should be placed close to the Vcc pin.
PBL 403 09
output
PA-ON
GND
33p
3.9n
10n
100p
100p
68
n
68
n
1.1p
5.6n
1.1p
5.6n
33p
33p
2.7p
2.7p
1.5p
1.5p
3.9n
1
8
3
6
14
11
25
41
38
39
Vcc
Tx-
Tx+
PBL 402 15
Figure 9. DECT radio with PBL402 015 transceiver and PA.


Número de pieza similar - PBL40309

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Ericsson
PBL40305 ERICSSON-PBL40305 Datasheet
97Kb / 7P
   Multiband GSM Power Amplifier
PBL40307 ERICSSON-PBL40307 Datasheet
225Kb / 4P
   GSM Dual Band Tx_VCO
More results

Descripción similar - PBL40309

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Tyco Electronics
MA02203AD MACOM-MA02203AD Datasheet
89Kb / 5P
   3.6 V, 450 mW DECT RF Power Amplifier IC
MA02206GJ MACOM-MA02206GJ_1 Datasheet
288Kb / 6P
   3.6 V, 0.5 W, RF Power Amplifier IC for DECT, 1800 - 2000 MHz
MAAPSS0107 MACOM-MAAPSS0107 Datasheet
313Kb / 6P
   3.6 V, 0.5 W, RF Power Amplifier IC for DECT 1800 - 2000 MHz
MAAM-007219 MACOM-MAAM-007219 Datasheet
199Kb / 4P
   3.6 V, 450 mW DECT RF Power Amplifier IC 1880 - 1900 MHz
logo
M/A-COM Technology Solu...
MAAPSS0071 MA-COM-MAAPSS0071 Datasheet
114Kb / 5P
   DECT Power Amplifier
MAAPSS0071 MA-COM-MAAPSS0071_15 Datasheet
114Kb / 5P
   DECT Power Amplifier
logo
Ericsson
PBL40215 ERICSSON-PBL40215 Datasheet
214Kb / 22P
   RF Transceiver circuit for the Digital Enhanced Cordless Telecommunications (DECT) system
logo
NXP Semiconductors
CGY2030M PHILIPS-CGY2030M Datasheet
93Kb / 12P
   DECT 500 mW power amplifier
1997 Jan 17
CGY2032BTS PHILIPS-CGY2032BTS Datasheet
61Kb / 12P
   DECT 500 mW power amplifier
2000 Mar 14
logo
Tyco Electronics
MA02205AF MACOM-MA02205AF Datasheet
245Kb / 5P
   3.6V 0.5W RF Power Amplifier IC for DECT
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com