Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FAN5037M Datasheet(PDF) 3 Page - Fairchild Semiconductor

No. de pieza FAN5037M
Descripción Electrónicos  Adjustable Switching Regulator Controller
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FAIRCHILD [Fairchild Semiconductor]
Página de inicio  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5037M Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FAN5037M Datasheet HTML 1Page - Fairchild Semiconductor FAN5037M Datasheet HTML 2Page - Fairchild Semiconductor FAN5037M Datasheet HTML 3Page - Fairchild Semiconductor FAN5037M Datasheet HTML 4Page - Fairchild Semiconductor FAN5037M Datasheet HTML 5Page - Fairchild Semiconductor FAN5037M Datasheet HTML 6Page - Fairchild Semiconductor FAN5037M Datasheet HTML 7Page - Fairchild Semiconductor FAN5037M Datasheet HTML 8Page - Fairchild Semiconductor FAN5037M Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
PRODUCT SPECIFICATION
FAN5037
REV. 1.0.3 9/26/01
3
Electrical Characteristics
(VCCA = 5V, VCCP = 12V, TA = 25
°C using circuit of Figure 1, unless otherwise noted)
The • denotes specifications which apply over the full ambient operating temperature range.
Notes:
1. Total DC accuracy includes setpoint accuracy, temperature drift, line and load regulation.
2. The on-time pulse width of the oscillator is set via external capacitor CEXT.
Parameter
Conditions
Min.
Typ.
Max.
Units
Output Voltage
1.2
3.6
V
Output Temperature Drift
TA = 0˚C–70˚C
40
ppm/˚C
Line Regulation
VCCA = 4.75 to 5.25V, ILOAD = 13A
3
5
mV
Load Regulation
ILOAD = 0 to 5A or 5A to 13A
30
43
mV
VOUT PSRR
VCCA = 4.75 to 5.25V
60
dB
Output Ripple, peak-peak
20MHz BW, ILOAD = 13A
15
mV
Total DC Accuracy1
±55
±100
mV
Efficiency
ILOAD = 5A
80
85
%
Output Driver Current
Open Loop
0.5
A
Short Circuit Threshold Voltage
70
90
100
mV
Undervoltage Lockout
3.5
4.0
4.5
V
On Time Pulse Width2
CEXT = 180pF
3.5
µs
VCCA Supply Current
Independent of load
515
mA
VCCP Supply Current
ILOAD = 13A
20
25
mA


Número de pieza similar - FAN5037M

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FAN5037M FAIRCHILD-FAN5037M Datasheet
106Kb / 11P
   Adjustable Switching Regulator Controller
More results

Descripción similar - FAN5037M

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
FAN5037 FAIRCHILD-FAN5037 Datasheet
101Kb / 11P
   Adjustable Switching Regulator Controller
RC5037 FAIRCHILD-RC5037 Datasheet
81Kb / 12P
   Adjustable Switching Regulator Controller
FAN5037M FAIRCHILD-FAN5037M Datasheet
106Kb / 11P
   Adjustable Switching Regulator Controller
logo
Fujitsu Component Limit...
MB3775 FUJITSU-MB3775 Datasheet
485Kb / 25P
   SWITCHING REGULATOR CONTROLLER
logo
Seiko Instruments Inc
S-8533A125FT-TB-X SII-S-8533A125FT-TB-X Datasheet
1Mb / 33P
   SWITCHING REGULATOR CONTROLLER
logo
Agamem Microelectronic ...
AA18380 AGAMEM-AA18380 Datasheet
489Kb / 14P
   Switching Regulator Controller
logo
Fujitsu Component Limit...
MB3776A FUJITSU-MB3776A Datasheet
148Kb / 16P
   Switching Regulator Controller
MB3788 FUJITSU-MB3788 Datasheet
750Kb / 21P
   SWITCHING REGULATOR CONTROLLER
logo
Hitachi Semiconductor
HA17524P HITACHI-HA17524P Datasheet
88Kb / 18P
   Switching Regulator Controller
logo
Fujitsu Component Limit...
MB3769A FUJITSU-MB3769A_06 Datasheet
938Kb / 29P
   SWITCHING REGULATOR CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com