Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2N2369 Datasheet(PDF) 1 Page - Continental Device India Limited

No. de pieza 2N2369
Descripción Electrónicos  NPN SILICON PLANAR EPITAXIAL TRANSISTORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CDIL [Continental Device India Limited]
Página de inicio  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

2N2369 Datasheet(HTML) 1 Page - Continental Device India Limited

  2N2369 Datasheet HTML 1Page - Continental Device India Limited 2N2369 Datasheet HTML 2Page - Continental Device India Limited 2N2369 Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
NPN SILICON PLANAR EPITAXIAL TRANSISTORS
2N2369
2N2369A
TO-18
APPLICATIONS
2N2369/A are NPN Silicon High Speed Saturated Switching, Transistors With
Low Power & High Speed Switching Applications.
ABSOLUTE MAXIMUM RATINGS
DESCRIPTION
SYMBOL
VALUE
UNIT
Collector -Emitter Voltage
VCEO
15
V
Collector -Emitter Voltage
VCES
40
V
Collector -Base Voltage
VCBO
40
V
Emitter -Base Voltage
VEBO
4.5
V
Collector Current Continuous
IC
200
mA
Collector Current Peak(10us pulse)
IC(peak)
500
mA
Power Dissipation@ Ta=25 degC
PD
360
mW
Derate Above 25 deg C
2.06
mW/deg C
@Tc=25 deg C
PD
1.2
W
@Tc=100 deg C
PD
0.68
W
Derate Above100 deg C
6.85
mW/deg C
Operating And Storage Junction
Tj, Tstg
-65 to +200
deg C
Temperature Range
ELECTRICAL CHARACTERISTICS (Ta=25 deg C Unless Otherwise Specified)
DESCRIPTION
SYMBOL
TEST CONDITION
2N2369
2N2369A
UNIT
Collector -Emitter Voltage
VCEO*(sus)IC=10mA, IB=0
>15
>15
V
Collector -Emitter Voltage
VCES
IC=10uA, VBE=0
>40
>40
V
Collector -Base Voltage
VCBO
IC=10uA, IE=0
>40
>40
V
Emitter -Base Voltage
VEBO
IE=10uA, IC=0
>4.5
>4.5
V
Collector-Cut off Current
ICBO
VCB=20V, IE=0
<400
-
nA
VCB=20V, IE=0, Ta=150 deg C
<30
-
uA
ICES
VCE=20V, VBE=0
-
<400
nA
Base Current
IB
VCE=20V, VBE=0
-
<400
nA
Collector Emitter Saturation Voltage
VCE(Sat)* IC=10mA,IB=1mA
<0.25
<0.20
V
IC=30mA,IB=3mA
-
<0.25
V
IC=100mA,IB=10mA
-
<0.50
V
IC=10mA,IB=1mA,Ta= +125 deg C
-
<0.30
V
Base Emitter Saturation Voltage
VBE(Sat) * IC=10mA,IB=1mA
0.7-0.85
0.7-0.85
V
IC=30mA,IB=3mA
-
<1.15
V
IC=100mA,IB=10mA
-
<1.60
V
IC=10mA,IB=1mA,Ta= +125 deg C
-
>0.59
V
IC=10mA,IB=1mA, Ta= -55 deg C
-
<1.02
V
DC Current
hFE*
IC=10mA, VCE=1V
40-120
40-120
IC=10mA,VCE=1V, Ta= -55 deg C
>20
-
IC=10mA,VCE=0.35V, Ta= -55 deg C
-
>20
Continental Device India Limited
Data Sheet
Page 1 of 3
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Número de pieza similar - 2N2369

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
2N2369 MOTOROLA-2N2369 Datasheet
291Kb / 6P
   Switching Transistors
logo
NXP Semiconductors
2N2369 PHILIPS-2N2369 Datasheet
52Kb / 8P
   NPN switching transistor
1997 Jun 20
logo
STMicroelectronics
2N2369 STMICROELECTRONICS-2N2369 Datasheet
44Kb / 4P
   HIGH-FREQUENCY SATURATED SWITCH
January 1989
logo
Boca Semiconductor Corp...
2N2369 BOCA-2N2369 Datasheet
44Kb / 2P
   NPN SILICON PLANAR EPITAXIAL TRANSISTORS
logo
Seme LAB
2N2369 SEME-LAB-2N2369 Datasheet
14Kb / 1P
   Bipolar NPN Device in a Hermetically sealed TO18 Metal Package.
More results

Descripción similar - 2N2369

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Micro Electronics
MPS6512 MICRO-ELECTRONICS-MPS6512 Datasheet
179Kb / 2P
   NPN SILICON PLANAR EPITAXIAL TRANSISTORS
logo
SEMTECH ELECTRONICS LTD...
MPSA13 SEMTECH_ELEC-MPSA13 Datasheet
130Kb / 1P
   NPN Silicon Epitaxial Planar Transistors
logo
Rectron Semiconductor
BC546 RECTRON-BC546 Datasheet
93Kb / 3P
   NPN Silicon Planar Epitaxial Transistors
logo
Continental Device Indi...
CLD667 CDIL-CLD667 Datasheet
123Kb / 4P
   NPN SILICON PLANAR EPITAXIAL TRANSISTORS
MPSA42 CDIL-MPSA42 Datasheet
195Kb / 3P
   NPN EPITAXIAL PLANAR SILICON TRANSISTORS
MPS8098 CDIL-MPS8098 Datasheet
258Kb / 4P
   NPN SILICON PLANAR EPITAXIAL TRANSISTORS
BC549 CDIL-BC549 Datasheet
360Kb / 5P
   NPN SILICON PLANAR EPITAXIAL TRANSISTORS
CN652 CDIL-CN652 Datasheet
146Kb / 5P
   NPN SILICON PLANAR EPITAXIAL TRANSISTORS
MPS2222 CDIL-MPS2222 Datasheet
198Kb / 5P
   NPN SILICON PLANAR EPITAXIAL TRANSISTORS
BC300 CDIL-BC300 Datasheet
133Kb / 3P
   NPN EPITAXIAL PLANAR SILICON TRANSISTORS
logo
First Components Intern...
BC847 FCI-BC847 Datasheet
146Kb / 1P
   NPN Silicon Planar Epitaxial Transistors
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com