Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2N2221A Datasheet(PDF) 3 Page - Continental Device India Limited

No. de pieza 2N2221A
Descripción Electrónicos  NPN SILICON PLANAR SWITCHING TRANSISTORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CDIL [Continental Device India Limited]
Página de inicio  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

2N2221A Datasheet(HTML) 3 Page - Continental Device India Limited

  2N2221A Datasheet HTML 1Page - Continental Device India Limited 2N2221A Datasheet HTML 2Page - Continental Device India Limited 2N2221A Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
TO-18 Metal Can Package
Disclaimer
The product information and the selection guides facilitate selection of the CDIL's Discrete Semiconductor Device(s) best suited
for application in your product(s) as per your requirement. It is recommended that you completely review our Data Sheet(s) so as
to confirm that the Device(s) meet functionality parameters for your application. The information furnished on the CDIL Web
Site/CD is believed to be accurate and reliable. CDIL however, does not assume responsibility for inaccuracies or incomplete
information. Furthermore, CDIL does not assume liability whatsoever, arising out of the application or use of any CDIL product;
neither does it convey any license under its patent rights nor rights of others. These products are not designed for use in life
saving/support appliances or systems. CDIL customers selling these products (either as individual Discrete Semiconductor
Devices or incorporated in their end products), in any life saving/support appliances or systems or applications do so at their own
risk and CDIL will not be responsible for any damages resulting from such sale(s).
CDIL strives for continuous improvement and reserves the right to change the specifications of its products without prior notice.
CDIL is a registered Trademark of
Continental Device India Limited
C-120 Naraina Industrial Area, New Delhi 110 028, India.
Telephone + 91-11-2579 6150, 5141 1112 Fax + 91-11-2579 5290, 5141 1119
email@cdil.com
www.cdilsemi.com
G
1
2
3
H
J
L
A
D
B
DIM
M IN
M A X
A
5.24
5.84
B
4.52
4.97
C
4.31
5.33
D
0.40
0.53
E—
0.76
F—
1.27
G—
2.97
H
0.91
1.17
J
0.71
1.21
K12.70
L45 DE G
PIN CONFIGURATION
1. EM ITTER
2. BASE
3. COLLECTOR
1
2
3
TO-18
1K/polybag
350 gm/1K pcs
3" x 7.5" x 7.5"
5.0K
17" x 15" x 13.5"
80.0K
34 kgs
PACKAGE
Net Weight/Qty
Details
STANDARD PACK
INNER CARTON BOX
Qty
OUTER CARTON BOX
Qty
Gr Wt
Size
Size
Packing Detail
Continental Device India Limited
Data Sheet
Page 3 of 3


Número de pieza similar - 2N2221A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Siemens Semiconductor G...
2N2221A SIEMENS-2N2221A Datasheet
116Kb / 4P
   NPN SILICON PLANAR TRANSISTORS
logo
Comset Semiconductor
2N2221A COMSET-2N2221A Datasheet
84Kb / 4P
   SWITCHING SILICON TRANSISTORS
logo
Fairchild Semiconductor
2N2221A FAIRCHILD-2N2221A Datasheet
378Kb / 10P
   NPN Small Signal General Purpose Amplifiers
logo
Microsemi Corporation
2N2221A MICROSEMI-2N2221A Datasheet
142Kb / 6P
   NPN SILICON SWITCHING TRANSISTOR Qualified per MIL-PRF-19500/255
logo
Boca Semiconductor Corp...
2N2221A BOCA-2N2221A Datasheet
53Kb / 3P
   NPN SILICON PLANAR SWITCHING TRANSISTORS
More results

Descripción similar - 2N2221A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Continental Device Indi...
2N2221 CDIL-2N2221 Datasheet
273Kb / 4P
   NPN SILICON PLANAR SWITCHING TRANSISTORS
logo
Boca Semiconductor Corp...
2N2904A BOCA-2N2904A Datasheet
43Kb / 2P
   NPN SILICON PLANAR SWITCHING TRANSISTORS
logo
Continental Device Indi...
P2N2222 CDIL-P2N2222 Datasheet
245Kb / 4P
   NPN SILICON PLANAR SWITCHING TRANSISTORS
logo
Boca Semiconductor Corp...
2N2218A BOCA-2N2218A Datasheet
56Kb / 3P
   NPN SILICON PLANAR SWITCHING TRANSISTORS
logo
TRANSYS Electronics Lim...
PN2222 TEL-PN2222 Datasheet
87Kb / 3P
   NPN SILICON PLANAR SWITCHING TRANSISTORS
logo
Boca Semiconductor Corp...
2N2221A BOCA-2N2221A Datasheet
53Kb / 3P
   NPN SILICON PLANAR SWITCHING TRANSISTORS
logo
New Jersey Semi-Conduct...
2N2221A NJSEMI-2N2221A Datasheet
227Kb / 3P
   NPN SILICON PLANAR SWITCHING TRANSISTORS
logo
Continental Device Indi...
2N2218A CDIL-2N2218A Datasheet
213Kb / 3P
   NPN SILICON PLANAR SWITCHING TRANSISTORS
PN2222 CDIL-PN2222 Datasheet
268Kb / 4P
   NPN SILICON PLANAR SWITCHING TRANSISTORS
logo
TRANSYS Electronics Lim...
P2N2222 TEL-P2N2222 Datasheet
86Kb / 3P
   NPN SILICON PLANAR SWITCHING TRANSISTORS
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com