Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SMD02016-4 Datasheet(PDF) 2 Page - PETERMANN-TECHNIK

No. de pieza SMD02016-4
Descripción Electrónicos  SMD QUARTZ CRYSTAL SERIES SMD02016
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PETERMANN [PETERMANN-TECHNIK]
Página de inicio  http://www.petermann-technik.de
Logo PETERMANN - PETERMANN-TECHNIK

SMD02016-4 Datasheet(HTML) 2 Page - PETERMANN-TECHNIK

  SMD02016-4_14 Datasheet HTML 1Page - PETERMANN-TECHNIK SMD02016-4_14 Datasheet HTML 2Page - PETERMANN-TECHNIK SMD02016-4_14 Datasheet HTML 3Page - PETERMANN-TECHNIK  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DIMENSIONS
Frequency in MHz
Vibration mode
ESR max. in Ω
24.0 ~ 36.0 MHz
AT Fund.
100
36.0 ~ 60.0 MHz
AT Fund.
60
RESONANCE RESISTANCE
PETERMANN-TECHNIK GmbH
Lechwiesenstr. 13
D-86899 Landsberg am Lech
Fon: +49/8191/305395
Fax: +49/8191/305397
www.petermann-technik.com
info@petermann-technik.com
REFLOW SOLDER PROFILE
Premium Quality by
PETERMANN-TECHNIK
CRYSTALS
OSCILLATORS
CERAMIC RESONATORS
CERAMIC FILTERS
SAW COMPONENTS
Spec.01 • REV.01 • November 2013
ISO 9001:2008


Número de pieza similar - SMD02016-4_14

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
PETERMANN-TECHNIK
SMD02016-4 PETERMANN-SMD02016-4 Datasheet
75Kb / 2P
   TIGHT TOLERANCE / TIGHT STABILITY AVAILABLE
More results

Descripción similar - SMD02016-4_14

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Jauch Quartz Gmbh
JXG32P4 JAUCH-JXG32P4 Datasheet
122Kb / 2P
   SMD Quartz Crystal
JXS32 JAUCH-JXS32 Datasheet
147Kb / 2P
   SMD Quartz Crystal
logo
Oscilent Corporation
290-12.0M-SR-05GP OSCILENT-290-12.0M-SR-05GP Datasheet
147Kb / 3P
   SMD Quartz Crystal
264-12.0M-20-S-TR OSCILENT-264-12.0M-20-S-TR Datasheet
133Kb / 2P
   SMD Quartz Crystal
268-12.0M-20-S-TR OSCILENT-268-12.0M-20-S-TR Datasheet
133Kb / 2P
   SMD Quartz Crystal
logo
Jauch Quartz Gmbh
MG3A JAUCH-MG3A Datasheet
73Kb / 2P
   SMD Quartz Crystal
logo
ECS, Inc.
ECX-UM-1R ECS-ECX-UM-1R Datasheet
282Kb / 1P
   SMD QUARTZ CRYSTAL
CSM-7X ECS-CSM-7X_14 Datasheet
176Kb / 2P
   SMD Quartz Crystal
ECX-33Q ECS-ECX-33Q Datasheet
660Kb / 2P
   SMD QUARTZ CRYSTAL
ECX-19A ECS-ECX-19A Datasheet
435Kb / 1P
   SMD QUARTZ CRYSTAL
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com