Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2SJ462 Datasheet(PDF) 4 Page - NEC

No. de pieza 2SJ462
Descripción Electrónicos  P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR HIGH SPEED SWITCHING
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NEC [NEC]
Página de inicio  http://www.nec.com/
Logo NEC - NEC

2SJ462 Datasheet(HTML) 4 Page - NEC

  2SJ462 Datasheet HTML 1Page - NEC 2SJ462 Datasheet HTML 2Page - NEC 2SJ462 Datasheet HTML 3Page - NEC 2SJ462 Datasheet HTML 4Page - NEC 2SJ462 Datasheet HTML 5Page - NEC 2SJ462 Datasheet HTML 6Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
2SJ462
4
SWITCHING CHARACTERISTICS
ID - Draint Current - A
–0.1
–1
–10
VDD = –3 V
VGS(on) = –3 V
Rin = 10
10
100
1000
tr
td(on)
tf
td(off)
SOURCE TO DRAIN DIODE
FORWARD VOLTAGE
VSD - Source to Drain Voltage - V
–0.4
–0.6
–0.8
–1.0
–1.2
–1.4
–0.001
–0.01
–0.1
–1
–10
DRAIN CURRENT vs.
DRAIN TO SOURCE VOLTAGE
VGS - Gate to Source Voltage - V
0
–2
–4
–6
–8
–10
0
0.1
0.2
0.3
ID = –2.5 A
–1.0 A
–0.5 A
DRAIN TO SOURCE ON-STATE RESISTANCE vs.
DRAIN CURRENT
ID - Drain Current - A
–0.001
–0.01
–0.1
–1
–10
0.2
0
0.1
0.3
0.4
0.5
0.6
TA = 125 ˚C
75 ˚C
25 ˚C
–25 ˚C
VGS = –4 V
CAPACITANCE vs.
DRAIN TO SOURCE VOLTAGE
VDS - Drain to Source Voltage - V
–0.1
–1
–10
1
10
0.1
VGS = 0
f = 1 MHz
Ciss
Coss
Crss
DYNAMIC INPUT/OUTPUT CHARACTERISTICS
QG - Gate Charge - nC
0
8
16
24
32
40
0
4
8
12
0
2
4
8
VDS
VGS
VDS = –8 V
ID = –2.5 A


Número de pieza similar - 2SJ462

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
2SJ462 RENESAS-2SJ462 Datasheet
266Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
1996
More results

Descripción similar - 2SJ462

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NEC
2SJ461 NEC-2SJ461 Datasheet
278Kb / 6P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR HIGH SPEED SWITCHING
UPA610TA NEC-UPA610TA Datasheet
64Kb / 8P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR HIGH SPEED SWITCHING
2SJ463A NEC-2SJ463A Datasheet
63Kb / 8P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR HIGH SPEED SWITCHING
2SJ460 NEC-2SJ460 Datasheet
294Kb / 6P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR HIGH SPEED SWITCHING
2SJ559 NEC-2SJ559 Datasheet
50Kb / 8P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR HIGH SPEED SWITCHING
logo
Renesas Technology Corp
2SJ460 RENESAS-2SJ460 Datasheet
450Kb / 9P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR HIGH SPEED SWITCHING
1995
logo
NEC
UPA1916 NEC-UPA1916 Datasheet
62Kb / 8P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA653TT NEC-UPA653TT Datasheet
70Kb / 8P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA678TB NEC-UPA678TB Datasheet
60Kb / 6P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
2SJ557 NEC-2SJ557 Datasheet
62Kb / 8P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com