Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

1N4477 Datasheet(PDF) 1 Page - Continental Device India Limited

No. de pieza 1N4477
Descripción Electrónicos  SILICON GLASS PASSIVATED 1.5 WATT ZENER DIODES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CDIL [Continental Device India Limited]
Página de inicio  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

1N4477 Datasheet(HTML) 1 Page - Continental Device India Limited

  1N4477 Datasheet HTML 1Page - Continental Device India Limited 1N4477 Datasheet HTML 2Page - Continental Device India Limited 1N4477 Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SILICON GLASS PASSIVATED 1.5 WATT ZENER DIODES
1N4477
DO-41
Glass Axial Package
Use in Automotive, Industrial, Commerical Entertainment and Computer Applications
ABSOLUTE MAXIMUM RATINGS
DESCRIPTION
SYMBOL
VZ Tolerances
Power Dissipation at Ta=25ºC
PD
Operating Temperature
Tj
Storage Temperature
Tstg
TL
Thermal Impedance
ELECTRICAL CHARACTERISTICS Ta=25ºC VF <1.2V at 200mA and <1.5V at 1.0A
Device #
Nominal
Test
Maximum
Maximum
Continuous
Maximum Surge
Zener
Current
Dynamic
Current
Voltage
Impedance
VZ
IZT
ZZT at IZT
IR
at
VR
IZM
(V)
(mA)
(
Ω)
(
Ω)
(mA)
(
µµA)
(V)
(mA)
1N4477
33
7.5
25
800
0.25
0.05
26.4
43
1N4477REV040506E
UNIT
W
ºC
Maximum Knee
Impedance
VALUE
1.5
- 65 to +200
4.5
Thermal Resistance Junction to Lead at 3/8"
(10mm) from body
42
ºC/W
- 65 to +175
ºC
ºC/W
+5.0
%
ZZK at IZK
Maximum Reverse
Current
Current
IZSM at Ta=25ºC
Amps
0.43
Continental Device India Limited
Data Sheet
Page 1 of 3
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Número de pieza similar - 1N4477

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microsemi Corporation
1N4477 MICROSEMI-1N4477 Datasheet
64Kb / 2P
   1.5 WATT GLASS ZENER DIODES
logo
Central Semiconductor C...
1N4477 CENTRAL-1N4477 Datasheet
92Kb / 2P
   1.5 WATT ZENER DIODE
logo
Semtech Corporation
1N4477 SEMTECH-1N4477 Datasheet
42Kb / 3P
   Axial Leaded, Hermetically Sealed, 1.5 WATT Voltage Regulators
logo
EIC discrete Semiconduc...
1N4477 EIC-1N4477 Datasheet
108Kb / 2P
   SILICON ZENER DIODES
logo
Sensitron
1N4477 SENSITRON-1N4477 Datasheet
74Kb / 2P
   Zener 1.5W DIODE
More results

Descripción similar - 1N4477

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Microsemi Corporation
1N4460 MICROSEMI-1N4460 Datasheet
64Kb / 2P
   1.5 WATT GLASS ZENER DIODES
logo
TRANSYS Electronics Lim...
1N4728A TEL-1N4728A Datasheet
162Kb / 3P
   SILICON GLASS PASSIVATED 1.0 WATT ZENER DIODES
logo
Continental Device Indi...
ZY75 CDIL-ZY75 Datasheet
80Kb / 3P
   SILICON GLASS PASSIVATED 2.0 WATT ZENER DIODES
1N4728A CDIL-1N4728A Datasheet
154Kb / 4P
   SILICON GLASS PASSIVATED 1.0 WATT ZENER DIODES
logo
New Jersey Semi-Conduct...
1N5913B NJSEMI-1N5913B Datasheet
125Kb / 1P
   SILICON 1.5 WATT ZENER DIODES
logo
Microsemi Corporation
1N5913B MICROSEMI-1N5913B Datasheet
89Kb / 3P
   SILICON 1.5 WATT ZENER DIODES
logo
Taiwan Semiconductor Co...
1N4740A TSC-1N4740A_13 Datasheet
279Kb / 7P
   1.0 Watt Glass Passivated Junction Silicon Zener Diodes
logo
First Silicon Co., Ltd
SZAF220 FS-SZAF220 Datasheet
144Kb / 4P
   GLASS PASSIVATED JUNCTION Zener voltage regulator diodes 1.5 Watt Steady State
logo
Microsemi Corporation
1N6485 MICROSEMI-1N6485 Datasheet
130Kb / 2P
   1.5 WATT ZENER DIODES
JANS1N6490US MICROSEMI-JANS1N6490US Datasheet
130Kb / 2P
   1.5 WATT ZENER DIODES
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com