Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD1861 Datasheet(PDF) 7 Page - Analog Devices

No. de pieza AD1861
Descripción Electrónicos  16-Bit/18-Bit, 16 3 FS PCM Audio DACs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD1861 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD1861 Datasheet HTML 3Page - Analog Devices AD1861 Datasheet HTML 4Page - Analog Devices AD1861 Datasheet HTML 5Page - Analog Devices AD1861 Datasheet HTML 6Page - Analog Devices AD1861 Datasheet HTML 7Page - Analog Devices AD1861 Datasheet HTML 8Page - Analog Devices AD1861 Datasheet HTML 9Page - Analog Devices AD1861 Datasheet HTML 10Page - Analog Devices AD1861 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
AD1851/AD1861
REV. A
–7–
AD1851 DIGITAL CIRCUIT CONSIDERATIONS
AD1851 Input Data
Data is transmitted to the AD1851 in a bit stream composed of
16-bit words with a serial, MSB first format. Three signals
must be present to achieve proper operation. They are the
Data, Clock and Latch Enable (LE) signals. Input data bits are
clocked into the input register on the rising edge of the Clock
signal. The LSB is clocked in on the 16th clock pulse. When all
data bits are loaded, a low-going Latch Enable pulse updates
the DAC input. Figure 5 illustrates the general signal require-
ments for data transfer to the AD1851.
DATA
CLOCK
LATCH
S
M
B
L
S
B
Figure 5. Signal Requirements for AD1851
Figure 6 illustrates the specific timing requirements that must
be met in order for the data transfer to be accomplished prop-
erly. The input pins of the AD1851 are both TTL and 5 V
CMOS compatible. The input requirements illustrated in Fig-
ures 5 and 6 are compatible with data outputs provided by
popular DSP filter chips used in digital audio playback systems.
The AD1851 input clock can run at a 12.5 MHz rate. This
clock rate will allow data transfer rates for 2 , 4
or 8
or
16
oversampling reconstructions.
>40ns
>40ns
>30ns
>30ns
>15ns
>40ns
DATA
CLOCK
LATCH
>15ns
>30ns
>80.0ns
>15ns
Figure 6. Timing Relationships of AD1851 Input Signals
AD1861 DIGITAL CIRCUIT CONSIDERATIONS
AD1861 Input Data
Data is transmitted to the AD1861 in a bit stream composed of
18-bit words with a serial, MSB first format. Three signals
must be present to achieve proper operation. They are the
Data, Clock and Latch Enable (LE) signals. Input data bits are
clocked into the input register on the rising edge of the Clock
signal. The LSB is clocked in on the 18th clock pulse. When all
data bits are loaded, a low-going Latch Enable pulse updates
the DAC input. Figure 7 illustrates the general signal require-
ments for data transfer to the AD1861.
DATA
CLOCK
LATCH
L
S
B
M
B
S
Figure 7. Signal Requirements for AD1861
Figure 8 illustrates the specific timing requirements that must
be met in order for the data transfer to be accomplished prop-
erly. The input pins of the AD1861 are both TTL and 5 V
CMOS compatible. The input requirements illustrated in Fig-
ures 7 and 8 are compatible with data outputs provided by
popular DSP filter chips used in digital audio playback systems.
The AD1861 input clock can run at a 13.5 MHz rate. This
clock rate will allow data transfer rates for 2 , 4
or 8
or
16
oversampling reconstructions.
>40ns
>40ns
>30ns
>30ns
>15ns
>40ns
DATA
CLOCK
LATCH
>15ns
>30ns
>74.1ns
>15ns
Figure 8. Timing Relationships of AD1861 Input Signals


Número de pieza similar - AD1861

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD1861 AD-AD1861 Datasheet
197Kb / 12P
   16-Bit/18-Bit, 16 X Fs PCM Audio DACs
REV. A
AD1861 AD-AD1861 Datasheet
127Kb / 12P
   16-Bit/18-Bit, 16x3 FS PCM Audio DACs
REV. A
AD1861N AD-AD1861N Datasheet
197Kb / 12P
   16-Bit/18-Bit, 16 X Fs PCM Audio DACs
REV. A
AD1861N AD-AD1861N Datasheet
200Kb / 12P
   16-Bit/18-Bit, 16 3 FS PCM Audio DACs
REV. A
AD1861N AD-AD1861N Datasheet
127Kb / 12P
   16-Bit/18-Bit, 16x3 FS PCM Audio DACs
REV. A
More results

Descripción similar - AD1861

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD1851RZ-J AD-AD1851RZ-J Datasheet
200Kb / 12P
   16-Bit/18-Bit, 16 3 FS PCM Audio DACs
REV. A
AD1851 AD-AD1851_15 Datasheet
200Kb / 12P
   16-Bit/18-Bit, 16 FS PCM Audio DACs
REV. A
AD1851 AD-AD1851 Datasheet
197Kb / 12P
   16-Bit/18-Bit, 16 X Fs PCM Audio DACs
REV. A
AD1851RZ-REEL7 AD-AD1851RZ-REEL7 Datasheet
127Kb / 12P
   16-Bit/18-Bit, 16x3 FS PCM Audio DACs
REV. A
AD1861 AD-AD1861_15 Datasheet
200Kb / 12P
   16-Bit/18-Bit, 16FS PCM Audio DACs
REV. A
AD1856 AD-AD1856 Datasheet
870Kb / 8P
   16-BIT PCM Audio DAC
REV. B
AD1865N-K AD-AD1865N-K Datasheet
693Kb / 12P
   Complete Dual 18-Bit 16 x FS Audio DAC
REV. 0
AD1865 AD-AD1865 Datasheet
149Kb / 12P
   Complete Dual 18-Bit 16 x Fs Audio DAC
REV. 0
logo
Sipex Corporation
HS7516 SIPEX-HS7516 Datasheet
127Kb / 8P
   16-Bit Multiplying DACs
logo
Maxim Integrated Produc...
MAX5621 MAXIM-MAX5621 Datasheet
533Kb / 16P
   16-Bit DACs with 16-Channel
Rev 1; 2/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com